Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-1000C34-M5T1G Datasheet(PDF) 23 Page - Seiko Instruments Inc

Part # S-1000C34-M5T1G
Description  ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1000C34-M5T1G Datasheet(HTML) 23 Page - Seiko Instruments Inc

Back Button S-1000C34-M5T1G Datasheet HTML 19Page - Seiko Instruments Inc S-1000C34-M5T1G Datasheet HTML 20Page - Seiko Instruments Inc S-1000C34-M5T1G Datasheet HTML 21Page - Seiko Instruments Inc S-1000C34-M5T1G Datasheet HTML 22Page - Seiko Instruments Inc S-1000C34-M5T1G Datasheet HTML 23Page - Seiko Instruments Inc S-1000C34-M5T1G Datasheet HTML 24Page - Seiko Instruments Inc S-1000C34-M5T1G Datasheet HTML 25Page - Seiko Instruments Inc S-1000C34-M5T1G Datasheet HTML 26Page - Seiko Instruments Inc S-1000C34-M5T1G Datasheet HTML 27Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.2.3_00
S-1000 Series
Seiko Instruments Inc.
23
3. Change of detection voltage
In Nch open-drain output products of the S-1000 series, detection voltage can be changed using resistance dividers or
diodes as shown in Figures 29 to 30. In Figure 29, hysteresis width also changes.
(Nch open-drain
output products)
RA
*1
OUT
VIN
VSS
VDD
+
S-1000N
RB
C
*1
DET
B
B
A
V
R
R
R
voltagae
Detection
+
=
HYS
B
B
A
V
R
R
R
width
Hysterisis
+
=
(Nch open-drain
output product)
Vf1
OUT
VIN
VSS
VDD
S-1000N
Vf2
Detection voltage = Vf1+Vf2+(
−VDET)
Figure 30
*1.
RA should be 75 k
Ω or less, and C should be 0.01 µF
or more to prevent oscillation.
If C is not connected, RA should be 800
Ω or less.
Caution If RA and RB are large, the hysteresis width
may also be larger than the value given by
the above equation due to the through-type
current (which flows slightly in an Nch
open-drain product).
Figure 29
Caution The above connection diagram and constants do not guarantee correct operation. Perform sufficient
evaluation using the actual application to set the constants.


Similar Part No. - S-1000C34-M5T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1000C34-M5T1X ABLIC-S-1000C34-M5T1X Datasheet
580Kb / 38P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.3.1_02
More results

Similar Description - S-1000C34-M5T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1000 ABLIC-S-1000 Datasheet
580Kb / 38P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-80830C SII-S-80830C Datasheet
672Kb / 54P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S801 SII-S801 Datasheet
457Kb / 34P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
SHANGHAI BELLING CO., L...
BL8509B BELLING-BL8509B Datasheet
288Kb / 10P
   Ultra-small package High-precision Voltage Detector with delay
logo
AiT Semiconductor Inc.
A4806 AITSEMI-A4806 Datasheet
488Kb / 11P
   SUPERVISOR (RESET IC) ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
REV2.0
logo
Seiko Instruments Inc
S-80833CNMC SII-S-80833CNMC Datasheet
692Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-808XXC SII-S-808XXC Datasheet
702Kb / 58P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-80819CNMC-B8ET2G SII-S-80819CNMC-B8ET2G Datasheet
692Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
ABLIC Inc.
S-808XXC ABLIC-S-808XXC Datasheet
676Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.6.2_02
logo
Leshan Radio Company
LR8803 LRC-LR8803 Datasheet
453Kb / 10P
   Ultra-Small High-Precision Low Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com