Electronic Components Datasheet Search
Selected language     English  ▼


S-1000C35-M5T1G Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part No. S-1000C35-M5T1G
Description  ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Download  38 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SII [Seiko Instruments Inc]
Homepage  http://www.sii.co.jp
Logo 

 
 1 page
background image
Rev.2.3_00
ULTRA-SMALL PACKAGE HIGH-PRECISION
VOLTAGE DETECTOR
S-1000 Series
Seiko Instruments Inc.
1
The S-1000 series is a series of high-precision voltage
detectors developed using CMOS process. The detection
voltage is fixed internally with an accuracy of
±1.0%. It
operates with low current consumption of 350 nA typ. Two
output forms, Nch open-drain and CMOS output, are
available. CMOS voltage detector, S-1000 Series is the most
suitable for the portable equipments with ultra low current
consumption, high precision and corresponding to the small
package.
Features
• Ultra-low current consumption
350 nA typ. (VDD
= detection voltage + 1.5 V)
• High-precision detection voltage
±1.0%
• Operating voltage range
0.95 to 5.5 V
• Hysteresis characteristics
5% typ.
• Detection voltage
1.5 to 4.6 V (0.1 V step)
• Output form
Nch open-drain output (Active “L”)
CMOS output (Active “L”)
• Lead-free products
Applications
• Power monitor for microcomputers and reset for CPUs.
• Power monitor for portable equipments such as cellular phones, digital still cameras and PDAs.
• Constant voltage power monitor for cameras, video equipments and communication devices.
Packages
Drawing code
Package name
Package
Tape
Reel
Land
SC-82AB
NP004-A
NP004-A
NP004-A
SOT-23-5
MP005-A
MP005-A
MP005-A
SNT-4A
PF004-A
PF004-A
PF004-A
PF004-A




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
S-801ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT INTERNAL DELAY TIME SETTING 1 2 3 4 5 MoreSeiko Instruments Inc
S-808XXCSUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR 1 2 3 4 5 MoreSeiko Instruments Inc
SDP8314-301SDP Series Optoschmitt Detector Side-looking Plastic Package 1 2 3 4 Honeywell Solid State Electronics Center
TS61Voltage Detector 1 2 3 4 5 MoreTaiwan Semiconductor Company, Ltd
1PMT5.0AT1_05Zener Transient Voltage Suppressor POWERMITE Package 1 2 3 4 5 MoreON Semiconductor
PQ015YZ5MZLow Voltage Operation Low Power-Loss Voltage Regulators SC-63 Package 1 2 3 4 5 MoreSharp Electrionic Components
S-817_1SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR 1 2 3 4 5 MoreSeiko Instruments Inc
NCP400150 mA CMOS Low Iq Low-Dropout Voltage Regulator with Voltage Detector Output 1 2 3 4 5 MoreON Semiconductor
ICL7665S_06CMOS Micropower Over/Under Voltage Detector 1 2 3 4 5 MoreIntersil Corporation
XC6101_1Voltage Detector VDF=1.6V~5.0V 1 2 3 4 5 MoreTorex Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl