Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-1132B25-I6T2G Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S-1132B25-I6T2G
Description  HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1132B25-I6T2G Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S-1132B25-I6T2G Datasheet HTML 1Page - Seiko Instruments Inc S-1132B25-I6T2G Datasheet HTML 2Page - Seiko Instruments Inc S-1132B25-I6T2G Datasheet HTML 3Page - Seiko Instruments Inc S-1132B25-I6T2G Datasheet HTML 4Page - Seiko Instruments Inc S-1132B25-I6T2G Datasheet HTML 5Page - Seiko Instruments Inc S-1132B25-I6T2G Datasheet HTML 6Page - Seiko Instruments Inc S-1132B25-I6T2G Datasheet HTML 7Page - Seiko Instruments Inc S-1132B25-I6T2G Datasheet HTML 8Page - Seiko Instruments Inc S-1132B25-I6T2G Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.3.2_00
S-1132 Series
Seiko Instruments Inc.
3
Product Name Structure
• The product types, output voltage, and package types for the S-1132 Series can be selected at the user’s request.
Refer to the “1. Product name” for the meanings of the characters in the product name and “2. Product name list”
for the full product names.
1. Product name
S-1132
x
xx
xxxx
G
Package name (abbreviation) and packing specifications
*1
M5T1: SOT-23-5, Tape
U5T1: SOT-89-5, Tape
I6T2: SNT-6A(H), Tape
Output voltage
15 to 55
(e.g., when the output voltage is 1.5 V, it is expressed as 15.)
Product type
*2
A: ON/OFF pin negative logic
B: ON/OFF pin positive logic
*1. Refer to the taping specifications at the end of this book.
*2. Refer to 3. Shutdown pin (ON/OFF pin) in the “Operation”.


Similar Part No. - S-1132B25-I6T2G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1132B25-I6T2U ABLIC-S-1132B25-I6T2U Datasheet
591Kb / 35P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.4.2_02
More results

Similar Description - S-1132B25-I6T2G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1135 SII-S-1135 Datasheet
2Mb / 48P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1131 SII-S-1131 Datasheet
451Kb / 29P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1133 SII-S-1133 Datasheet
645Kb / 37P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE-OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1133 ABLIC-S-1133 Datasheet
727Kb / 38P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE-OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-1132B33-U5T1G SII-S-1132B33-U5T1G Datasheet
549Kb / 35P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1132 ABLIC-S-1132 Datasheet
591Kb / 35P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.4.2_02
S-1131 ABLIC-S-1131 Datasheet
463Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.4.1_02
logo
Seiko Instruments Inc
S-1172 SII-S-1172 Datasheet
654Kb / 34P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
Unisonic Technologies
L1136 UTC-L1136_12 Datasheet
290Kb / 9P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
L1136 UTC-L1136 Datasheet
229Kb / 9P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com