Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-1200B53-M5T1G Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-1200B53-M5T1G
Description  HIGH RIPPLE-REJECTION LOW DROPOUT LOW INPUT-AND-OUTPUT CAPACITANCE CMOS VOLTAGE REGULATOR
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1200B53-M5T1G Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-1200B53-M5T1G Datasheet HTML 1Page - Seiko Instruments Inc S-1200B53-M5T1G Datasheet HTML 2Page - Seiko Instruments Inc S-1200B53-M5T1G Datasheet HTML 3Page - Seiko Instruments Inc S-1200B53-M5T1G Datasheet HTML 4Page - Seiko Instruments Inc S-1200B53-M5T1G Datasheet HTML 5Page - Seiko Instruments Inc S-1200B53-M5T1G Datasheet HTML 6Page - Seiko Instruments Inc S-1200B53-M5T1G Datasheet HTML 7Page - Seiko Instruments Inc S-1200B53-M5T1G Datasheet HTML 8Page - Seiko Instruments Inc S-1200B53-M5T1G Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Rev.3.2_00
HIGH RIPPLE-REJECTION LOW DROPOUT
LOW INPUT-AND-OUTPUT CAPACITANCE CMOS VOLTAGE REGULATOR
S-1200 Series
Seiko Instruments Inc.
1
The S-1200 Series is a positive voltage regulator with
a low dropout voltage, high output voltage accuracy
developed based on CMOS technology.
A 0.1
µF small ceramic capacitor can be used. It
operates with low current consumption of 18
µA typ.
A built-in Output current protector prevents the load
current from exceeding the current capacitance of the
output transistor.
Compared with the voltage regulators using the
conventional
CMOS
process,
small
ceramic
capacitors are also available. Furthermore a small
SNT-6A(H) and SOT-23-5 packages realize high-
density mounting.
Features
• Output voltage:
1.5 V to 5.5 V, selectable in 0.1 V steps.
• Low ESR capacitor can be used: A ceramic capacitor of 0.1 µF or more can be used for the output
capacitor.
• Wide input voltage range:
2.0 V to 10.0 V
• High-accuracy output voltage:
±1.0%
• Low dropout voltage:
140 mV typ. (3.0 V output product, IOUT
= 100 mA)
• Low current consumption:
During operation: 18
µA typ., 40 µA max.
During shutdown: 0.01
µA typ., 1.0 µA max.
• Output current:
150 mA output is possible (@ VIN
≥ VOUT(S) + 1.0 V)
*1
• High ripple rejection:
70 dB typ. (@ 1.0 kHz, 1.5 V ≤ VOUT ≤ 3.0 V)
65 dB typ. (@ 1.0 kHz, 3.1 V ≤ VOUT ≤ 5.5 V)
• Built-in overcurrent protector:
Overcurrent of output transistor can be restricted.
• Built-in ON/OFF circuit:
Ensures long battery life.
• Small package:
SOT-23-5, SNT-6A(H)
• Lead-free products
*1. Attention should be paid to the power dissipation of the package when the output current is large.
Applications
• Power supply for battery-powered devices
• Power supply for personal communication devices
• Power supply for home electric/electronic appliances
• Power supply for cellular phones
Packages
Drawing Code
Package Name
Package
Tape
Reel
Land
SNT-6A(H)
PI006-A
PI006-A
PI006-A
PI006-A
SOT-23-5
MP005-A
MP005-A
MP005-A


Similar Part No. - S-1200B53-M5T1G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1200B53-M5T1G SII-S-1200B53-M5T1G Datasheet
1Mb / 37P
   HIGH RIPPLE-REJECTION LOW DROPOUT LOW INPUT-AND-OUTPUT CAPACITANCE CMOS VOLTAGE REGULATOR
More results

Similar Description - S-1200B53-M5T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1200 ABLIC-S-1200 Datasheet
629Kb / 37P
   HIGH RIPPLE-REJECTION LOW DROPOUT LOW INPUT-AND-OUTPUT CAPACITANCE CMOS VOLTAGE REGULATOR
Rev.5.1_02
logo
Seiko Instruments Inc
S1200 SII-S1200 Datasheet
1Mb / 37P
   HIGH RIPPLE-REJECTION LOW DROPOUT LOW INPUT-AND-OUTPUT CAPACITANCE CMOS VOLTAGE REGULATOR
S-1112 SII-S-1112 Datasheet
388Kb / 29P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-L2980 ABLIC-S-L2980 Datasheet
447Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.5.1_02
S-1112 ABLIC-S-1112 Datasheet
494Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.6.1_02
logo
Seiko Instruments Inc
S-L2980 SII-S-L2980_1 Datasheet
327Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1112 SII-S-1112_1 Datasheet
412Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-T111 ABLIC-S-T111 Datasheet
363Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-1170 SII-S-1170 Datasheet
392Kb / 29P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
Unisonic Technologies
L1138 UTC-L1138 Datasheet
234Kb / 8P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com