Electronic Components Datasheet Search |
|
S-812C34BPI-C4OTFG Datasheet(PDF) 1 Page - Seiko Instruments Inc |
|
S-812C34BPI-C4OTFG Datasheet(HTML) 1 Page - Seiko Instruments Inc |
1 / 52 page Rev.4.0_00 HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR S-812C Series Seiko Instruments Inc. 1 The S-812C Series is a high-withstand voltage regulator IC which is developed by using the CMOS technology. This IC is suitable for applications which require withstand because its maximum voltage for operation is as high as 16 V, also for portable device having the low current consumption because this IC not only has the low current consumption but also a power-off circuit. This IC operates stably due to the internal phase compensation circuit so that users are able to use ceramic capacitor as the output capacitor. Features • Low current consumption: Current at operation: Typ. 1.0 µA, Max. 1.8 µA (product with 3.0 V) • Output voltage: 2.0 to 6.0 V, selectable in 0.1 V step. • Output voltage accuracy: ±2.0% • Output current: 50 mA capable (3.0 V output product, VIN=5 V) *1 75 mA capable (5.0 V output product, VIN=7 V) *1 • Dropout voltage: Typ. 120 mV (VOUT = 5.0 V, IOUT = 10 mA) • Built-in Power-off circuit: Selectable if power-off function is available or not. Active high or low in the regulator is selectable. • Short-circuit protection: Selectable with/without short-circuit protection. Short-circuited current 40 mA Typ.: in the product with protection. • Operation voltage: 16 V max. • Lead-free product *1. Attention should be paid to the power dissipation of the package when the load is large. Applications • Power source for home electric/electronic appliances • Power source for battery-powered devices • Power source for communication devices Packages Drawing code Package name Package Tape Reel Zigzag Land SNT-6A(H) PI006-A PI006-A PI006-A PI006-A SOT-23-5 MP005-A MP005-A MP005-A SOT-89-3 UP003-A UP003-A UP003-A SOT-89-5 UP005-A UP005-A UP005-A TO-92 (Bulk) YS003-B TO-92 (Tape and reel) YF003-A YF003-A YF003-A TO-92 (Tape and ammo) YF003-A YZ003-C YZ003-C |
Similar Part No. - S-812C34BPI-C4OTFG |
|
Similar Description - S-812C34BPI-C4OTFG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |