Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-1000C33-I4T1G Datasheet(PDF) 20 Page - Seiko Instruments Inc

Part # S-1000C33-I4T1G
Description  ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1000C33-I4T1G Datasheet(HTML) 20 Page - Seiko Instruments Inc

Back Button S-1000C33-I4T1G Datasheet HTML 16Page - Seiko Instruments Inc S-1000C33-I4T1G Datasheet HTML 17Page - Seiko Instruments Inc S-1000C33-I4T1G Datasheet HTML 18Page - Seiko Instruments Inc S-1000C33-I4T1G Datasheet HTML 19Page - Seiko Instruments Inc S-1000C33-I4T1G Datasheet HTML 20Page - Seiko Instruments Inc S-1000C33-I4T1G Datasheet HTML 21Page - Seiko Instruments Inc S-1000C33-I4T1G Datasheet HTML 22Page - Seiko Instruments Inc S-1000C33-I4T1G Datasheet HTML 23Page - Seiko Instruments Inc S-1000C33-I4T1G Datasheet HTML 24Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-1000 Series
Rev.2.3_00
20
Seiko Instruments Inc.
VOUT(V)
PULL-UP
PULL-UP
×0.1
0
VDD(V)
VDDmin
1.0
2.0 2.5
1.5
3.0 3.5 4.0 4.5 5.0 5.5 6.0
0.60
0.55
0.50
0.45
0.40
0.35
0.30
Pull-up [V]
S-1000N15
Pull-up resistance : 100 k
Ta = -40
°C
Ta = 25
°C
Ta = 85
°C
Remark
VDDmin. is defined by the VDD voltage at which VOUT
goes below 10% of pull-up voltage when the VDD
increase from 0 V.
1.0
2.0 2.5
1.5
3.0 3.5 4.0 4.5 5.0 5.5 6.0
0.60
0.55
0.50
0.45
0.40
0.35
0.30
Pull-up [V]
Pull-up resistance : 100 k
S-1000N46
Ta = 85
°C
Ta = 25
°C
Ta = -40
°C
Figure 21
10. Dynamic response - COUT
0.0001
0.001
0.01
0.1
Load capacitance [
µF]
Ta = 25
°C
S-1000N15
Pull-up to VDD
Pull-up resistance : 100 k
0.00001
0.01
0.001
0.1
1
10
100
tPLH
tPHL
0.00001 0.0001
0.001
0.01
0.001
0.1
1
0.01
0.1
Load capacitance [
µF]
Ta = 25
°C
S-1000C15
tPLH
tPHL
0.00001 0.0001
0.001
0.01
0.001
0.1
1
10
0.01
0.1
Load capacitance [
µF]
Ta = 25
°C
Pull-up to VDD
Pull-up resistance : 100 k
100
tPLH
tPHL
S-1000N46
0.00001 0.0001
0.001
0.01
0.001
0.1
1
0.01
0.1
Load capacitance [
µF]
Ta = 25
°C
S-1000C46
tPLH
tPHL


Similar Part No. - S-1000C33-I4T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1000C33-I4T1U ABLIC-S-1000C33-I4T1U Datasheet
580Kb / 38P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.3.1_02
More results

Similar Description - S-1000C33-I4T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1000 ABLIC-S-1000 Datasheet
580Kb / 38P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-80830C SII-S-80830C Datasheet
672Kb / 54P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S801 SII-S801 Datasheet
457Kb / 34P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
SHANGHAI BELLING CO., L...
BL8509B BELLING-BL8509B Datasheet
288Kb / 10P
   Ultra-small package High-precision Voltage Detector with delay
logo
AiT Semiconductor Inc.
A4806 AITSEMI-A4806 Datasheet
488Kb / 11P
   SUPERVISOR (RESET IC) ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
REV2.0
logo
Seiko Instruments Inc
S-80833CNMC SII-S-80833CNMC Datasheet
692Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-808XXC SII-S-808XXC Datasheet
702Kb / 58P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-80819CNMC-B8ET2G SII-S-80819CNMC-B8ET2G Datasheet
692Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
ABLIC Inc.
S-808XXC ABLIC-S-808XXC Datasheet
676Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.6.2_02
logo
Leshan Radio Company
LR8803 LRC-LR8803 Datasheet
453Kb / 10P
   Ultra-Small High-Precision Low Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com