Electronic Components Datasheet Search |
|
S-1000C33-I4T1G Datasheet(PDF) 13 Page - Seiko Instruments Inc |
|
S-1000C33-I4T1G Datasheet(HTML) 13 Page - Seiko Instruments Inc |
13 / 38 page ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR Rev.2.3_00 S-1000 Series Seiko Instruments Inc. 13 Operation 1. Basic operation: CMOS output (Active “L”) (1) When the power supply voltage (VDD) is higher than the release voltage ( +VDET), the Nch transistor is OFF and the Pch transistor is ON to provide VDD (“H”) at the output. Since the Nch transistor N1 in Figure 14 is OFF, the comparator input voltage is C B A DD C B R R R V ) R R ( + + • + . (2) When the VDD goes below +VDET, the output provides the VDD level, as long as the VDD remains above the detection voltage −VDET. When the VDD falls below −VDET (point A in Figure 15), the Nch transistor becomes ON, the Pch transistor becomes OFF, and the VSS level appears at the output. At this time the Nch transistor N1 in Figure 14 becomes ON, the comparator input voltage is changed to B A DD B R R V R + • . (3) When the VDD falls below the minimum operating voltage, the output becomes undefined, or goes to the VDD when the output is pulled up to the VDD. (4) The VSS level appears when the VDD rises above the minimum operating voltage. The VSS level still appears even when the VDD surpasses −VDET, as long as it does not exceed the release voltage +VDET. (5) When the VDD rises above +VDET (point B in Figure 15), the Nch transistor becomes OFF and the Pch transistor becomes ON to provide VDD level at the output. VREF Pch Nch N1 RC RB RA − + OUT VSS VDD *1 *1 *1 *1. Parasiteic diode Figure 14 Operation 1 |
Similar Part No. - S-1000C33-I4T1G |
|
Similar Description - S-1000C33-I4T1G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |