Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC106 Datasheet(PDF) 1 Page - STMicroelectronics

Part # FC106
Description  Fibre Channel Transceiver 1.0625 GBaud
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FC106 Datasheet(HTML) 1 Page - STMicroelectronics

  FC106 Datasheet HTML 1Page - STMicroelectronics FC106 Datasheet HTML 2Page - STMicroelectronics FC106 Datasheet HTML 3Page - STMicroelectronics FC106 Datasheet HTML 4Page - STMicroelectronics FC106 Datasheet HTML 5Page - STMicroelectronics FC106 Datasheet HTML 6Page - STMicroelectronics FC106 Datasheet HTML 7Page - STMicroelectronics FC106 Datasheet HTML 8Page - STMicroelectronics FC106 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1/32
September 98
Revision 1.2
PRELIMINARY DATA
®
FEATURES
s
Serial Link Transceiver
q
serializer and deserializer
q
implementing the Fibre Channel FC0
and FC1 layers
s
Direct support for 1.0625 GBaud Fibre
Channel (ANSI X3.230-1994) rates
s
Fibre Channel 10-bit Interface (ANSI
TR/X3.18-199X)
s
Direct interfaces to optical tranceivers
s
Plesiochronous mode operation
q
transmitter and receiver clock
frequencies may differ by up to 100 ppm
s
Integrated Fibre Channel 8b/10b
encode/decode (optional use through
JTAG)
s
Byte and word synchronization of
incoming serial stream
s
Supports any DC-balanced encoding
scheme
s
Internal Loop-Back for Self-Test
s
Random Pattern Auto-Test
s
Optional integrated impedance
adaptation to transmission line
characteristics (50 or 75 ohms)
s
TTL compatible parallel I/O’s
s
JTAG Test Access Port
s
0.35
µ CMOS Technology for low cost
and low power
s
PQFP package available in two sizes:
14x14 mm (FC106/14) or 10x10 mm
(FC106/10)
APPLICATIONS
s
Fibre Channel Arbitrated Loop
s
Fibre Channel fabric
s
Transmission schemes encoding
bytes as 10-bit characters to form a
DC-balanced stream
s
High performance backplane
interconnect
REFCLK
10 bits
Parallel Interface
1.0625 Gbaud
Serial data over copper
or optical cables
8 bit / 10 bit
(optional)
CLOCK RECOVERY
DESER IALIZER
BYTE AND WORD
ALIGNEMENT
Receive
Byte
Clock
FC 106
ENCODER
8 bit / 10 bit
(optional)
DECODER
SERIALI ZER
AND CLOCK
FREQUENCY
MULTIPLICATION
FC106
Fibre Channel Transceiver 1.0625 GBaud


Similar Part No. - FC106

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FC106 SANYO-FC106 Datasheet
51Kb / 2P
   NPN Epitaxial Planar Silicon Composite Transistor Switching Applications
More results

Similar Description - FC106

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXB1586AR SONY-CXB1586AR Datasheet
307Kb / 18P
   10 Bit 1.0625 Gbaud Transceiver
logo
Vitesse Semiconductor C...
VSC7126 VITESSE-VSC7126 Datasheet
223Kb / 16P
   1.0625 Gbits/sec Fibre Channel Transceiver
VSC7125 VITESSE-VSC7125 Datasheet
123Kb / 16P
   1.0625 Gbits/sec Fibre Channel Transceiver
logo
Agilent(Hewlett-Packard...
HGLM-1063 HP-HGLM-1063 Datasheet
203Kb / 10P
   Fibre Channel GBaud Optical Link Module
logo
Infineon Technologies A...
V23826-K305-C INFINEON-V23826-K305-C Datasheet
1,012Kb / 9P
   Multimode 850 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 1x9 Transceiver
DECEMBER 2000
V23826-K305-C13 INFINEON-V23826-K305-C13 Datasheet
534Kb / 17P
   Multimode 850 nm 1.0625 Gbit/s Fibre Channel 1.3 Gigabit Ethernet 1x9 Transceiver
2000-12-19
V23826-K15-C INFINEON-V23826-K15-C Datasheet
326Kb / 9P
   Single Mode 1300 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 1x9 Transceiver
MARCH 2000
V23826-K15-C13 INFINEON-V23826-K15-C13 Datasheet
458Kb / 16P
   Single Mode 1300 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 1x9 Transceiver
2000-03-09
logo
Vitesse Semiconductor C...
VSC7140 VITESSE-VSC7140 Datasheet
115Kb / 12P
   1.0625 Gb/s Fibre Channel Dual Repeater / Hub Node
logo
Finisar Corporation.
V23826-K15-C313 FINISAR-V23826-K15-C313 Datasheet
479Kb / 19P
   Single Mode 1300 nm 1.0625 Gbit/s Fibre Channel 1.3 Gigabit Ethernet 1x9 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com