Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-817B58AUA-CXVT2G Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-817B58AUA-CXVT2G
Description  SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-817B58AUA-CXVT2G Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-817B58AUA-CXVT2G Datasheet HTML 1Page - Seiko Instruments Inc S-817B58AUA-CXVT2G Datasheet HTML 2Page - Seiko Instruments Inc S-817B58AUA-CXVT2G Datasheet HTML 3Page - Seiko Instruments Inc S-817B58AUA-CXVT2G Datasheet HTML 4Page - Seiko Instruments Inc S-817B58AUA-CXVT2G Datasheet HTML 5Page - Seiko Instruments Inc S-817B58AUA-CXVT2G Datasheet HTML 6Page - Seiko Instruments Inc S-817B58AUA-CXVT2G Datasheet HTML 7Page - Seiko Instruments Inc S-817B58AUA-CXVT2G Datasheet HTML 8Page - Seiko Instruments Inc S-817B58AUA-CXVT2G Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
Rev.4.2_00
SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
S-817 Series
Seiko Instruments Inc.
1
The S-817 Series is a 3-terminal positive voltage
regulator, developed using CMOS technology. Small
ceramic capacitors can be used as the output
capacitor, and the S-817 series provides stable
operation with low loads down to 1 µA.
Compared with the conventional voltage regulator, it is
of low current consumption, and with a lineup of the
super small package (SNT-4A:1.2 x 1.6mm).
It is
optimal as a power supply of small portable device.
Features
• Ultra-low current consumption: Operating current: Typ. 1.2 µA, Max. 2.5 µA
• Output voltage:
1.1 to 6.0 V, selectable in 0.1 V steps.
• Output voltage accuracy:
±2.0%
• Output current:
50 mA capable (3.0 V output product, VIN
=5 V)
*1
75 mA capable (5.0 V output product, VIN
=7 V)
*1
• Dropout voltage:
Typ. 160 mV (VOUT
= 5.0 V, IOUT = 10 mA)
• Low ESR capacitor Ceramic capacitor of 0.1 µF or more can be used as an output capacitor.
• Short circuit protection for:
Series A
• Excellent Line Regulation:
Stable operation at light load of 1
µA
• Lead-free product
*1. Attention should be paid to the power dissipation of the package when the load is large.
Applications
• Power source for battery-powered devices
• Power source for personal communication devices
• Power source for home electric/electronic appliances
Packages
Package name
Drawing code
Package
Tape
Reel
Zigzag
Land
SNT-4A
PF004-A
PF004-A
PF004-A
PF004-A
SC-82AB
NP004-A
NP004-A
NP004-A
SOT-23-5
MP005-A
MP005-A
MP005-A
SOT-89-3
UP003-A
UP003-A
UP003-A
TO-92 (Bulk)
YS003-B
TO-92 (Tape and reel)
YF003-A
YF003-A
YF003-A
TO-92 (Tape and ammo)
YF003-A
YZ003-C
YZ003-C


Similar Part No. - S-817B58AUA-CXVT2G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-817B58AUA-CXVT2X ABLIC-S-817B58AUA-CXVT2X Datasheet
856Kb / 50P
   SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
Rev.6.2_02
More results

Similar Description - S-817B58AUA-CXVT2G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-817 SII-S-817 Datasheet
830Kb / 50P
   SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-817 ABLIC-S-817 Datasheet
856Kb / 50P
   SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
Rev.6.2_02
logo
RICOH electronics devic...
RQ5RW RICOH-RQ5RW Datasheet
173Kb / 23P
   SMALL PACKAGE VOLTAGE REGULATOR
logo
Seiko Instruments Inc
S-1323 SII-S-1323 Datasheet
419Kb / 28P
   HIGH RIPPLE-REJECTION AND SMALL PACKAGE CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1323 ABLIC-S-1323 Datasheet
494Kb / 28P
   HIGH RIPPLE-REJECTION AND SMALL PACKAGE CMOS VOLTAGE REGULATOR
Rev.5.1_02
logo
ELM Technology Corporat...
ELM75-SERIES ELM-TECH-ELM75-SERIES Datasheet
1Mb / 13P
   CMOS Small package voltage detector
ELM7522NAB-S ELM-TECH-ELM7522NAB-S Datasheet
143Kb / 12P
   CMOS Small package voltage detector
logo
ELM Electronics
ELM75 ELM-ELM75 Datasheet
1Mb / 13P
   CMOS Small package voltage detector
logo
ELM Technology Corporat...
ELM75 ELM-TECH-ELM75 Datasheet
1Mb / 13P
   CMOS Small package voltage detector
logo
Nisshinbo Micro Devices...
R1100D NISSHINBO-R1100D Datasheet
394Kb / 16P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com