Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-80838CLMC-B6XT2G Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-80838CLMC-B6XT2G
Description  SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-80838CLMC-B6XT2G Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-80838CLMC-B6XT2G Datasheet HTML 1Page - Seiko Instruments Inc S-80838CLMC-B6XT2G Datasheet HTML 2Page - Seiko Instruments Inc S-80838CLMC-B6XT2G Datasheet HTML 3Page - Seiko Instruments Inc S-80838CLMC-B6XT2G Datasheet HTML 4Page - Seiko Instruments Inc S-80838CLMC-B6XT2G Datasheet HTML 5Page - Seiko Instruments Inc S-80838CLMC-B6XT2G Datasheet HTML 6Page - Seiko Instruments Inc S-80838CLMC-B6XT2G Datasheet HTML 7Page - Seiko Instruments Inc S-80838CLMC-B6XT2G Datasheet HTML 8Page - Seiko Instruments Inc S-80838CLMC-B6XT2G Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
Rev.4.3_00
SUPER-SMALL PACKAGE HIGH-PRECISION
VOLTAGE DETECTOR
S-808xxC Series
Seiko Instruments Inc.
1
The S-808xxC series is a series of high-precision
voltage detectors developed using CMOS process. The
detection voltage is fixed internally with an accuracy of
±2.0%. Two output forms, Nch open-drain and CMOS
output, are available. Super-low current consumption
and miniature package lineup can meet demand from
the portable device applications.
Features
• Super-low current consumption 1.3 µA typ. (detection voltage≤1.4 V, at VDD=1.5 V)
0.8
µA typ. (detection voltage≥1.5 V, at VDD=3.5 V)
• High-precision detection voltage ±2.0%
• Operating voltage range
0.65 V to 5.0 V (detection voltage
≤1.4 V)
0.95 V to 10.0 V (detection voltage
≥1.5 V)
• Hysteresis characteristics
5% typ.
• Detection voltage
0.8 V to 6.0 V (0.1 V step)
• Output form
Nch open-drain output (Active Low)
CMOS output (Active Low)
• Lead-free products
Applications
• Battery checkers
• Power failure detectors
• Power monitor for portable equipments such as pagers, calculators, electronic notebooks and remote
controllers.
• Constant voltage power monitor for cameras, video equipments and communication devices.
• Power monitor for microcomputers and reset for CPUs.
Packages
Drawing code
Package name
Package
Tape
Reel
Zigzag
Land
SC-82AB
NP004-A
NP004-A
NP004-A
SOT-23-5
MP005-A
MP005-A
MP005-A
SOT-89-3
UP003-A
UP003-A
UP003-A
SNT-4A
PF004-A
PF004-A
PF004-A
PF004-A
TO-92 (Bulk)
YS003-B
TO-92 (Tape and reel)
YF003-A
YF003-A
YF003-A
TO-92 (Tape and ammo)
YF003-A
YZ003-C
YZ003-C


Similar Part No. - S-80838CLMC-B6XT2G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-80838CLMC-B6XT2X ABLIC-S-80838CLMC-B6XT2X Datasheet
676Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.6.2_02
More results

Similar Description - S-80838CLMC-B6XT2G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-80833CNMC SII-S-80833CNMC Datasheet
692Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-80819CNMC-B8ET2G SII-S-80819CNMC-B8ET2G Datasheet
692Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
ABLIC Inc.
S-808XXC ABLIC-S-808XXC Datasheet
676Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.6.2_02
logo
Seiko Instruments Inc
S-1000 SII-S-1000 Datasheet
494Kb / 38P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
ABLIC Inc.
S-1000 ABLIC-S-1000 Datasheet
580Kb / 38P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-80830C SII-S-80830C Datasheet
672Kb / 54P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S801 SII-S801 Datasheet
457Kb / 34P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
SHANGHAI BELLING CO., L...
BL8509B BELLING-BL8509B Datasheet
288Kb / 10P
   Ultra-small package High-precision Voltage Detector with delay
logo
AiT Semiconductor Inc.
A4806 AITSEMI-A4806 Datasheet
488Kb / 11P
   SUPERVISOR (RESET IC) ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
REV2.0
logo
Leshan Radio Company
LR8803 LRC-LR8803 Datasheet
453Kb / 10P
   Ultra-Small High-Precision Low Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com