Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK2069-03 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # MK2069-03
Description  VCXO-BASED CLOCK TRANSLATOR WITH HIGH MULTIPLICATION
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MK2069-03 Datasheet(HTML) 1 Page - Integrated Device Technology

  MK2069-03 Datasheet HTML 1Page - Integrated Device Technology MK2069-03 Datasheet HTML 2Page - Integrated Device Technology MK2069-03 Datasheet HTML 3Page - Integrated Device Technology MK2069-03 Datasheet HTML 4Page - Integrated Device Technology MK2069-03 Datasheet HTML 5Page - Integrated Device Technology MK2069-03 Datasheet HTML 6Page - Integrated Device Technology MK2069-03 Datasheet HTML 7Page - Integrated Device Technology MK2069-03 Datasheet HTML 8Page - Integrated Device Technology MK2069-03 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
DATASHEET
VCXO-BASED CLOCK TRANSLATOR WITH HIGH MULTIPLICATION
MK2069-03
IDT™ / ICS™ VCXO-BASED CLOCK TRANSLATOR WITH HIGH MULTIPLICATION 1
MK2069-03
REV J 030906
Description
The MK2069-03 is a VCXO (Voltage Controlled Crystal
Oscillator) based clock generator that offers system
synchronization, jitter attenuation and frequency
translation. It can accept an input clock over a wide range of
frequencies and produces a de-jittered, low phase noise
clock output. The device is optimized for user configuration
by providing access to all major PLL divider functions. No
power-up programming is needed as configuration is pin
selected. External VCXO loop filter components provide an
additional level of performance tailoring.
The MK2069-03 features a very wide range VCXO PLL
feedback divider, allowing high frequency multiplication
ratios and therefore the input of very low input reference
frequencies. The lock detector (LD) output serves as a
clock status monitor. The clear (CLR) input enables rapid
synchronization to the phase of a newly selected input
clock, while eliminating the generation of extra clock cycles
and wander caused by memory in the PLL feedback divider.
CLR also serves as a temporary holdover function when
kept low.
Features
Wide range VCXO PLL feedback divider allows high
frequency multiplication ratios and the input of very low
input reference frequencies
Input clock frequency of <1kHz to 13.5MHz
Output clock frequency of 500kHz to 160MHz
PLL lock status output
VCXO-based clock generation offers very low jitter and
phase noise generation, even with low frequency or jittery
input clock.
PLL Clear function (CLR input) allows the VCXO to
free-run, offering a short term holdover function.
2nd PLL provides frequency translation of VCXO PLL to
higher or alternate output frequencies.
Device will free-run in the absence of an input clock (or
stopped input clock) based on the VCXO frequency
pulled to minimum frequency limit.
Low power CMOS technology
56 pin TSSOP package
Single 3.3V power supply
Block Diagram
C harge
Pum p
VC XO
P u lla b le
xtal
VC LK
X2
X1
IS E T
4
VD D
4
CL R
LF
FV D iv ide r
1 to 4096
SV
Div id e r
1,2,4 ,6,8,
10,12,16
IC L K
RT
Div id e r
1 to 4
P hase
Detector
VC XO
PLL
FT D iv ider
1 to 64
ST
Div id e r
2,4,8,16
VC O
T ra n slato r
PLL
SV 2 :0
3
FV 1 1 :0
FT 5 :0
6
ST 1 :0
2
TC LK
OE V
OE T
LD
OE L
GN D
RCL K
OE R
L o ck D e tecto r
12
LD C
LD R
LFR
RT 1 :0
2
FPV D iv ide r
2 to 65
F PV5 :0
6


Similar Part No. - MK2069-03

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2069-03 ICST-MK2069-03 Datasheet
339Kb / 19P
   VCXO-Based Clock Translator with High Multiplication
logo
Renesas Technology Corp
MK2069-03 RENESAS-MK2069-03 Datasheet
388Kb / 22P
   VCXO-BASED CLOCK TRANSLATOR WITH HIGH MULTIPLICATION
060512
logo
Integrated Circuit Syst...
MK2069-03GI ICST-MK2069-03GI Datasheet
339Kb / 19P
   VCXO-Based Clock Translator with High Multiplication
logo
Renesas Technology Corp
MK2069-03GI RENESAS-MK2069-03GI Datasheet
388Kb / 22P
   VCXO-BASED CLOCK TRANSLATOR WITH HIGH MULTIPLICATION
060512
logo
Integrated Circuit Syst...
MK2069-03GITR ICST-MK2069-03GITR Datasheet
339Kb / 19P
   VCXO-Based Clock Translator with High Multiplication
More results

Similar Description - MK2069-03

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2069-03 ICST-MK2069-03 Datasheet
339Kb / 19P
   VCXO-Based Clock Translator with High Multiplication
logo
Renesas Technology Corp
MK2069-03 RENESAS-MK2069-03 Datasheet
388Kb / 22P
   VCXO-BASED CLOCK TRANSLATOR WITH HIGH MULTIPLICATION
060512
MK2069-04 RENESAS-MK2069-04 Datasheet
392Kb / 21P
   VCXO-BASED UNIVERSAL CLOCK TRANSLATOR
051310
logo
Integrated Circuit Syst...
MK2069-04 ICST-MK2069-04 Datasheet
355Kb / 19P
   VCXO-Based Universal Clock Translator
MK2059-01 ICST-MK2059-01 Datasheet
151Kb / 10P
   VCXO-Based Frame Clock Frequency Translator
logo
Renesas Technology Corp
MK2059-01 RENESAS-MK2059-01 Datasheet
465Kb / 12P
   VCXO-BASED FRAME CLOCK FREQUENCY TRANSLATOR
051310
logo
Crystek Corporation
CVH-731_751 CRYSTEKCRYSTAL-CVH-731_751 Datasheet
570Kb / 3P
   Straight Multiplication HCMOS VCXO
logo
Connor-Winfield Corpora...
VXHF-300 CONNOR-WINFIELD-VXHF-300 Datasheet
65Kb / 1P
   VCXO USING FREQUENCY MULTIPLICATION
logo
Integrated Circuit Syst...
MK2069-01 ICST-MK2069-01 Datasheet
344Kb / 19P
   VCXO-Based Line Card Clock Synchronizer
logo
Renesas Technology Corp
MK2069-01 RENESAS-MK2069-01 Datasheet
411Kb / 22P
   VCXO-BASED LINE CARD CLOCK SYNCHRONIZER
051310
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com