Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100ES6254 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # MC100ES6254
Description  2.5/3.3V DIFFERENTIAL LVPECL 2x2 CLOCK SWITCH AND FANOUT BUFFER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MC100ES6254 Datasheet(HTML) 4 Page - Integrated Device Technology

  MC100ES6254 Datasheet HTML 1Page - Integrated Device Technology MC100ES6254 Datasheet HTML 2Page - Integrated Device Technology MC100ES6254 Datasheet HTML 3Page - Integrated Device Technology MC100ES6254 Datasheet HTML 4Page - Integrated Device Technology MC100ES6254 Datasheet HTML 5Page - Integrated Device Technology MC100ES6254 Datasheet HTML 6Page - Integrated Device Technology MC100ES6254 Datasheet HTML 7Page - Integrated Device Technology MC100ES6254 Datasheet HTML 8Page - Integrated Device Technology MC100ES6254 Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MC100ES6254/D
4
TIMING SOLUTIONS
a.
Output termination voltage VTT=0 V for VCC=2.5 V operation is supported but the power consumption of the device will increase.
b.
Operating junction temperature impacts device life time. Maximum continuous operating junction temperature should be selected according to
the application life time requirements (See application note AN1545 and the application section in this data sheet for more information). The
device AC and DC parameters are specified up to 110
°C junction temperature allowing the MC100ES6254 to be used in applications requiring
industrial temperature range. It is recommended that users of the MC100ES6254 employ thermal modeling analysis to assist in applying the
junction temperature specifications to their particular application.
a.
Input have internal pullup/pulldown resistors that affect the input current.
b.
VPP is the minimum differential input voltage swing required to maintain AC characteristic.
c.
VCMR (DC) is the crosspoint of the differential input signal. Functional operation is obtained when the crosspoint is within the VCMR (DC) range
and the input swing lies within the VPP (DC) specification.
d.
Equivalent to a termination 50
Ω to V
TT.
e.
ICC calculation:
ICC = (number of differential output pairs used) * (IOH + IOL) + IGND
ICC = (number of differential output pairs used) * (VOH-VTT)÷Rload +(VOL-VTT)÷Rload) + IGND
Table 5. GENERAL SPECIFICATIONS
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VTT
Output termination voltage
VCC - 2
a
V
MM
ESD Protection (Machine model)
200
V
HBM
ESD Protection (Human body model)
2000
V
CDM
ESD Protection (Charged device model)
1500
V
LU
Latch-up immunity
200
mA
CIN
4.0
pF
Inputs
θ
JA
Thermal resistance junction to ambient
JESD 51-3, single layer test board
JESD 51-6, 2S2P multilayer test board
83.1
73.3
68.9
63.8
57.4
59.0
54.4
52.5
50.4
47.8
86.0
75.4
70.9
65.3
59.6
60.6
55.7
53.8
51.5
48.8
°C/W
°C/W
°C/W
°C/W
°C/W
°C/W
°C/W
°C/W
°C/W
°C/W
Natural convection
100 ft/min
200 ft/min
400 ft/min
800 ft/min
Natural convection
100 ft/min
200 ft/min
400 ft/min
800 ft/min
θ
JC
Thermal resistance junction to case
23.0
26.3
°C/W
MIL-SPEC 883E
Method 1012.1
Operating junction temperatureb
(continuous operation)
MTBF = 9.1 years
110
°C
TFunc
Functional temperature range
TA=-40
TJ=+110
°C
Table 6. DC CHARACTERISTICS (VCC = 3.3 V ± 5% or 2.5 V ± 5%, TJ = 0° to +110°C)
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
LVCMOS control inputs (OEA, OEB, SEL0, SEL1)
VIL
Input voltage low
0.8
V
VIH
Input voltage high
2.0
V
IIN
Input Currenta
±100
µAV
IN=VCC or VIN=GND
LVPECL clock inputs (CLK0, CLK0, CLK1, CLK1)
VPP
AC differential input voltageb
0.1
1.3
V
Differential operation
VCMR
Differential cross point voltagec
1.0
VCC-0.3
V
Differential operation
LVPECL clock outputs (QA0-2, QA0-2, QB0-2, QB0-2)
VOH
Output High Voltage
VCC-1.2
VCC-1.005
VCC-0.7
V
IOH = -30 mA
d
VOL
Output Low Voltage
VCC=3.3 V ±5%
VCC=2.5 V ±5%
VCC-1.9
VCC-1.9
VCC-1.705
VCC-1.705
VCC-1.5
VCC-1.3
VIOL = -5 mA
e
IGND
Maximum Quiescent Supply Current
without output termination current
52
85
mA
GND pin
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
MC100ES6254
2.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer
NETCOM
IDT™ 2.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer
Freescale Timing Solutions Organization has been acquired by Integrated Device Technology, Inc
MC100ES6254
4


Similar Part No. - MC100ES6254

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC100ES6254 MOTOROLA-MC100ES6254 Datasheet
386Kb / 12P
   2.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer
logo
Renesas Technology Corp
MC100ES6254 RENESAS-MC100ES6254 Datasheet
643Kb / 13P
   2.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer
2019
MC100ES6254AC RENESAS-MC100ES6254AC Datasheet
643Kb / 13P
   2.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer
2019
MC100ES6254ACR2 RENESAS-MC100ES6254ACR2 Datasheet
643Kb / 13P
   2.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer
2019
logo
Integrated Device Techn...
MC100ES6254 IDT-MC100ES6254_13 Datasheet
358Kb / 12P
   2.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer
More results

Similar Description - MC100ES6254

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
MC100ES6254 IDT-MC100ES6254_13 Datasheet
358Kb / 12P
   2.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer
logo
Renesas Technology Corp
MC100ES6254 RENESAS-MC100ES6254 Datasheet
643Kb / 13P
   2.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer
2019
logo
Motorola, Inc
MC100ES6254 MOTOROLA-MC100ES6254 Datasheet
386Kb / 12P
   2.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer
logo
ON Semiconductor
NB4L6254 ONSEMI-NB4L6254_09 Datasheet
161Kb / 11P
   2.5V / 3.3V Differential LVPECL 2x2 Clock Switch and Low Skew Fanout Buffer
March, 2009 ??Rev. 3
NB4L6254 ONSEMI-NB4L6254 Datasheet
137Kb / 9P
   2.5V / 3.3V Differential LVPECL 2x2 Clock Switch and Low Skew Fanout Buffer
August, 2006 ??Rev. 1
logo
Integrated Device Techn...
IDT8T73S208I IDT-IDT8T73S208I Datasheet
1Mb / 22P
   2.5V, 3.3V Differential LVPECL Clock Divider and Fanout Buffer
logo
Renesas Technology Corp
8V79S674 RENESAS-8V79S674 Datasheet
617Kb / 22P
   Differential-to-3.3V, 2.5V LVPECL Clock Divider and Fanout Buffer
04/10/15
logo
Integrated Device Techn...
8T73S208B-01 IDT-8T73S208B-01 Datasheet
508Kb / 22P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
logo
Renesas Technology Corp
8T73S208 RENESAS-8T73S208 Datasheet
837Kb / 23P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
June 15, 2016
logo
Integrated Device Techn...
8T73S208 IDT-8T73S208_16 Datasheet
532Kb / 22P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com