Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT5V9885BPFGI Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT5V9885BPFGI
Description  3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT5V9885BPFGI Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT5V9885BPFGI Datasheet HTML 3Page - Integrated Device Technology IDT5V9885BPFGI Datasheet HTML 4Page - Integrated Device Technology IDT5V9885BPFGI Datasheet HTML 5Page - Integrated Device Technology IDT5V9885BPFGI Datasheet HTML 6Page - Integrated Device Technology IDT5V9885BPFGI Datasheet HTML 7Page - Integrated Device Technology IDT5V9885BPFGI Datasheet HTML 8Page - Integrated Device Technology IDT5V9885BPFGI Datasheet HTML 9Page - Integrated Device Technology IDT5V9885BPFGI Datasheet HTML 10Page - Integrated Device Technology IDT5V9885BPFGI Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
7
INDUSTRIALTEMPERATURERANGE
IDT5V9885B
3.3V EEPROMPROGRAMMABLECLOCKGENERATOR
Feedback-Divider
N[11:0]andA[3:0]arethebitsusedtoprogramthefeedback-dividerforPLL0(N0andA0)andPLL1(N1andA1). Ifspreadspectrumgenerationisenabled
foreitherPLL0orPLL1,thenthe SS_OFFSET[5:0]bits(0x61,0x69)wouldbefactoredintotheoverallfeedbackdividervalue. SeetheSPREADSPECTRUM
GENERATIONsectionformoredetailsonhowtoconfigurePLL0andPLL1whenspreadspectrumisenabled. ThetwoPLLscanalsobeconfiguredforfractional
divideratios. SeeFRACTIONALDIVIDERformoredetails. ForPLL2,onlytheN[11:0]bits(N2)areusedtoprogramitsfeedbackdividerandthereisnospread
spectrum generation and fractional divides capability. The12-bit feedback-divider integer values range from 1 to 4095.
The following equations govern how the feedback divider value is set. Note that the equations are different for PLL0/PLL1 and PLL2
PLL0 and PLL1:
M = 2*N[11:0] + A[3:0] + 1 + SS_OFFSET[5:0] * 1/64
(Eq. 3)
M = 2*N[11:0] + A[3:0] + 1 (spread spectrum disabled)
(Eq. 4)
A[3:0] = 0000 = -1
= 0001 = 1
= 0010 = 2
= 0011 = 3
.
.
.
= 1111 = 15
Note: A[3:0] < (N[11:0] - 5), must be met when using A. N cannot be programmed with a value of 4, 8, or 16 when using A.
PLL2:
M = N[11:0]
(Eq. 5)
The user can achieve an even or odd integer divide ratio for both PLL0 and PLL1 by setting the A[3:0] bits accordingly and disabling the spread spectrum.
AfractionaldividecanalsobesetforPLL0andPLL1byusingtheA[3:0]bitsinconjunctionwiththeSS_OFFSET[5:0]bits,whichisdetailedintheFRACTIONAL
DIVIDERsection. NotethattheVCOhasafrequencyrangeof10MHzto1200MHz. To maintainlowjitter,itisbesttomaximizetheVCOfrequency. Forexample,
if the reference clock is 100MHz and a 200MHz clock is required, to achieve the best jitter performance, multiply the 100MHz by 12 to get the VCO running at
thehighestpossiblefrequencyof1200MHzandthendivideitdowntoget200MHz. Orifthereferenceclockis25MHzand20MHzistherequiredclock,multiply
the 25MHz by 40 to get the VCO running at 1000MHz and then divide it down to get 20MHz. If N is set to '0x00', the VCO will slew to the minimum frequency.
Post-Divider
Q[9:0] are the bits used to program the 10-bit post-dividers on output banks OUT2-6. OUT1 bank does not have a 10-bit post-divider or any other post-
divide along its path. The 10-bit post-dividers will divide down the output banks' frequency with integer values ranging from 1 to 1023.
There is the option to choose between disabling the post-divider, utilizing a div/1, a div/2, or the 10-bit post-divider by using the PM[1:0] bits. Each bank,
except for OUT1, has a set of PM bits. When disabling the post-divider, no clock will appear at the outputs, but will remain powered on. The values are listed
in the table below.
PM[1:0]
P Post-Divider
00
disabled
01
div/1
10
div/2
11
Q[9:0] + 2 (Eq. 6)
00
01
10
11
/2
/ (Q+2)
PM[1:0]
/2
To Outputs
VCO
P
Post-Divider Diagram


Similar Part No. - IDT5V9885BPFGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V9885 IDT-IDT5V9885 Datasheet
357Kb / 37P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9885CNLGI IDT-IDT5V9885CNLGI Datasheet
357Kb / 39P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9885CPFGI IDT-IDT5V9885CPFGI Datasheet
357Kb / 39P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9885NLGI IDT-IDT5V9885NLGI Datasheet
357Kb / 37P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9885PFGI IDT-IDT5V9885PFGI Datasheet
357Kb / 37P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
More results

Similar Description - IDT5V9885BPFGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V9885 IDT-IDT5V9885 Datasheet
357Kb / 37P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9885T IDT-IDT5V9885T Datasheet
543Kb / 39P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9882T IDT-IDT5V9882T Datasheet
217Kb / 31P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9885CNLGI IDT-IDT5V9885CNLGI Datasheet
357Kb / 39P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9885CPFGI IDT-IDT5V9885CPFGI Datasheet
357Kb / 39P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9888 IDT-IDT5V9888 Datasheet
340Kb / 37P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
IDT5V9885T RENESAS-IDT5V9885T Datasheet
750Kb / 40P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
SEPT. 2011
logo
Integrated Device Techn...
IDT5V49EE904 IDT-IDT5V49EE904_15 Datasheet
343Kb / 29P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
5V49EE502 RENESAS-5V49EE502 Datasheet
914Kb / 33P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
Mar 2020
IDT5V49EE504 RENESAS-IDT5V49EE504 Datasheet
553Kb / 30P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com