Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-L2985A18-H4T1 Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S-L2985A18-H4T1
Description  HIGH RIPPLE-REJECTION WLP PACKAGE LOW DROPOUT CMOS VOLTAGE REGULATOR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-L2985A18-H4T1 Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S-L2985A18-H4T1 Datasheet HTML 1Page - Seiko Instruments Inc S-L2985A18-H4T1 Datasheet HTML 2Page - Seiko Instruments Inc S-L2985A18-H4T1 Datasheet HTML 3Page - Seiko Instruments Inc S-L2985A18-H4T1 Datasheet HTML 4Page - Seiko Instruments Inc S-L2985A18-H4T1 Datasheet HTML 5Page - Seiko Instruments Inc S-L2985A18-H4T1 Datasheet HTML 6Page - Seiko Instruments Inc S-L2985A18-H4T1 Datasheet HTML 7Page - Seiko Instruments Inc S-L2985A18-H4T1 Datasheet HTML 8Page - Seiko Instruments Inc S-L2985A18-H4T1 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
HIGH RIPPLE-REJECTION WLP PACKAGE LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.2.1_00
S-L2985 Series
Seiko Instruments Inc.
5
Absolute Maximum Ratings
Table 3
(Ta
= 25°C unless otherwise specified)
Item
Symbol
Absolute Maximum Rating
Unit
Input voltage
VIN
VSS − 0.3 to VSS + 7
V
VON/OFF
VSS − 0.3 to VIN + 0.3
Output voltage
VOUT
VSS − 0.3 to VIN + 0.3
Power dissipation
PD
350
*1
mW
Operating ambient temperature
Topr
−40 to +85
°C
Storage ambient temperature
Tstg
−40 to +125
*1. When mounted on board
[Mounted board]
(1) Board size :
114.3 mm
× 76.2 mm × t1.6 mm
(2) Board name : JEDEC STANDARD51-7
Caution The absolute maximum ratings are rated values exceeding which the product could suffer
physical damage. These values must therefore not be exceeded under any conditions.
0
Ambient Temperature
Ta (
°C)
100
400
600
0
50
100
150
200
300
500
Figure 3 Power Dissipation of Package (When Mounted on Board)


Similar Part No. - S-L2985A18-H4T1

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-L2980 SII-S-L2980 Datasheet
121Kb / 6P
   High Ripple Rejection Low Dropout CMOS Voltage Regulator S-L2980 Series
S-L2980 SII-S-L2980 Datasheet
327Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-L2980 ABLIC-S-L2980 Datasheet
447Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.5.1_02
logo
Seiko Instruments Inc
S-L2980A15MC-TF-G SII-S-L2980A15MC-TF-G Datasheet
327Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-L2980A15MC-TF-X ABLIC-S-L2980A15MC-TF-X Datasheet
447Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.5.1_02
More results

Similar Description - S-L2985A18-H4T1

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-T111 ABLIC-S-T111 Datasheet
363Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-T111 SII-S-T111 Datasheet
238Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1165 SII-S-1165 Datasheet
280Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1312A10H-M5T1U3 SII-S-1312A10H-M5T1U3 Datasheet
2Mb / 38P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
Shenzhen Huazhimei Semi...
HM6207 HMSEMI-HM6207 Datasheet
1Mb / 11P
   Low dropout high ripple rejection CMOS voltage regulator
logo
ABLIC Inc.
S-1165 ABLIC-S-1165 Datasheet
385Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.1_02
logo
Seiko Instruments Inc
S-1112 SII-S-1112 Datasheet
388Kb / 29P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-L2980 ABLIC-S-L2980 Datasheet
447Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.5.1_02
S-1112 ABLIC-S-1112 Datasheet
494Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.6.1_02
logo
Seiko Instruments Inc
S-L2980 SII-S-L2980_1 Datasheet
327Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com