Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-1701E2521-U5T1G Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-1701E2521-U5T1G
Description  HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1701E2521-U5T1G Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-1701E2521-U5T1G Datasheet HTML 1Page - Seiko Instruments Inc S-1701E2521-U5T1G Datasheet HTML 2Page - Seiko Instruments Inc S-1701E2521-U5T1G Datasheet HTML 3Page - Seiko Instruments Inc S-1701E2521-U5T1G Datasheet HTML 4Page - Seiko Instruments Inc S-1701E2521-U5T1G Datasheet HTML 5Page - Seiko Instruments Inc S-1701E2521-U5T1G Datasheet HTML 6Page - Seiko Instruments Inc S-1701E2521-U5T1G Datasheet HTML 7Page - Seiko Instruments Inc S-1701E2521-U5T1G Datasheet HTML 8Page - Seiko Instruments Inc S-1701E2521-U5T1G Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 70 page
background image
Rev.2.4_00
HIGH RIPPLE-REJECTION LOW DROPOUT
CMOS VOLTAGE REGULATOR WITH RESET FUNCTION S-1701 Series
Seiko Instruments Inc.
1
The S-1701 Series, developed based on CMOS technology, is a
voltage regulator with a reset function and integrates a high-
accuracy voltage detector with on-chip delay circuit and a positive
voltage regulator with a low dropout voltage and high output voltage
on one chip.
The S-1701 Series is available in many types according to the
selection of the voltage detector block of the voltage detector,
including a SENSE pin input product. A built-in low on-resistance
transistor provides a low dropout voltage and large output current.
Small ceramic capacitors are available and an external capacitor for
delay is needless. Small SOT-23-5 and SOT-89-5 packages realize
high-density mounting.
Features
Regulator block
• Output voltage:
1.5 to 5.0 V, selectable in 0.1 V steps.
• High-accuracy output voltage:
±1.0%
• High peak current capability:
400 mA output is possible (at VIN
≥ VOUT(S) + 2.0 V)
*1
• Built-in ON/OFF circuit:
Ensures long battery life.
During power-off: 0.1
µA typ., 1.0 µA max.
• Low ESR capacitor can be used: A ceramic capacitor of 1.0 µF or more can be used for the output
capacitor.
• High ripple rejection:
70 dB typ. (at 1.0 kHz)
• Built-in overcurrent protector:
Overcurrent of output transistor can be restricted.
• Operating voltage range:
2.0 to 6.5 V
Detector block
• Output voltage:
1.5 to 5.5 V, selectable in 0.1 V steps.
• High-accuracy output voltage:
±1.0%
• Output mode:
Nch open-drain active low output
• No need of an external capacitor for delay
• Three delay time settings:
No delay (60
µs), 50 ms, 100 ms
• Operating voltage range:
0.8 to 6.5 V
Whole regulator
• Low current consumption
During operation: 85
µA typ.
• Small package:
SOT-23-5, SOT-89-5
• Lead-free products
*1. Attention should be paid to the power dissipation of the package when the output current is large.
Applications
• Power supply and reset circuit for battery-powered devices
• Power supply for personal communication devices
• Power supply for home appliances
Packages
Drawing Code
Package Name
Package
Tape
Reel
SOT-23-5
MP005-A
MP005-A
MP005-A
SOT-89-5
UP005-A
UP005-A
UP005-A


Similar Part No. - S-1701E2521-U5T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1701E2521-U5T1X ABLIC-S-1701E2521-U5T1X Datasheet
674Kb / 71P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.3.1_02
More results

Similar Description - S-1701E2521-U5T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1701 ABLIC-S-1701 Datasheet
674Kb / 71P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.3.1_02
logo
Seiko Instruments Inc
S-1137 SII-S-1137 Datasheet
2Mb / 47P
   HIGH RIPPLE-REJECTION LOW DROPOUT SOFT-START FUNCTION CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-T111 ABLIC-S-T111 Datasheet
363Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-T111 SII-S-T111 Datasheet
238Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1165 SII-S-1165 Datasheet
280Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1312A10H-M5T1U3 SII-S-1312A10H-M5T1U3 Datasheet
2Mb / 38P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
Shenzhen Huazhimei Semi...
HM6207 HMSEMI-HM6207 Datasheet
1Mb / 11P
   Low dropout high ripple rejection CMOS voltage regulator
logo
ABLIC Inc.
S-1165 ABLIC-S-1165 Datasheet
385Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.1_02
logo
Seiko Instruments Inc
S-1112 SII-S-1112 Datasheet
388Kb / 29P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-L2980 ABLIC-S-L2980 Datasheet
447Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.5.1_02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com