Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-T111B45MC-OHETFG Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-T111B45MC-OHETFG
Description  HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-T111B45MC-OHETFG Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-T111B45MC-OHETFG Datasheet HTML 4Page - Seiko Instruments Inc S-T111B45MC-OHETFG Datasheet HTML 5Page - Seiko Instruments Inc S-T111B45MC-OHETFG Datasheet HTML 6Page - Seiko Instruments Inc S-T111B45MC-OHETFG Datasheet HTML 7Page - Seiko Instruments Inc S-T111B45MC-OHETFG Datasheet HTML 8Page - Seiko Instruments Inc S-T111B45MC-OHETFG Datasheet HTML 9Page - Seiko Instruments Inc S-T111B45MC-OHETFG Datasheet HTML 10Page - Seiko Instruments Inc S-T111B45MC-OHETFG Datasheet HTML 11Page - Seiko Instruments Inc S-T111B45MC-OHETFG Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-T111 Series
Rev.2.1_00
Seiko Instruments Inc.
8
Standard Circuit
ON/OFF
VSS
VOUT
VIN
CIN
*1
CL
*2
Input
Output
GND
Single GND
*1. CIN is a capacitor for stabilizing the input.
*2. A ceramic capacitor of 0.1
μF or more can be used for C
L.
Figure 9
Caution The above connection diagram and constant will not guarantee successful operation.
Perform thorough evaluation using the actual application to set the constant.
Application Conditions
Input capacitor (CIN):
0.1
μF or more
Output capacitor (CL):
0.1
μF or more
ESR of output capacitor:
10
Ω or less
Caution A general series regulator may oscillate, depending on the external components selected.
Check that no oscillation occurs with the application using the above capacitor.
Selection of Input and Output Capacitors (CIN, CL)
The S-T111 Series requires an output capacitor between the VOUT and VSS pins for phase compensation.
Operation is stabilized by a ceramic capacitor with an output capacitance of 0.1
μF or more in the entire
temperature range.
However, when using an OS capacitor, tantalum capacitor, or aluminum electrolytic
capacitor, a ceramic capacitor with a capacitance of 0.1
μF or more and an ESR of 10 Ω or less is required.
The value of the output overshoot or undershoot transient response varies depending on the value of the output
capacitor. The required capacitance of the input capacitor differs depending on the application.
The recommended value for an application is 1.0
μF or more for C
IN and 0.47 μF or more for CL; however,
when selecting the output capacitor, perform sufficient evaluation, including evaluation of temperature
characteristics, on the actual device.


Similar Part No. - S-T111B45MC-OHETFG

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-T111B45MC-OHETFX ABLIC-S-T111B45MC-OHETFX Datasheet
363Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
More results

Similar Description - S-T111B45MC-OHETFG

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-T111 ABLIC-S-T111 Datasheet
363Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-1165 SII-S-1165 Datasheet
280Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1312A10H-M5T1U3 SII-S-1312A10H-M5T1U3 Datasheet
2Mb / 38P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
Shenzhen Huazhimei Semi...
HM6207 HMSEMI-HM6207 Datasheet
1Mb / 11P
   Low dropout high ripple rejection CMOS voltage regulator
logo
ABLIC Inc.
S-1165 ABLIC-S-1165 Datasheet
385Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.1_02
logo
Seiko Instruments Inc
S-1112 SII-S-1112 Datasheet
388Kb / 29P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-L2980 ABLIC-S-L2980 Datasheet
447Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.5.1_02
S-1112 ABLIC-S-1112 Datasheet
494Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.6.1_02
logo
Seiko Instruments Inc
S-L2980 SII-S-L2980_1 Datasheet
327Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1112 SII-S-1112_1 Datasheet
412Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com