Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS557G-05AT Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ICS557G-05AT
Description  QUAD DIFFERENTIAL PCI-EXPRESS CLOCK SOURCE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS557G-05AT Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ICS557G-05AT Datasheet HTML 4Page - Integrated Device Technology ICS557G-05AT Datasheet HTML 5Page - Integrated Device Technology ICS557G-05AT Datasheet HTML 6Page - Integrated Device Technology ICS557G-05AT Datasheet HTML 7Page - Integrated Device Technology ICS557G-05AT Datasheet HTML 8Page - Integrated Device Technology ICS557G-05AT Datasheet HTML 9Page - Integrated Device Technology ICS557G-05AT Datasheet HTML 10Page - Integrated Device Technology ICS557G-05AT Datasheet HTML 11Page - Integrated Device Technology ICS557G-05AT Datasheet HTML 12Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ICS557-05A
QUAD DIFFERENTIAL PCI-EXPRESS CLOCK SOURCE
PCIE SSCG
IDT™ / ICS™ QUAD DIFFERENTIAL PCI-EXPRESS CLOCK SOURCE
10
ICS557-05A
REV H 092407
PCI-Express Layout Guidelines
PCI-Express Device Routing
Typical PCI-Express (HCSL) Waveform
Common Recommendations for Differential Routing
Dimension or Value
Unit
L1 length, Route as non-coupled 50 ohm trace.
0.5 max
inch
L2 length, Route as non-coupled 50 ohm trace.
0.2 max
inch
L3 length, Route as non-coupled 50 ohm trace.
0.2 max
inch
RS
33
ohm
RT
49.9
ohm
Differential Routing on a Single PCB
Dimension or Value
Unit
L4 length, Route as coupled microstrip 100 ohm differential trace.
2 min to 16 max
inch
L4 length, Route as coupled stripline 100 ohm differential trace.
1.8 min to 14.4 max
inch
Differential Routing to a PCI Express Connector
Dimension or Value
Unit
L4 length, Route as coupled microstrip 100 ohm differential trace.
0.25 to 14 max
inch
L4 length, Route as coupled stripline 100 ohm differential trace.
0.225 min to 12.6 max inch
R
S
R
S
R
T
R
T
PCI-Express
Load or
Connector
L1
L2
L3’
L4
L1’
L2’
L3
L4’
ICS557-03
Output
Clock
0.175 V
0.52 V
0.175 V
0.52 V
t
OR
t
OF
500 ps
500 ps
700 mV
0


Similar Part No. - ICS557G-05AT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS557G-05ATR ICST-ICS557G-05ATR Datasheet
263Kb / 12P
   Quad Differential PCI-Express Clock Source
More results

Similar Description - ICS557G-05AT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS557-05A ICST-ICS557-05A Datasheet
263Kb / 12P
   Quad Differential PCI-Express Clock Source
logo
Renesas Technology Corp
ICS557-05A RENESAS-ICS557-05A Datasheet
345Kb / 13P
   QUAD DIFFERENTIAL PCI-EXPRESS GEN1 CLOCK SOURCE
112111
logo
Integrated Circuit Syst...
ICS557-03 ICST-ICS557-03 Datasheet
225Kb / 9P
   PCI-EXPRESS CLOCK SOURCE
ICS557-01 ICST-ICS557-01 Datasheet
206Kb / 10P
   PCI-EXPRESS CLOCK SOURCE
logo
Integrated Device Techn...
ICS557-03 IDT-ICS557-03 Datasheet
258Kb / 10P
   PCI-EXPRESS CLOCK SOURCE
557M-01LF IDT-557M-01LF Datasheet
121Kb / 10P
   PCI-EXPRESS GEN1 CLOCK SOURCE
logo
Renesas Technology Corp
ICS557-01 RENESAS-ICS557-01 Datasheet
311Kb / 11P
   PCI-EXPRESS GEN1 CLOCK SOURCE
072512
logo
Integrated Device Techn...
557G-03LF IDT-557G-03LF Datasheet
162Kb / 11P
   2 OUTPUT PCI-EXPRESS GEN1 CLOCK SOURCE
logo
Renesas Technology Corp
IDT5V41129 RENESAS-IDT5V41129 Datasheet
327Kb / 12P
   2 OUTPUT PCI-EXPRESS GEN1 CLOCK SOURCE
02032014
ICS557-03 RENESAS-ICS557-03 Datasheet
318Kb / 12P
   2 OUTPUT PCI-EXPRESS GEN1 CLOCK SOURCE
112111
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com