Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS557G-05ALF Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ICS557G-05ALF
Description  QUAD DIFFERENTIAL PCI-EXPRESS CLOCK SOURCE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS557G-05ALF Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ICS557G-05ALF Datasheet HTML 4Page - Integrated Device Technology ICS557G-05ALF Datasheet HTML 5Page - Integrated Device Technology ICS557G-05ALF Datasheet HTML 6Page - Integrated Device Technology ICS557G-05ALF Datasheet HTML 7Page - Integrated Device Technology ICS557G-05ALF Datasheet HTML 8Page - Integrated Device Technology ICS557G-05ALF Datasheet HTML 9Page - Integrated Device Technology ICS557G-05ALF Datasheet HTML 10Page - Integrated Device Technology ICS557G-05ALF Datasheet HTML 11Page - Integrated Device Technology ICS557G-05ALF Datasheet HTML 12Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ICS557-05A
QUAD DIFFERENTIAL PCI-EXPRESS CLOCK SOURCE
PCIE SSCG
IDT™ / ICS™ QUAD DIFFERENTIAL PCI-EXPRESS CLOCK SOURCE
11
ICS557-05A
REV H 092407
Package Outline and Package Dimensions (20-pin TSSOP, 173 mil Body)
Package dimensions are kept current with JEDEC Publication No. 95
, MO-153
Ordering Information
Parts that are ordered with a “LF” suffix to the part number are the Pb-Free configuration and are RoHS compliant.
While the information presented herein has been checked for both accuracy and reliability, Integrated Device Technology (IDT) assumes
no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would result from its use. No
other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications
such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not
recommended without additional processing by IDT. IDT reserves the right to change any circuitry or specifications without notice. IDT
does not authorize or warrant any IDT product for use in life support devices or critical medical instruments.
Part / Order Number
Marking
Shipping Packaging
Package
Temperature
ICS557G-05A
ICS557G-05A
Tubes
20-pin TSSOP
0 to +70
° C
ICS557G-05AT
ICS557G-05A
Tape and Reel
20-pin TSSOP
0 to +70
° C
ICS557G-05ALF
557G-05ALF
Tubes
20-pin TSSOP
0 to +70
° C
ICS557G-05ALFT
557G-05ALF
Tape and Reel
20-pin TSSOP
0 to +70
° C
ICS557GI-05A
557GI-05A
Tubes
20-pin TSSOP
-40 to +85
° C
ICS557GI-05AT
557GI-05A
Tape and Reel
20-pin TSSOP
-40 to +85
° C
ICS557GI-05ALF
557GI-05AL
Tubes
20-pin TSSOP
-40 to +85
° C
ICS557GI-05ALFT
557GI-05AL
Tape and Reel
20-pin TSSOP
-40 to +85
° C
INDEX
AREA
1 2
20
D
E1
E
SEATING
PLANE
A1
A
A2
e
- C -
b
aaa C
c
L
Millimeters
Inches*
Symbol
Min
Max
Min
Max
A1.20
0.047
A1
0.05
0.15
0.002
0.006
A2
0.80
1.05
0.032
0.041
b
0.19
0.30
0.007
0.012
c
0.09
0.20
0.0035
0.008
D
6.40
6.60
0.252
0.260
E
6.40 BASIC
0.252 BASIC
E1
4.30
4.50
0.169
0.177
e
0.65 Basic
0.0256 Basic
L
0.45
0.75
0.018
0.030
a0
°
8
°
0
°
8
°
aaa
--
0.10
--
0.004


Similar Part No. - ICS557G-05ALF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS557G-05ALF ICST-ICS557G-05ALF Datasheet
263Kb / 12P
   Quad Differential PCI-Express Clock Source
ICS557G-05ALFTR ICST-ICS557G-05ALFTR Datasheet
263Kb / 12P
   Quad Differential PCI-Express Clock Source
More results

Similar Description - ICS557G-05ALF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS557-05A ICST-ICS557-05A Datasheet
263Kb / 12P
   Quad Differential PCI-Express Clock Source
logo
Renesas Technology Corp
ICS557-05A RENESAS-ICS557-05A Datasheet
345Kb / 13P
   QUAD DIFFERENTIAL PCI-EXPRESS GEN1 CLOCK SOURCE
112111
logo
Integrated Circuit Syst...
ICS557-03 ICST-ICS557-03 Datasheet
225Kb / 9P
   PCI-EXPRESS CLOCK SOURCE
ICS557-01 ICST-ICS557-01 Datasheet
206Kb / 10P
   PCI-EXPRESS CLOCK SOURCE
logo
Integrated Device Techn...
ICS557-03 IDT-ICS557-03 Datasheet
258Kb / 10P
   PCI-EXPRESS CLOCK SOURCE
557M-01LF IDT-557M-01LF Datasheet
121Kb / 10P
   PCI-EXPRESS GEN1 CLOCK SOURCE
logo
Renesas Technology Corp
ICS557-01 RENESAS-ICS557-01 Datasheet
311Kb / 11P
   PCI-EXPRESS GEN1 CLOCK SOURCE
072512
logo
Integrated Device Techn...
557G-03LF IDT-557G-03LF Datasheet
162Kb / 11P
   2 OUTPUT PCI-EXPRESS GEN1 CLOCK SOURCE
logo
Renesas Technology Corp
IDT5V41129 RENESAS-IDT5V41129 Datasheet
327Kb / 12P
   2 OUTPUT PCI-EXPRESS GEN1 CLOCK SOURCE
02032014
ICS557-03 RENESAS-ICS557-03 Datasheet
318Kb / 12P
   2 OUTPUT PCI-EXPRESS GEN1 CLOCK SOURCE
112111
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com