Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS557GI-05A Datasheet(PDF) 9 Page - Integrated Device Technology

Part # ICS557GI-05A
Description  QUAD DIFFERENTIAL PCI-EXPRESS CLOCK SOURCE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS557GI-05A Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button ICS557GI-05A Datasheet HTML 4Page - Integrated Device Technology ICS557GI-05A Datasheet HTML 5Page - Integrated Device Technology ICS557GI-05A Datasheet HTML 6Page - Integrated Device Technology ICS557GI-05A Datasheet HTML 7Page - Integrated Device Technology ICS557GI-05A Datasheet HTML 8Page - Integrated Device Technology ICS557GI-05A Datasheet HTML 9Page - Integrated Device Technology ICS557GI-05A Datasheet HTML 10Page - Integrated Device Technology ICS557GI-05A Datasheet HTML 11Page - Integrated Device Technology ICS557GI-05A Datasheet HTML 12Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ICS557-05A
QUAD DIFFERENTIAL PCI-EXPRESS CLOCK SOURCE
PCIE SSCG
IDT™ / ICS™ QUAD DIFFERENTIAL PCI-EXPRESS CLOCK SOURCE
9
ICS557-05A
REV H 092407
AC Electrical Characteristics - CLKOUTA/CLKOUTB
Unless stated otherwise, VDD=3.3 V ±5%, Ambient Temperature -40 to +85
° C
1 Test setup is R
L=50 ohms with 2 pF, Rr = 475Ω (1%).
2 Measurement taken from a single-ended waveform.
3 Measurement taken from a differential waveform.
4 Measured at the crossing point where instantaneous voltages of both CLKOUT and CLKOUT are equal.
5 CLKOUT pins are tri-stated when OE is asserted low. CLKOUT is driven differential when OE is high unless its
PD= low.
Thermal Characteristics
Parameter
Symbo
l
Conditions
Min.
Typ.
Max.
Units
Input Frequency
25
MHz
Output Frequency
HCSL termination
200
MHz
LVDS termination
100
MHz
Output High Voltage1,2
VOH
660
700
850
mV
Output Low Voltage1,2
VOL
-150
0
27
mV
Crossing Point
Voltage1,2
Absolute
250
350
550
mV
Crossing Point
Voltage1,2,4
Variation over all edges
140
mV
Jitter, Cycle-to-Cycle1,3
80
ps
Modulation Frequency
Spread spectrum
30
31.5
33
kHz
Rise Time1,2
tOR
From 0.175 V to 0.525 V
175
332
700
ps
Fall Time1,2
tOF
From 0.525 V to 0.175 V
175
344
700
ps
Skew between outputs
At crossing point Voltage
50
ps
Duty Cycle1,3
45
55
%
Output Enable Time5
All outputs
10
us
Output Disable Time5
All outputs
10
us
Power-up Time
tSTABLE From power-up VDD=3.3 V
3.0
ms
Spread Change Time
tSPREAD Settling period after spread change
3.0
ms
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θJA
Still air
93
° C/W
θJA
1 m/s air flow
78
° C/W
θJA
3 m/s air flow
65
° C/W
Thermal Resistance Junction to Case
θJC
20
° C/W


Similar Part No. - ICS557GI-05A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS557GI-05A ICST-ICS557GI-05A Datasheet
263Kb / 12P
   Quad Differential PCI-Express Clock Source
ICS557GI-05ALF ICST-ICS557GI-05ALF Datasheet
263Kb / 12P
   Quad Differential PCI-Express Clock Source
ICS557GI-05ALFTR ICST-ICS557GI-05ALFTR Datasheet
263Kb / 12P
   Quad Differential PCI-Express Clock Source
ICS557GI-05ATR ICST-ICS557GI-05ATR Datasheet
263Kb / 12P
   Quad Differential PCI-Express Clock Source
More results

Similar Description - ICS557GI-05A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS557-05A ICST-ICS557-05A Datasheet
263Kb / 12P
   Quad Differential PCI-Express Clock Source
logo
Renesas Technology Corp
ICS557-05A RENESAS-ICS557-05A Datasheet
345Kb / 13P
   QUAD DIFFERENTIAL PCI-EXPRESS GEN1 CLOCK SOURCE
112111
logo
Integrated Circuit Syst...
ICS557-03 ICST-ICS557-03 Datasheet
225Kb / 9P
   PCI-EXPRESS CLOCK SOURCE
ICS557-01 ICST-ICS557-01 Datasheet
206Kb / 10P
   PCI-EXPRESS CLOCK SOURCE
logo
Integrated Device Techn...
ICS557-03 IDT-ICS557-03 Datasheet
258Kb / 10P
   PCI-EXPRESS CLOCK SOURCE
557M-01LF IDT-557M-01LF Datasheet
121Kb / 10P
   PCI-EXPRESS GEN1 CLOCK SOURCE
logo
Renesas Technology Corp
ICS557-01 RENESAS-ICS557-01 Datasheet
311Kb / 11P
   PCI-EXPRESS GEN1 CLOCK SOURCE
072512
logo
Integrated Device Techn...
557G-03LF IDT-557G-03LF Datasheet
162Kb / 11P
   2 OUTPUT PCI-EXPRESS GEN1 CLOCK SOURCE
logo
Renesas Technology Corp
IDT5V41129 RENESAS-IDT5V41129 Datasheet
327Kb / 12P
   2 OUTPUT PCI-EXPRESS GEN1 CLOCK SOURCE
02032014
ICS557-03 RENESAS-ICS557-03 Datasheet
318Kb / 12P
   2 OUTPUT PCI-EXPRESS GEN1 CLOCK SOURCE
112111
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com