Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-L2980A56MC-TF-G Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S-L2980A56MC-TF-G
Description  HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-L2980A56MC-TF-G Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S-L2980A56MC-TF-G Datasheet HTML 7Page - Seiko Instruments Inc S-L2980A56MC-TF-G Datasheet HTML 8Page - Seiko Instruments Inc S-L2980A56MC-TF-G Datasheet HTML 9Page - Seiko Instruments Inc S-L2980A56MC-TF-G Datasheet HTML 10Page - Seiko Instruments Inc S-L2980A56MC-TF-G Datasheet HTML 11Page - Seiko Instruments Inc S-L2980A56MC-TF-G Datasheet HTML 12Page - Seiko Instruments Inc S-L2980A56MC-TF-G Datasheet HTML 13Page - Seiko Instruments Inc S-L2980A56MC-TF-G Datasheet HTML 14Page - Seiko Instruments Inc S-L2980A56MC-TF-G Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.1_00
S-L2980 Series
Seiko Instruments Inc.
11
Operation
1. Basic Operation
Figure 11 shows the block diagram of the S-L2980 Series.
The error amplifier compares the reference voltage (Vref) with the Vfb, which is the output voltage
resistance-divided by the feedback resistors Rs and Rf. It supplies the output transistor with the gate
voltage necessary to ensure certain output voltage free of any fluctuations of input voltage and
temperature.
Reference voltage circuit
VOUT
*1
VSS
VIN
Rs
Rf
Error
amplifier
Current source
Vref
+
Vfb
*1.
Parasitic diode
Figure 11
2. Output Transistor
The S-L2980 Series uses a low on-resistance P-channel MOS FET as the output transistor.
Be sure that VOUT does not exceed VIN+0.3 V to prevent the voltage regulator from being broken due to
inverse current flowing from VOUT pin through a parasitic diode to VIN pin.


Similar Part No. - S-L2980A56MC-TF-G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-L2980A56MC-TF-X ABLIC-S-L2980A56MC-TF-X Datasheet
447Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.5.1_02
More results

Similar Description - S-L2980A56MC-TF-G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1112 SII-S-1112 Datasheet
388Kb / 29P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-L2980 ABLIC-S-L2980 Datasheet
447Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.5.1_02
S-1112 ABLIC-S-1112 Datasheet
494Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.6.1_02
logo
Seiko Instruments Inc
S-1112 SII-S-1112_1 Datasheet
412Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-T111 ABLIC-S-T111 Datasheet
363Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-T111 SII-S-T111 Datasheet
238Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1165 SII-S-1165 Datasheet
280Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1312A10H-M5T1U3 SII-S-1312A10H-M5T1U3 Datasheet
2Mb / 38P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
Shenzhen Huazhimei Semi...
HM6207 HMSEMI-HM6207 Datasheet
1Mb / 11P
   Low dropout high ripple rejection CMOS voltage regulator
logo
ABLIC Inc.
S-1165 ABLIC-S-1165 Datasheet
385Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.1_02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com