Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-1701E5041-U5T1G Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S-1701E5041-U5T1G
Description  HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1701E5041-U5T1G Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S-1701E5041-U5T1G Datasheet HTML 1Page - Seiko Instruments Inc S-1701E5041-U5T1G Datasheet HTML 2Page - Seiko Instruments Inc S-1701E5041-U5T1G Datasheet HTML 3Page - Seiko Instruments Inc S-1701E5041-U5T1G Datasheet HTML 4Page - Seiko Instruments Inc S-1701E5041-U5T1G Datasheet HTML 5Page - Seiko Instruments Inc S-1701E5041-U5T1G Datasheet HTML 6Page - Seiko Instruments Inc S-1701E5041-U5T1G Datasheet HTML 7Page - Seiko Instruments Inc S-1701E5041-U5T1G Datasheet HTML 8Page - Seiko Instruments Inc S-1701E5041-U5T1G Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 70 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.2.4_00
S-1701 Series
Seiko Instruments Inc.
5
Product Name Structure
• The product types, output voltage, detection voltage, and package types for the S-1701 Series can be
selected at the user’s request. Refer to the “1. Product name” for the meanings of the characters in the
product name, “2. Function list according to product type” for product types, and “3. Product name
list” for the full product names.
1. Product name
S-1701
x
xx
xx
-
xxxx
G
Package abbreviation and IC packing
specifications
*1
M5T1: SOT-23-5, tape product
U5T1: SOT-89-5, tape product
Detection voltage
*2
15 to 55
(e.g., when the output voltage is 1.5 V,
it is expressed as 15.)
Output voltage
15 to 50
(e.g., when the output voltage is 1.5 V,
it is expressed as 15.)
Product type
*3
A to Z (I and O are not provided)
*1. Refer to the taping specifications at the end of this book.
*2. In the S-1701D to S-1701F, S-1701K to S-1701M, and S-1701U to S-1701W types (that detect
output voltage), a reset signal may be output due to the undershoot of the output voltage when the
input voltage or load current changes transiently.
Therefore, set the detection voltage after
sufficient evaluation using actual devices.
*3. Refer to the “2. Function list according to product type”.


Similar Part No. - S-1701E5041-U5T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1701E5041-U5T1X ABLIC-S-1701E5041-U5T1X Datasheet
674Kb / 71P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.3.1_02
More results

Similar Description - S-1701E5041-U5T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1701 ABLIC-S-1701 Datasheet
674Kb / 71P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.3.1_02
logo
Seiko Instruments Inc
S-1137 SII-S-1137 Datasheet
2Mb / 47P
   HIGH RIPPLE-REJECTION LOW DROPOUT SOFT-START FUNCTION CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-T111 ABLIC-S-T111 Datasheet
363Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-T111 SII-S-T111 Datasheet
238Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1165 SII-S-1165 Datasheet
280Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1312A10H-M5T1U3 SII-S-1312A10H-M5T1U3 Datasheet
2Mb / 38P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
Shenzhen Huazhimei Semi...
HM6207 HMSEMI-HM6207 Datasheet
1Mb / 11P
   Low dropout high ripple rejection CMOS voltage regulator
logo
ABLIC Inc.
S-1165 ABLIC-S-1165 Datasheet
385Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.1_02
logo
Seiko Instruments Inc
S-1112 SII-S-1112 Datasheet
388Kb / 29P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-L2980 ABLIC-S-L2980 Datasheet
447Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.5.1_02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com