Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF-NB160808-121 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BF-NB160808-121
Description  Multilayer Ferrite Chip Bead
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BF-NB160808-121 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BF-NB160808-121 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dimensions
Part Numbering Guide
Series
Packaging Style
NB=Narrow Band
B=Bulk
T=Tape & Reel
Dimensions
Tolerance
(Length, Width, Height)
Y=25%
Impedance Code
BF-NB 100505 - 060 Y - T
Multilayer Ferrite Chip Bead
(BF-NB Series)
Features
Impedance Range
6 Ohms to 1500 Ohms
Tolerance
25%
Operating Temperature
-25°C to +85°C
D
A
D
C
B
Part Number
Inch
A
B
C
D
BF-NB 100505
0402
1.0 ± 0.15
0.50 ± 0.15
0.50 ± 0.15
0.25 ± 0.15
BF-NB 160808
0603
1.6 ± 0.20
0.80 ± 0.15
0.80 ± 0.15
0.30 ± 0.20
BF-NB 201209
0805
2.0 ± 0.20
1.25 ± 0.20
0.90 ± 0.20
0.50 ± 0.30
BF-NB 321611
1206
3.2 ± 0.20
1.60 ± 0.20
1.10 ± 0.20
0.50 ± 0.30
Dimensions in mm
Part Number
Impedance
(Ohms)
Test Freq
(MHz)
DCR Max
(Ohms)
IDC Max
(mA)
Part Number
Impedance
(Ohms)
Test Freq
(MHz)
DCR Max
(Ohms)
IDC Max
(mA)
BF-NB100505-060
6
100
0.05
400
BF-NB201209-900
90
100
0.30
500
BF-NB100505-100
10
100
0.07
300
BF-NB201209-121
120
100
0.40
400
BF-NB100505-400
40
100
0.20
200
BF-NB201209-151
150
100
0.40
400
BF-NB100505-800
80
100
0.30
200
BF-NB201209-171
170
100
0.50
400
BF-NB100505-121
120
100
0.40
150
BF-NB201209-221
220
100
0.50
300
BF-NB160808-060
6
100
0.50
500
BF-NB201209-301
300
100
0.60
300
BF-NB160808-100
10
100
0.70
400
BF-NB201209-401
400
100
0.60
300
BF-NB160808-400
40
100
0.30
300
BF-NB321611-320
32
100
0.20
600
BF-NB160808-800
80
100
0.50
300
BF-NB321611-600
60
100
0.30
500
BF-NB160808-121
120
100
0.50
300
BF-NB321611-800
80
100
0.30
500
BF-NB160808-241
240
100
0.60
200
BF-NB321611-900
90
100
0.30
500
BF-NB160808-301
300
100
0.60
200
BF-NB321611-121
120
100
0.40
400
BF-NB160808-481
480
100
0.70
150
BF-NB321611-151
150
100
0.40
400
BF-NB160808-601
600
100
0.80
100
BF-NB321611-201
200
100
0.50
300
BF-NB201209-060
6
100
0.70
800
BF-NB321611-221
220
100
0.50
300
BF-NB201209-110
11
100
0.10
700
BF-NB321611-351
350
100
0.60
300
BF-NB201209-260
26
100
0.20
600
BF-NB321611-401
400
100
0.60
300
BF-NB201209-320
32
100
0.20
600
BF-NB321611-601
600
100
0.80
300
BF-NB201209-600
60
100
0.30
500
BF-NB321611-122
1200
100
1.00
200
BF-NB201209-750
75
100
0.30
500
BF-NB321611-152
1500
100
1.20
150
Electrical Specifications
Specifications subject to change without notice.
Rev. 10/00
(Not to scale)
TEL 949-366-8700
FAX 949-366-8707
WEB www.caliberelectronics.com
CAL I B E R
ELE C T R O N I C S
I N C .
specifications subject to change * revision 3-2003


Similar Part No. - BF-NB160808-121

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
BF-NB160808-121 CALIBER-BF-NB160808-121 Datasheet
28Kb / 1P
   Multilayer Ferrite Chip Bead
More results

Similar Description - BF-NB160808-121

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BF-LC100505-100Y-T ETC2-BF-LC100505-100Y-T Datasheet
24Kb / 1P
   Multilayer Ferrite Chip Bead
logo
Caliber Electronics Inc...
BF-SB100505 CALIBER-BF-SB100505 Datasheet
31Kb / 1P
   Multilayer Ferrite Chip Bead
logo
Abracon Corporation
ACML-0402 ABRACON-ACML-0402 Datasheet
2Mb / 3P
   MULTILAYER FERRITE CHIP BEAD
01.03.13
ACML-0603 ABRACON-ACML-0603 Datasheet
2Mb / 4P
   MULTILAYER FERRITE CHIP BEAD
01.19.14
logo
Caliber Electronics Inc...
BF-NB100505 CALIBER-BF-NB100505 Datasheet
28Kb / 1P
   Multilayer Ferrite Chip Bead
BF-LC100505 CALIBER-BF-LC100505 Datasheet
25Kb / 1P
   Multilayer Ferrite Chip Bead
logo
List of Unclassifed Man...
BF-SB100505-121Y-T ETC2-BF-SB100505-121Y-T Datasheet
30Kb / 1P
   Multilayer Ferrite Chip Bead
ZFB-0603H-121N ETC-ZFB-0603H-121N Datasheet
284Kb / 13P
   Multilayer Ferrite Chip Bead
V 1.2
logo
Eaton All Rights Reserv...
MFBA2V1005 EATON-MFBA2V1005 Datasheet
635Kb / 5P
   Automotive multilayer chip ferrite bead
December 2021
logo
Stackpole Electronics, ...
FB_SERIES SEI-FB_SERIES Datasheet
762Kb / 17P
   Multilayer Ferrite Chip Bead Inductor
04/28/2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com