Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8308AGI Datasheet(PDF) 8 Page - Integrated Device Technology

Part # ICS8308AGI
Description  LOW SKEW, 1-TO-8 DIFFERENTIAL/LVCMOS-TO-LVCMOS FANOUT BUFFER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8308AGI Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button ICS8308AGI Datasheet HTML 4Page - Integrated Device Technology ICS8308AGI Datasheet HTML 5Page - Integrated Device Technology ICS8308AGI Datasheet HTML 6Page - Integrated Device Technology ICS8308AGI Datasheet HTML 7Page - Integrated Device Technology ICS8308AGI Datasheet HTML 8Page - Integrated Device Technology ICS8308AGI Datasheet HTML 9Page - Integrated Device Technology ICS8308AGI Datasheet HTML 10Page - Integrated Device Technology ICS8308AGI Datasheet HTML 11Page - Integrated Device Technology ICS8308AGI Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
IDT/ ICSLVCMOS FANOUT BUFFER
8
ICS8308AGI REV. B OCTOBER 16, 2007
ICS8308I
LOW SKEW, 1-TO-8 DIFFERENTIAL/LVCMOS-TO-LVCMOS FANOUT BUFFER
PARAMETER MEASUREMENT INFORMATION
V
CMR
Cross Points
V
PP
nCLK
CLK
GND
V
DD
Qx
Qy
tsk(o)
V
DDO
2
V
DDO
2
Qx
Qy
PART 1
PART 2
tsk(pp)
V
DDO
2
V
DDO
2
2.5V CORE/2.5V OUTPUT LOAD AC TEST CIRCUIT
3.3V CORE/2.5V OUTPUT LOAD AC TEST CIRCUIT
3.3V CORE/3.3V OUTPUT LOAD AC TEST CIRCUIT
SCOPE
Qx
LVCMOS
GND
1.65V±5%
-1.65V±5%
DIFFERENTIAL INPUT LEVEL
OUTPUT SKEW
PART-TO-PART SKEW
SCOPE
Qx
LVCMOS
GND
2.05V±5%
-1.25V±5%
V
DD,
V
DDO
V
DD
SCOPE
Qx
LVCMOS
GND
1.25V±5%
-1.25V±5%
V
DD,
V
DDO
V
DDO
1.25V±5%


Similar Part No. - ICS8308AGI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8308AGI ICST-ICS8308AGI Datasheet
226Kb / 15P
   Low Skew, 1-To-8 Differential/LVCOMS-TO-LVCMOS Fanout Buffer
ICS8308AGILF ICST-ICS8308AGILF Datasheet
226Kb / 15P
   Low Skew, 1-To-8 Differential/LVCOMS-TO-LVCMOS Fanout Buffer
ICS8308AGILFT ICST-ICS8308AGILFT Datasheet
226Kb / 15P
   Low Skew, 1-To-8 Differential/LVCOMS-TO-LVCMOS Fanout Buffer
ICS8308AGIT ICST-ICS8308AGIT Datasheet
226Kb / 15P
   Low Skew, 1-To-8 Differential/LVCOMS-TO-LVCMOS Fanout Buffer
More results

Similar Description - ICS8308AGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8308I RENESAS-8308I Datasheet
375Kb / 17P
   Low Skew, 1-to-8 Differential/LVCMOS-to- LVCMOS Fanout Buffer
December 10, 2015
8305-02 RENESAS-8305-02 Datasheet
1Mb / 21P
   Low Skew, 1-to-4 Multiplexed Differential/ LVCMOS-to-LVCMOS Fanout Buffer
May 19, 2016
ICS8305I-02 RENESAS-ICS8305I-02 Datasheet
1Mb / 21P
   Low Skew, 1-to-4 Multiplexed Differential/ LVCMOS-to-LVCMOS Fanout Buffer
2019
logo
Integrated Circuit Syst...
ICS8308I ICST-ICS8308I Datasheet
226Kb / 15P
   Low Skew, 1-To-8 Differential/LVCOMS-TO-LVCMOS Fanout Buffer
ICS8344-01 ICST-ICS8344-01 Datasheet
141Kb / 16P
   LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
ICS8344I ICST-ICS8344I Datasheet
142Kb / 16P
   LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
ICS8344 ICST-ICS8344 Datasheet
131Kb / 15P
   LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
ICS83948I ICST-ICS83948I Datasheet
110Kb / 10P
   LOW SKEW, 1-TO-12 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
ICS8305I ICST-ICS8305I Datasheet
210Kb / 15P
   LOW SKEW, 1-TO-4, MULTIPLEXED DIFFERENTIAL/LVCMOS-TO-LVCMOS/LVTTL FANOUT BUFFER
ICS83948I-01 ICST-ICS83948I-01 Datasheet
87Kb / 11P
   LOW SKEW, 1-TO-12 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com