Electronic Components Datasheet Search |
|
S-L2985A38-H4T1 Datasheet(PDF) 10 Page - Seiko Instruments Inc |
|
S-L2985A38-H4T1 Datasheet(HTML) 10 Page - Seiko Instruments Inc |
10 / 23 page HIGH RIPPLE-REJECTION WLP PACKAGE LOW DROPOUT CMOS VOLTAGE REGULATOR S-L2985 Series Rev.2.1_00 10 Seiko Instruments Inc. 7. ⎟⎟ ⎟ ⎠ ⎞ ⎜⎜ ⎜ ⎝ ⎛ • OUT OUT V ΔTa ΔV voltage output of t coefficien e Temperatur The shadowed area in Figure 10 is the range where VOUT varies in the operating temperature range when the temperature coefficient of the output voltage is ±100 ppm/°C. VOUT(E) *1 Ex. S-L2985B28 Typ. −40 25 +0.28 mV / °C VOUT [V] *1. VOUT(E) is the value of the output voltage measured at 25°C. 85 Ta [ °C] −0.28 mV / °C Figure 10 A change in the temperature of the output voltage [mV/°C] is calculated using the following equation. [] [ ] [] 1000 C ppm/ V Ta V V V C mV/ Ta V OUT OUT OUT(S) OUT ÷ ° • Δ Δ × = ° Δ Δ 3 * 2 * *1 *1. Change in temperature of output voltage *2. Specified output voltage *3. Output voltage temperature coefficient |
Similar Part No. - S-L2985A38-H4T1 |
|
Similar Description - S-L2985A38-H4T1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |