Electronic Components Datasheet Search |
|
S-80127BLPF-JEMTFG Datasheet(PDF) 5 Page - Seiko Instruments Inc |
|
S-80127BLPF-JEMTFG Datasheet(HTML) 5 Page - Seiko Instruments Inc |
5 / 33 page ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING) Rev.3.3_00 S-801 Series Seiko Instruments Inc. 5 Table 1 (2/3) Detection voltage range Delay time Nch open-drain output products CMOS output products 3.5 V ±2.0% 50 ms typ. S-80135ANMC-JCUT2G S-80135ALMC-JAUT2G 100 ms typ. S-80135BNMC-JGUT2G S-80135BLMC-JEUT2G 200 ms typ. S-80135CNMC-JKUT2G S-80135CLMC-JIUT2G 3.6 V ±2.0% 50 ms typ. S-80136ANMC-JCVT2G S-80136ALMC-JAVT2G 100 ms typ. S-80136BNMC-JGVT2G S-80136BLMC-JEVT2G 200 ms typ. S-80136CNMC-JKVT2G S-80136CLMC-JIVT2G 3.7 V ±2.0% 50 ms typ. S-80137ANMC-JCWT2G S-80137ALMC-JAWT2G 100 ms typ. S-80137BNMC-JGWT2G S-80137BLMC-JEWT2G 200 ms typ. S-80137CNMC-JKWT2G S-80137CLMC-JIWT2G 3.8 V ±2.0% 50 ms typ. S-80138ANMC-JCXT2G S-80138ALMC-JAXT2G 100 ms typ. S-80138BNMC-JGXT2G S-80138BLMC-JEXT2G 200 ms typ. S-80138CNMC-JKXT2G S-80138CLMC-JIXT2G 3.9 V ±2.0% 50 ms typ. S-80139ANMC-JCYT2G S-80139ALMC-JAYT2G 100 ms typ. S-80139BNMC-JGYT2G S-80139BLMC-JEYT2G 200 ms typ. S-80139CNMC-JKYT2G S-80139CLMC-JIYT2G 4.0 V ±2.0% 50 ms typ. S-80140ANMC-JCZT2G S-80140ALMC-JAZT2G 100 ms typ. S-80140BNMC-JGZT2G S-80140BLMC-JEZT2G 200 ms typ. S-80140CNMC-JKZT2G S-80140CLMC-JIZT2G 4.1 V ±2.0% 50 ms typ. S-80141ANMC-JC2T2G S-80141ALMC-JA2T2G 100 ms typ. S-80141BNMC-JG2T2G S-80141BLMC-JE2T2G 200 ms typ. S-80141CNMC-JK2T2G S-80141CLMC-JI2T2G 4.2 V ±2.0% 50 ms typ. S-80142ANMC-JC3T2G S-80142ALMC-JA3T2G 100 ms typ. S-80142BNMC-JG3T2G S-80142BLMC-JE3T2G 200 ms typ. S-80142CNMC-JK3T2G S-80142CLMC-JI3T2G 4.3 V ±2.0% 50 ms typ. S-80143ANMC-JC4T2G S-80143ALMC-JA4T2G 100 ms typ. S-80143BNMC-JG4T2G S-80143BLMC-JE4T2G 200 ms typ. S-80143CNMC-JK4T2G S-80143CLMC-JI4T2G 4.4 V ±2.0% 50 ms typ. S-80144ANMC-JC5T2G S-80144ALMC-JA5T2G 100 ms typ. S-80144BNMC-JG5T2G S-80144BLMC-JE5T2G 200 ms typ. S-80144CNMC-JK5T2G S-80144CLMC-JI5T2G 4.5 V ±2.0% 50 ms typ. S-80145ANMC-JC6T2G S-80145ALMC-JA6T2G 100 ms typ. S-80145BNMC-JG6T2G S-80145BLMC-JE6T2G 200 ms typ. S-80145CNMC-JK6T2G S-80145CLMC-JI6T2G 4.6 V ±2.0% 50 ms typ. S-80146ANMC-JC7T2G S-80146ALMC-JA7T2G 100 ms typ. S-80146BNMC-JG7T2G S-80146BLMC-JE7T2G 200 ms typ. S-80146CNMC-JK7T2G S-80146CLMC-JI7T2G 4.7 V ±2.0% 50 ms typ. S-80147ANMC-JC8T2G S-80147ALMC-JA8T2G 100 ms typ. S-80147BNMC-JG8T2G S-80147BLMC-JE8T2G 200 ms typ. S-80147CNMC-JK8T2G S-80147CLMC-JI8T2G 4.8 V ±2.0% 50 ms typ. S-80148ANMC-JC9T2G S-80148ALMC-JA9T2G 100 ms typ. S-80148BNMC-JG9T2G S-80148BLMC-JE9T2G 200 ms typ. S-80148CNMC-JK9T2G S-80148CLMC-JI9T2G 4.9 V ±2.0% 50 ms typ. S-80149ANMC-JDAT2G S-80149ALMC-JBAT2G 100 ms typ. S-80149BNMC-JHAT2G S-80149BLMC-JFAT2G 200 ms typ. S-80149CNMC-JLAT2G S-80149CLMC-JJAT2G |
Similar Part No. - S-80127BLPF-JEMTFG |
|
Similar Description - S-80127BLPF-JEMTFG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |