Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF-LC100505 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BF-LC100505
Description  Multilayer Ferrite Chip Bead
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BF-LC100505 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BF-LC100505 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dimensions
Part Numbering Guide
Series
Packaging Style
LC=Large Current
B=Bulk
T=Tape & Reel
Dimensions
Tolerance
(Length, Width, Height)
M=20%, Y=25%
Impedance Code
BF-LC 100505 - 100 Y - T
Multilayer Ferrite Chip Bead
(BF-LC Series)
Features
Impedance Range
10 Ohms to 120 Ohms
Tolerance
20%, 25%
Operating Temperature
-25°C to +85°C
D
A
D
C
B
Part Number
Inch
A
B
C
D
BF-LC 100505
0402
1.0 ± 0.15
0.50 ± 0.15
0.50 ± 0.15
0.25 ± 0.15
BF-LC 160808
0603
1.6 ± 0.20
0.80 ± 0.15
0.80 ± 0.15
0.30 ± 0.20
BF-LC 201209
0805
2.0 ± 0.20
1.25 ± 0.20
0.90 ± 0.20
0.50 ± 0.30
BF-LC 321611
1206
3.2 ± 0.20
1.60 ± 0.20
1.10 ± 0.20
0.50 ± 0.30
BF-LC 451616
1806
4.5 ± 0.25
1.60 ± 0.20
1.60 ± 0.20
0.50 ± 0.30
BF-LC 453215
1812
4.5 ± 0.25
3.20 ± 0.20
1.50 ± 0.20
0.50 ± 0.30
Dimensions in mm
Specifications subject to change without notice.
Rev. 02/01
(Not to scale)
TEL 949-366-8700
FAX 949-366-8707
WEB www.caliberelectronics.com
Part Number
Impedance
(Ohms)
Available
Tolerance
Test Freq
(MHz)
DCR Max
(Ohms)
IDC Max
(mA)
BF-LC100505-100
10
Y
100
0.030
1000
BF-LC160808-110
11
M, Y
100
0.015
5000
BF-LC160808-250
25
M, Y
100
0.030
4000
BF-LC201209-110
11
M, Y
100
0.010
6000
BF-LC201209-320
32
M, Y
100
0.025
4000
BF-LC201209-600
60
M, Y
100
0.025
4000
BF-LC201209-800
80
M, Y
100
0.030
4000
BF-LC321611-260
26
M, Y
100
0.015
7000
BF-LC321611-320
32
M, Y
100
0.015
6000
BF-LC321611-500
50
M, Y
100
0.020
5000
BF-LC321611-700
70
M, Y
100
0.020
5000
BF-LC321611-800
80
M, Y
100
0.015
5000
BF-LC321611-900
90
M, Y
100
0.030
4000
BF-LC451616-600
60
M, Y
100
0.020
6000
BF-LC451616-700
70
M, Y
100
0.025
6000
BF-LC451616-800
80
M, Y
100
0.025
5000
BF-LC453215-700
70
M, Y
100
0.030
7000
BF-LC453215-121
120
M, Y
100
0.030
4000
Electrical Specifications
BF-LC451616-181
180
M, Y
100
0.025
3000
BF-LC321611-310
31
M, Y
100
0.040
1500
BF-LC321611-601
600
M, Y
100
0.090
1500
CAL I B E R
ELE C T R O N I C S
I N C .
specifications subject to change * revision 3-2003


Similar Part No. - BF-LC100505

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
BF-LC100505 CALIBER-BF-LC100505 Datasheet
25Kb / 1P
   Multilayer Ferrite Chip Bead
BF-LC100505-100 CALIBER-BF-LC100505-100 Datasheet
25Kb / 1P
   Multilayer Ferrite Chip Bead
More results

Similar Description - BF-LC100505

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BF-NB100505-060Y-T ETC2-BF-NB100505-060Y-T Datasheet
27Kb / 1P
   Multilayer Ferrite Chip Bead
logo
Caliber Electronics Inc...
BF-SB100505 CALIBER-BF-SB100505 Datasheet
31Kb / 1P
   Multilayer Ferrite Chip Bead
logo
Abracon Corporation
ACML-0402 ABRACON-ACML-0402 Datasheet
2Mb / 3P
   MULTILAYER FERRITE CHIP BEAD
01.03.13
ACML-0603 ABRACON-ACML-0603 Datasheet
2Mb / 4P
   MULTILAYER FERRITE CHIP BEAD
01.19.14
logo
Caliber Electronics Inc...
BF-NB100505 CALIBER-BF-NB100505 Datasheet
28Kb / 1P
   Multilayer Ferrite Chip Bead
BF-LC100505 CALIBER-BF-LC100505 Datasheet
25Kb / 1P
   Multilayer Ferrite Chip Bead
logo
List of Unclassifed Man...
BF-SB100505-121Y-T ETC2-BF-SB100505-121Y-T Datasheet
30Kb / 1P
   Multilayer Ferrite Chip Bead
ZFB-0603H-121N ETC-ZFB-0603H-121N Datasheet
284Kb / 13P
   Multilayer Ferrite Chip Bead
V 1.2
logo
Eaton All Rights Reserv...
MFBA2V1005 EATON-MFBA2V1005 Datasheet
635Kb / 5P
   Automotive multilayer chip ferrite bead
December 2021
logo
Stackpole Electronics, ...
FB_SERIES SEI-FB_SERIES Datasheet
762Kb / 17P
   Multilayer Ferrite Chip Bead Inductor
04/28/2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com