Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-PMRTB-CJB Datasheet(PDF) 3 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-PMRTB-CJB
Description  High brightness tri-color surface mount LED.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-PMRTB-CJB Datasheet(HTML) 3 Page - BRIGHT LED ELECTRONICS CORP

  BL-PMRTB-CJB Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-PMRTB-CJB Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-PMRTB-CJB Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BL-PMRTB-CJB Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BL-PMRTB-CJB Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP BL-PMRTB-CJB Datasheet HTML 6Page - BRIGHT LED ELECTRONICS CORP BL-PMRTB-CJB Datasheet HTML 7Page - BRIGHT LED ELECTRONICS CORP BL-PMRTB-CJB Datasheet HTML 8Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
05/01/06
Multi DomiLED Multi DMRTB-CJ -v19
Page 3 of 9
Wavelength Grouping.
If wavelength binning is required, only one wavelength group is allowed for each chip within a reel.
Color
Group
Wavelength distribution (nm)
Red
Full
620 – 630
True Green
Full
A
B
C
521 - 536
521 - 526
526 - 531
531 - 536
Blue
Full
A
B
465 - 475
465 - 470
470 - 475
Dominant wavelength is measured with an accuracy of
±1 nm.
Electrical Characteristics at Ta = 25
oC
Vf at If=20mA; (V)
Temperature coefficient of Vf
(If =20mA; -10
oC<T<100oC)
Typ.
Max
Typ. ( mV/K )
Red
1.8
2.45
-2.0
True Green
3.7
4.25
-3.6
Blue
3.6
4.25
-3.1
Optical Characteristics at TA = 25
oC
Temperature coefficient (If =20mA; -10
oC<T<100oC, typ.)
View Angle
λpeak (nm/K)
λdom. (nm/K)
(deg.)
Red
0.15
0.05
True Green
0.04
0.03
Blue
0.04
0.02
120


Similar Part No. - BL-PMRTB-CJB

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-PMRTB-SJB BRIGHT-BL-PMRTB-SJB Datasheet
253Kb / 7P
   Multi DOMILED High brightness tri-color surface mount LED.
BL-PMRTB-UJB BRIGHT-BL-PMRTB-UJB Datasheet
253Kb / 7P
   Multi DOMILED High brightness tri-color surface mount LED.
More results

Similar Description - BL-PMRTB-CJB

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
D6RTB-PJG-PCN DOMINANT-D6RTB-PJG-PCN Datasheet
1Mb / 14P
   High brightness tri-color surface mount LED
D6RTB-DJD-PCN DOMINANT-D6RTB-DJD-PCN Datasheet
854Kb / 14P
   High brightness tri-color surface mount LED
D6RTB-HJD-PCN DOMINANT-D6RTB-HJD-PCN Datasheet
821Kb / 14P
   High brightness tri-color surface mount LED
DMRTB-UJB-ST3-UV3-RS3-1 DOMINANT-DMRTB-UJB-ST3-UV3-RS3-1 Datasheet
878Kb / 14P
   High brightness tri-color surface mount LED
DBRTB-DJB DOMINANT-DBRTB-DJB Datasheet
926Kb / 13P
   High brightness tri-color surface mount LED
logo
BRIGHT LED ELECTRONICS ...
BL-PMSGB-GJB BRIGHT-BL-PMSGB-GJB Datasheet
154Kb / 5P
   Low brightness tri-color surface mount LED.
BL-PMRTB-SJB BRIGHT-BL-PMRTB-SJB Datasheet
253Kb / 7P
   Multi DOMILED High brightness tri-color surface mount LED.
BL-PMRTB-UJB BRIGHT-BL-PMRTB-UJB Datasheet
253Kb / 7P
   Multi DOMILED High brightness tri-color surface mount LED.
logo
DOMINANT Semiconductors
DMHG-GJ DOMINANT-DMHG-GJ Datasheet
871Kb / 12P
   High brightness bi-color surface mount LED
DKXX-NJS DOMINANT-DKXX-NJS Datasheet
1Mb / 12P
   High brightness bi-color surface mount LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com