Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS83026BMI-01LFT Datasheet(PDF) 7 Page - Integrated Device Technology

Part # ICS83026BMI-01LFT
Description  LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS83026BMI-01LFT Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button ICS83026BMI-01LFT Datasheet HTML 3Page - Integrated Device Technology ICS83026BMI-01LFT Datasheet HTML 4Page - Integrated Device Technology ICS83026BMI-01LFT Datasheet HTML 5Page - Integrated Device Technology ICS83026BMI-01LFT Datasheet HTML 6Page - Integrated Device Technology ICS83026BMI-01LFT Datasheet HTML 7Page - Integrated Device Technology ICS83026BMI-01LFT Datasheet HTML 8Page - Integrated Device Technology ICS83026BMI-01LFT Datasheet HTML 9Page - Integrated Device Technology ICS83026BMI-01LFT Datasheet HTML 10Page - Integrated Device Technology ICS83026BMI-01LFT Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
83026BMI-01
7
REV. A OCTOBER 22, 2007
ICS83026I-01
LOW SKEW, 1-TO-2
DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
PARAMETER MEASUREMENT INFORMATION
SCOPE
Qx
LVCMOS
3.3VCORE/1.8V OUTPUT LOAD AC TEST CIRCUIT
2.4±0.125V
V
DDO
-0.9V±0.45V
V
DD
0.9V±0.45V
SCOPE
Qx
LVCMOS
3.3VCORE/2.5V OUTPUT LOAD AC TEST CIRCUIT
2.05V±0.103V
V
DDO
-1.25V±5%
V
DD
1.25V±5%
3.3VCORE/3.3V OUTPUT LOAD AC TEST CIRCUIT
SCOPE
Qx
LVCMOS
1.65V±5%
-1.65V±5%
DIFFERENTIAL INPUT LEVEL
OUTPUT SKEW
PART-TO-PART SKEW
V
CMR
Cross Points
V
PP
GND
CLK
nCLK
V
DD
tsk(o)
V
DDO
2
V
DDO
2
Qy
Qx
tsk(pp)
V
DDO
2
V
DDO
2
Qy
Qx
PART 1
PART 2
V
DD,
V
DDO
GND
GND
GND


Similar Part No. - ICS83026BMI-01LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83026BMI-01LFT ICST-ICS83026BMI-01LFT Datasheet
239Kb / 14P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
More results

Similar Description - ICS83026BMI-01LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS83026I-01 IDT-ICS83026I-01_10 Datasheet
346Kb / 15P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
logo
Renesas Technology Corp
83026I-01 RENESAS-83026I-01 Datasheet
372Kb / 16P
   Low Skew, 1-to-2 Differential-to-LVCMOS/LVTTL Fanout Buffer
December 15, 2015
logo
Integrated Circuit Syst...
ICS83026I-01 ICST-ICS83026I-01 Datasheet
239Kb / 14P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
ICS83026I ICST-ICS83026I Datasheet
119Kb / 11P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
ICS8302 ICST-ICS8302 Datasheet
133Kb / 9P
   LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER
logo
Renesas Technology Corp
83026I RENESAS-83026I Datasheet
504Kb / 13P
   Low Skew, 1-to-2, Differential-to-LVCMOS/LVTTL Fanout
December 15, 2015
logo
Pericom Semiconductor C...
PI6C49X0202 PERICOM-PI6C49X0202 Datasheet
944Kb / 7P
   Low Skew, 1-To-2 LVCMOS / LVTTL Fanout Buffer
logo
Renesas Technology Corp
83948I RENESAS-83948I Datasheet
504Kb / 14P
   Low Skew, 1-to-12 Differential-to- LVCMOS/LVTTL Fanout Buffer
May 19, 2016
ICS8344I-01 RENESAS-ICS8344I-01 Datasheet
961Kb / 16P
   Low Skew, 1-to-24 Differential-to-LVCMOS/LVTTL Fanout Buffer
2019
8302I RENESAS-8302I Datasheet
250Kb / 11P
   LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER
March 4, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com