Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-PPW-TSD-ADE-1 Datasheet(PDF) 4 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-PPW-TSD-ADE-1
Description  NovaLED 350 InGaN - High Lumens Super high brightness surface mount LED.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-PPW-TSD-ADE-1 Datasheet(HTML) 4 Page - BRIGHT LED ELECTRONICS CORP

  BL-PPW-TSD-ADE-1 Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-PPW-TSD-ADE-1 Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-PPW-TSD-ADE-1 Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BL-PPW-TSD-ADE-1 Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BL-PPW-TSD-ADE-1 Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP BL-PPW-TSD-ADE-1 Datasheet HTML 6Page - BRIGHT LED ELECTRONICS CORP BL-PPW-TSD-ADE-1 Datasheet HTML 7Page - BRIGHT LED ELECTRONICS CORP BL-PPW-TSD-ADE-1 Datasheet HTML 8Page - BRIGHT LED ELECTRONICS CORP BL-PPW-TSD-ADE-1 Datasheet HTML 9Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
10/01/06
NovaLED350 InGaN White High Lumens - Catalogue-pv1
Page 4 of 10
Engineering reference data are not verified. The specifications are subject to
change without notice.
Correlated Color Temperature (CCT)
Color Bin
Minimum CCT (K)
Maximum CCT (K)
Y3
4500
5000
Y2
5000
5500
Y1
5500
6000
X3
6000
7000
X2
7000
8000
X1
8
000
9
000
Note: CCT values provided for each of the color bins are an approximation based on correlation.
Correlation Between Luminous Intensity And Luminous Flux.
Luminous Intensity (mcd)
Luminous Flux (lm)
IV Bin
Min
Max
Min
Max
AD
14,000
18,000
39.0
50.0
AE
18,000
22,400
50.0
63.0
Note: Data provided above is based on approximation.


Similar Part No. - BL-PPW-TSD-ADE-1

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-PPW-TS6-AHJ-1 BRIGHT-BL-PPW-TS6-AHJ-1 Datasheet
524Kb / 9P
   NovaLED 350 InGaN With Lens - High Lumen Super high brightness surface mount LED.
More results

Similar Description - BL-PPW-TSD-ADE-1

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-PPT-USS-ABC-1 BRIGHT-BL-PPT-USS-ABC-1 Datasheet
333Kb / 8P
   NovaLED 350 InGaN Green Super high brightness surface mount LED.
BL-PPB-USS-C10 BRIGHT-BL-PPB-USS-C10 Datasheet
228Kb / 7P
   NovaLED 350 InGaN Blue Super high brightness surface mount LED.
BL-PPB-CES-C10 BRIGHT-BL-PPB-CES-C10 Datasheet
409Kb / 6P
   NOVALED InGaN Super high brightness surface mount LED.
BL-PPT-CES-C10 BRIGHT-BL-PPT-CES-C10 Datasheet
409Kb / 6P
   NOVALED InGaN Super high brightness surface mount LED.
BL-PPW-CED-C10 BRIGHT-BL-PPW-CED-C10 Datasheet
409Kb / 6P
   NOVALED InGaN Super high brightness surface mount LED.
BL-PPW-TS6-AHJ-1 BRIGHT-BL-PPW-TS6-AHJ-1 Datasheet
524Kb / 9P
   NovaLED 350 InGaN With Lens - High Lumen Super high brightness surface mount LED.
BL-PPR-SES-C10 BRIGHT-BL-PPR-SES-C10 Datasheet
231Kb / 5P
   NOVALED AlInGaP Super high brightness surface mount LED.
logo
DOMINANT Semiconductors
NPW-TSD-ADE-1 DOMINANT-NPW-TSD-ADE-1 Datasheet
499Kb / 14P
   SPNovaLED InGaN White High Lumens : 350 mA
logo
BRIGHT LED ELECTRONICS ...
BL-PSW-SSD-C10 BRIGHT-BL-PSW-SSD-C10 Datasheet
215Kb / 8P
   InGaN BIKINI High brightness surface mount LED.
BL-PDW-UJD-C10 BRIGHT-BL-PDW-UJD-C10 Datasheet
1Mb / 12P
   DomiLED InGaN High brightness surface mount LED.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com