Electronic Components Datasheet Search |
|
S-80829CLPF-B6OTFG Datasheet(PDF) 1 Page - Seiko Instruments Inc |
|
S-80829CLPF-B6OTFG Datasheet(HTML) 1 Page - Seiko Instruments Inc |
1 / 58 page Rev.4.3_00 SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR S-808xxC Series Seiko Instruments Inc. 1 The S-808xxC series is a series of high-precision voltage detectors developed using CMOS process. The detection voltage is fixed internally with an accuracy of ±2.0%. Two output forms, Nch open-drain and CMOS output, are available. Super-low current consumption and miniature package lineup can meet demand from the portable device applications. Features • Super-low current consumption 1.3 µA typ. (detection voltage≤1.4 V, at VDD=1.5 V) 0.8 µA typ. (detection voltage≥1.5 V, at VDD=3.5 V) • High-precision detection voltage ±2.0% • Operating voltage range 0.65 V to 5.0 V (detection voltage ≤1.4 V) 0.95 V to 10.0 V (detection voltage ≥1.5 V) • Hysteresis characteristics 5% typ. • Detection voltage 0.8 V to 6.0 V (0.1 V step) • Output form Nch open-drain output (Active Low) CMOS output (Active Low) • Lead-free products Applications • Battery checkers • Power failure detectors • Power monitor for portable equipments such as pagers, calculators, electronic notebooks and remote controllers. • Constant voltage power monitor for cameras, video equipments and communication devices. • Power monitor for microcomputers and reset for CPUs. Packages Drawing code Package name Package Tape Reel Zigzag Land SC-82AB NP004-A NP004-A NP004-A SOT-23-5 MP005-A MP005-A MP005-A SOT-89-3 UP003-A UP003-A UP003-A SNT-4A PF004-A PF004-A PF004-A PF004-A TO-92 (Bulk) YS003-B TO-92 (Tape and reel) YF003-A YF003-A YF003-A TO-92 (Tape and ammo) YF003-A YZ003-C YZ003-C |
Similar Part No. - S-80829CLPF-B6OTFG |
|
Similar Description - S-80829CLPF-B6OTFG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |