Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS85222AM-02LF Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS85222AM-02LF
Description  1-TO-2, LVCMOS/LVTTL-TODIFFERENTIAL HSTL TRANSLATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS85222AM-02LF Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS85222AM-02LF Datasheet HTML 1Page - Integrated Device Technology ICS85222AM-02LF Datasheet HTML 2Page - Integrated Device Technology ICS85222AM-02LF Datasheet HTML 3Page - Integrated Device Technology ICS85222AM-02LF Datasheet HTML 4Page - Integrated Device Technology ICS85222AM-02LF Datasheet HTML 5Page - Integrated Device Technology ICS85222AM-02LF Datasheet HTML 6Page - Integrated Device Technology ICS85222AM-02LF Datasheet HTML 7Page - Integrated Device Technology ICS85222AM-02LF Datasheet HTML 8Page - Integrated Device Technology ICS85222AM-02LF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1-TO-2, LVCMOS/LVTTL-TO-
DIFFERENTIAL HSTL TRANSLATOR
ICS85222-02
IDT/ ICSDIFFERENTIAL HSTL TRANSLATOR
1
ICS85222AM-02 REV. B SEPTEMBER 12, 2007
GENERAL DESCRIPTION
The ICS85222-02 is a 1-to-2 LVCMOS / LVTTL-to-
Differential HSTL translator and a member of the
HiPerClocks™family of High Performance Clock
Solutions from IDT. The ICS85222-02 has one
single ended clock input. The single-ended clock
input accepts LVCMOS or LVTTL input levels and translates
them to HSTL levels. The small outline 8-pin SOIC package
makes this device ideal for applications where space, high
performance and low power are important.
FEATURES
• Two differential HSTL outputs
• One LVCMOS/LVTTL clock input
• CLK input can accept the following input levels:
LVCMOS or LVTTL
• Maximum output frequency: 350MHz
• Part-to-part skew: 250ps (maximum)
• Propagation delay: 1.25ns (maximum)
• V
OH:
1.4V (maximum)
• Output crossover voltage: 0.68V - 0.9V
• Full 3.3V operating supply voltage
• 0°C to 70°C ambient operating temperature
• Industrial temperature information available upon request
• Available in both standard and lead-free RoHS compliant
packages
BLOCK DIAGRAM
PIN ASSIGNMENT
ICS85222-02
8-Lead SOIC
3.90mm x 4.92mm x 1.37mm body package
M Package
Top View
Q0
nQ0
Q1
nQ1
1
2
3
4
HiPerClockS™
ICS
VDD
CLK
nc
GND
8
7
6
5
Q0
nQ0
Q1
nQ1
CLK Pulldown


Similar Part No. - ICS85222AM-02LF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85222AM-02LF ICST-ICS85222AM-02LF Datasheet
130Kb / 10P
   1-TO-2 LVCMOS / LVTTL-TO DIFFERENTIAL HSTL TRANSLATOR
logo
Integrated Device Techn...
ICS85222AM-02LF IDT-ICS85222AM-02LF Datasheet
211Kb / 12P
   1-to-2, LVCMOS/LVTTL-to-Differential HSTL Translator
logo
Renesas Technology Corp
ICS85222AM-02LF RENESAS-ICS85222AM-02LF Datasheet
364Kb / 13P
   1-to-2, LVCMOS/LVTTL-to-Differential HSTL Translator
6/15/15
logo
Integrated Circuit Syst...
ICS85222AM-02LFT ICST-ICS85222AM-02LFT Datasheet
130Kb / 10P
   1-TO-2 LVCMOS / LVTTL-TO DIFFERENTIAL HSTL TRANSLATOR
logo
Integrated Device Techn...
ICS85222AM-02LFT IDT-ICS85222AM-02LFT Datasheet
211Kb / 12P
   1-to-2, LVCMOS/LVTTL-to-Differential HSTL Translator
More results

Similar Description - ICS85222AM-02LF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS85222I-02 IDT-ICS85222I-02 Datasheet
257Kb / 12P
   1-to-2, LVCMOS/LVTTL- To- Differential HSTL Translator
logo
Integrated Circuit Syst...
ICS85222-02 ICST-ICS85222-02 Datasheet
130Kb / 10P
   1-TO-2 LVCMOS / LVTTL-TO DIFFERENTIAL HSTL TRANSLATOR
logo
Integrated Device Techn...
85222-02 IDT-85222-02 Datasheet
211Kb / 12P
   1-to-2, LVCMOS/LVTTL-to-Differential HSTL Translator
logo
Renesas Technology Corp
85222-02 RENESAS-85222-02 Datasheet
364Kb / 13P
   1-to-2, LVCMOS/LVTTL-to-Differential HSTL Translator
6/15/15
ICS85222I-02 RENESAS-ICS85222I-02 Datasheet
687Kb / 13P
   1-to-2, LVCMOS/LVTTL- To- Differential HSTL Translator
2019
logo
Potato Semiconductor Co...
PO100HSTL180A POTATO-PO100HSTL180A Datasheet
692Kb / 8P
   Differential LVDS/LVPECL/HSTL to LVTTL Translator LVTTL/LVCMOS to Differential HSTL Translator
PO100HSTL179A POTATO-PO100HSTL179A Datasheet
692Kb / 8P
   Differential LVDS/LVPECL/HSTL to LVTTL Translator LVTTL/LVCMOS to Differential HSTL Translator
PO100HSTL22A POTATO-PO100HSTL22A Datasheet
520Kb / 6P
   Dual LVTTL/LVCMOS to Differential HSTL Translator
logo
Integrated Device Techn...
85222-01 IDT-85222-01 Datasheet
184Kb / 14P
   Dual LVCMOS / LVTTL-to-Differential HSTL Translator
logo
Renesas Technology Corp
85222-01 RENESAS-85222-01 Datasheet
390Kb / 15P
   Dual LVCMOS / LVTTL-to-Differential HSTL Translator
5/7/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com