Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVCP23PW Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVCP23PW
Description  2x2 LVPECL CROSSPOINT SWITCH
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVCP23PW Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65LVCP23PW Datasheet HTML 3Page - Texas Instruments SN65LVCP23PW Datasheet HTML 4Page - Texas Instruments SN65LVCP23PW Datasheet HTML 5Page - Texas Instruments SN65LVCP23PW Datasheet HTML 6Page - Texas Instruments SN65LVCP23PW Datasheet HTML 7Page - Texas Instruments SN65LVCP23PW Datasheet HTML 8Page - Texas Instruments SN65LVCP23PW Datasheet HTML 9Page - Texas Instruments SN65LVCP23PW Datasheet HTML 10Page - Texas Instruments SN65LVCP23PW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
www.ti.com
SWITCHING CHARACTERISTICS
PIN ASSIGNMENTS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SEL1
SEL0
IN0+
IN0-
VCC
IN1+
IN1-
VCC
EN0
EN1
OUT0+
OUT0-
GND
OUT1+
OUT1-
GND
D or PW PACKAGE
(TOP VIEW)
SN65LVCP23
SLLS554E – NOVEMBER 2002 – REVISED MAY 2006
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
tSET
Input to SEL setup time
Figure 5
1
0.5
ns
tHOLD
Input to SEL hold time
Figure 5
1.1
0.5
ns
tSWITCH
SEL to switched output
Figure 5
1.7
2.5
ns
tPHKL
Disable time, high-level-to-known LOW
Figure 4
2
2.5
ns
tPKLH
Enable time, known LOW-to-high-level output
Figure 4
2
2.5
ns
tLHT
Differential output signal rise time (20% – 80%)(1)
Figure 3
80
110
220
ps
tHLT
Differential output signal fall time (20% – 80%)(1)
Figure 3
80
110
220
ps
VID = 200 mV, 50% duty cycle, VCM = 1.2 V,
15
30
ps
650 MHz
tJIT
Added peak-to-peak jitter
VID = 200 mV, PRBS = 223–1 data pattern
and K28.5 (0011111010),
50
100
ps
VCM = 1.2 V at 1.3 Gbps
VID = 200 mV, 50% duty cycle,
tJrms
Added random jitter (rms)
0.3
0.5
psRMS
VCM = 1.2 V, 650 MHz
tPLHD
Propagation delay time, low-to-high-level output(1)
VCC = 3.3 V, TA = 25°C, See Figure 3
400
750 1100
ps
tPHLD
Propagation delay time, high-to-low-level output(1)
VCC = 3.3 V, TA = 25°C, See Figure 3
400
750 1100
ps
tskew
Pulse skew (|tPLHD– tPHLD|)(2)
Figure 3
20
100
ps
tCCS
Output channel-to-channel skew, splitter mode
Figure 3
10
50
ps
fMAX
Maximum operating frequency(3)
1
GHz
(1)
Input: VIC = 1.2 V, VID = 200 mV, 50% duty cycle, 1 MHz, tr/tf = 500 ps
(2)
tskew is the magnitude of the time difference between the tPLHD and tPHLD of any output of a single device.
(3)
Signal generator conditions: 50% duty cycle, tr or tf ≤ 100 ps (10% to 90%), transmitter output criteria: duty cycle = 45% to 55% VOD
300 mV.
7
Submit Documentation Feedback


Similar Part No. - SN65LVCP23PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP23PW TI-SN65LVCP23PW Datasheet
470Kb / 17P
[Old version datasheet]   2x2 LVPECL Crosspoint switch
SN65LVCP23PWR TI-SN65LVCP23PWR Datasheet
470Kb / 17P
[Old version datasheet]   2x2 LVPECL Crosspoint switch
More results

Similar Description - SN65LVCP23PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP23 TI1-SN65LVCP23_14 Datasheet
783Kb / 22P
[Old version datasheet]   2x2 LVPECL CROSSPOINT SWITCH
SN65LVCP23 TI-SN65LVCP23 Datasheet
470Kb / 17P
[Old version datasheet]   2x2 LVPECL Crosspoint switch
SN65LVCP22 TI-SN65LVCP22_07 Datasheet
567Kb / 19P
[Old version datasheet]   2x2 LVDS CROSSPOINT SWITCH
SN65LVCP402 TI1-SN65LVCP402 Datasheet
1Mb / 20P
[Old version datasheet]   Gigabit 2x2 CROSSPOINT SWITCH
DS10CP152 TI1-DS10CP152_14 Datasheet
767Kb / 16P
[Old version datasheet]   Gbps 2X2 LVDS Crosspoint Switch
SN55LVCP22-SP TI1-SN55LVCP22-SP Datasheet
298Kb / 17P
[Old version datasheet]   CLASS V 2x2 LVDS CROSSPOINT SWITCH
SN55LVCP22 TI1-SN55LVCP22 Datasheet
257Kb / 20P
[Old version datasheet]   CLASS V 2x2 LVDS CROSSPOINT SWITCH
logo
Pericom Semiconductor C...
PI90LV024 PERICOM-PI90LV024 Datasheet
151Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
logo
National Semiconductor ...
DS25CP152 NSC-DS25CP152 Datasheet
272Kb / 12P
   3.125 Gbps LVDS 2x2 Crosspoint Switch
logo
Texas Instruments
DS90CP02 TI1-DS90CP02_15 Datasheet
796Kb / 16P
[Old version datasheet]   1.5 Gbps 2x2 LVDS Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com