Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS85222AM-02LFT Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ICS85222AM-02LFT
Description  1-TO-2, LVCMOS/LVTTL-TODIFFERENTIAL HSTL TRANSLATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS85222AM-02LFT Datasheet(HTML) 5 Page - Integrated Device Technology

  ICS85222AM-02LFT Datasheet HTML 1Page - Integrated Device Technology ICS85222AM-02LFT Datasheet HTML 2Page - Integrated Device Technology ICS85222AM-02LFT Datasheet HTML 3Page - Integrated Device Technology ICS85222AM-02LFT Datasheet HTML 4Page - Integrated Device Technology ICS85222AM-02LFT Datasheet HTML 5Page - Integrated Device Technology ICS85222AM-02LFT Datasheet HTML 6Page - Integrated Device Technology ICS85222AM-02LFT Datasheet HTML 7Page - Integrated Device Technology ICS85222AM-02LFT Datasheet HTML 8Page - Integrated Device Technology ICS85222AM-02LFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
IDT/ ICSDIFFERENTIAL HSTL TRANSLATOR
5
ICS85222AM-02 REV. B SEPTEMBER 12, 2007
ICS85222-02
1-TO-2, LVCMOS/LVTTL-TO-DIFFERENTIAL HSTL TRANSLATOR
OUTPUTS:
HSTL OUTPUT
All outputs must be terminated with 50
Ω to ground.
RECOMMENDATIONS FOR UNUSED OUTPUT PINS
APPLICATION INFORMATION
SCHEMATIC EXAMPLE
Figure 2 shows a schematic example of ICS85222-02. In the
example, the input is driven by a 7 ohm LVCMOS driver with a
series termination. The decoupling capacitor should be physically
Zo = 50 Ohm
R3
50
R4
50
R2
50
VDD=3.3V
C1
0.1u
Zo = 50 Ohm
R6
43
Zo = 50 Ohm
Zo = 50 Ohm
R1
50
HSTL Input
+
-
Ro ~ 7 Ohm
Q2
Driv er_LVCMOS
Zo = 50 Ohm
U1
ICS85222-02
1
2
3
4
8
7
6
5
Q0
nQ0
Q1
nQ1
VDD
CLK
nc
GND
HSTL Input
+
-
VDD=3.3V
FIGURE 2. ICS85222-02 HSTL BUFFER SCHEMATIC EXAMPLE
located near the power pin. For ICS85222-02, the unused output
need to be terminated.


Similar Part No. - ICS85222AM-02LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85222AM-02LFT ICST-ICS85222AM-02LFT Datasheet
130Kb / 10P
   1-TO-2 LVCMOS / LVTTL-TO DIFFERENTIAL HSTL TRANSLATOR
logo
Integrated Device Techn...
ICS85222AM-02LFT IDT-ICS85222AM-02LFT Datasheet
211Kb / 12P
   1-to-2, LVCMOS/LVTTL-to-Differential HSTL Translator
logo
Renesas Technology Corp
ICS85222AM-02LFT RENESAS-ICS85222AM-02LFT Datasheet
364Kb / 13P
   1-to-2, LVCMOS/LVTTL-to-Differential HSTL Translator
6/15/15
More results

Similar Description - ICS85222AM-02LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS85222I-02 IDT-ICS85222I-02 Datasheet
257Kb / 12P
   1-to-2, LVCMOS/LVTTL- To- Differential HSTL Translator
logo
Integrated Circuit Syst...
ICS85222-02 ICST-ICS85222-02 Datasheet
130Kb / 10P
   1-TO-2 LVCMOS / LVTTL-TO DIFFERENTIAL HSTL TRANSLATOR
logo
Integrated Device Techn...
85222-02 IDT-85222-02 Datasheet
211Kb / 12P
   1-to-2, LVCMOS/LVTTL-to-Differential HSTL Translator
logo
Renesas Technology Corp
85222-02 RENESAS-85222-02 Datasheet
364Kb / 13P
   1-to-2, LVCMOS/LVTTL-to-Differential HSTL Translator
6/15/15
ICS85222I-02 RENESAS-ICS85222I-02 Datasheet
687Kb / 13P
   1-to-2, LVCMOS/LVTTL- To- Differential HSTL Translator
2019
logo
Potato Semiconductor Co...
PO100HSTL180A POTATO-PO100HSTL180A Datasheet
692Kb / 8P
   Differential LVDS/LVPECL/HSTL to LVTTL Translator LVTTL/LVCMOS to Differential HSTL Translator
PO100HSTL179A POTATO-PO100HSTL179A Datasheet
692Kb / 8P
   Differential LVDS/LVPECL/HSTL to LVTTL Translator LVTTL/LVCMOS to Differential HSTL Translator
PO100HSTL22A POTATO-PO100HSTL22A Datasheet
520Kb / 6P
   Dual LVTTL/LVCMOS to Differential HSTL Translator
logo
Integrated Device Techn...
85222-01 IDT-85222-01 Datasheet
184Kb / 14P
   Dual LVCMOS / LVTTL-to-Differential HSTL Translator
logo
Renesas Technology Corp
85222-01 RENESAS-85222-01 Datasheet
390Kb / 15P
   Dual LVCMOS / LVTTL-to-Differential HSTL Translator
5/7/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com