Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS87421AMI Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS87421AMI
Description  첨1/첨2 DIFFERENTIAL-TO-LVDS CLOCK GENERATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS87421AMI Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS87421AMI Datasheet HTML 1Page - Integrated Device Technology ICS87421AMI Datasheet HTML 2Page - Integrated Device Technology ICS87421AMI Datasheet HTML 3Page - Integrated Device Technology ICS87421AMI Datasheet HTML 4Page - Integrated Device Technology ICS87421AMI Datasheet HTML 5Page - Integrated Device Technology ICS87421AMI Datasheet HTML 6Page - Integrated Device Technology ICS87421AMI Datasheet HTML 7Page - Integrated Device Technology ICS87421AMI Datasheet HTML 8Page - Integrated Device Technology ICS87421AMI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
IDT/ ICSLVDS CLOCK GENERATOR
3
ICS87421AMI REV. A OCTOBER 3, 2007
ICS87421I
÷1/÷2 DIFFERENTIAL-TO-LVDS CLOCK GENERATOR
TABLE 4A. POWER SUPPLY DC CHARACTERISTICS, V
DD = 3.3V±5%, T
A
= -40°C TO 85°C
TABLE 4C. DIFFERENTIAL DC CHARACTERISTICS, V
DD = 3.3V±5%, T
A
= -40°C TO 85°C
TABLE 4B. LVCMOS/LVTTL DC CHARACTERISTICS, V
DD = 3.3V±5%, T
A
= -40°C TO 85°C
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V
DD
4.6V
Inputs, V
I
-0.5V to V
DD + 0.5 V
Outputs, I
O
Continuous Current
10mA
Surge Current
15mA
Package Thermal Impedance,
θ
JA
96°C/W (0 mps)
Storage Temperature, T
STG
-65°C to 150°C
NOTE: Stresses beyond those listed under Absolute
Maximum Ratings may cause per manent damage to the
device. These ratings are stress specifications only. Functional op-
eration of product at these conditions or any conditions beyond
those listed in the DC Characteristics or AC Characteristics is not
implied. Exposure to absolute maximum rating conditions for ex-
tended periods may affect product reliability.
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
D
D
e
g
a
t
l
o
V
y
l
p
p
u
S
e
v
i
t
i
s
o
P
5
3
1
.
33
.
35
6
4
.
3V
I
D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
5
5A
m
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
H
I
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
I
7
3
.
1V
D
D
3
.
0
+V
V
L
I
e
g
a
t
l
o
V
w
o
L
t
u
p
n
I
3
.
0
-7
.
0V
I
H
I
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
IL
E
S
_
F
,
R
MV
D
D
V
=
N
I
V
5
6
4
.
3
=0
5
1A
µ
I
L
I
t
n
e
r
r
u
C
w
o
L
t
u
p
n
IL
E
S
_
F
,
R
MV
D
D
V
,
V
5
6
4
.
3
=
N
I
V
0
=5
-A
µ
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
I
H
I
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
I
K
L
CV
D
D
V
=
N
I
V
5
6
4
.
3
=0
5
1A
µ
K
L
C
nV
D
D
V
=
N
I
V
5
6
4
.
3
=5
A
µ
I
L
I
t
n
e
r
r
u
C
w
o
L
t
u
p
n
I
K
L
CV
D
D
V
,
V
5
6
4
.
3
=
N
I
V
0
=5
-A
µ
K
L
C
nV
D
D
V
,
V
5
6
4
.
3
=
N
I
V
0
=0
5
1
-A
µ
V
P
P
e
g
a
t
l
o
V
t
u
p
n
I
k
a
e
P
-
o
t
-
k
a
e
P
5
1
.
03
.
1V
V
R
M
C
;
e
g
a
t
l
o
V
t
u
p
n
I
e
d
o
M
n
o
m
m
o
C
1
E
T
O
N
5
.
0
+
D
N
GV
D
D
5
8
.
0
-V
V
s
a
d
e
n
i
f
e
d
s
i
e
g
a
t
l
o
v
e
d
o
m
n
o
m
m
o
C
:
1
E
T
O
N
H
I .


Similar Part No. - ICS87421AMI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS874208I RENESAS-ICS874208I Datasheet
494Kb / 20P
   2.5V Differential LVDS Clock Divider and Fanout Buffer
9/18/14
More results

Similar Description - ICS87421AMI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8737-11 ICST-ICS8737-11 Datasheet
127Kb / 13P
   LOW SKEW 첨1/첨2 DIFFERENTIAL-TO- 3.3V LVPECL CLOCK GENERATOR
ICS87949-01 ICST-ICS87949-01 Datasheet
130Kb / 13P
   LOW SKEW 첨1, 첨2 CLOCK GENERATOR
ICS8702 ICST-ICS8702 Datasheet
221Kb / 12P
   LOW SKEW 첨1, 첨2 CLOCK GENERATOR
ICS8701I ICST-ICS8701I Datasheet
123Kb / 13P
   LOW SKEW 첨1, 첨2 CLOCK GENERATOR
ICS8701 ICST-ICS8701 Datasheet
131Kb / 15P
   LOW SKEW 첨1, 첨2 CLOCK GENERATOR
ICS8701-01 ICST-ICS8701-01 Datasheet
211Kb / 10P
   LOW SKEW 첨1, 첨2 CLOCK GENERATOR W/POLARITY CONTROL
logo
Micrel Semiconductor
SY100E222L MICREL-SY100E222L_11 Datasheet
92Kb / 7P
   3.3V, 1.5GHz 첨1/첨2 DIFFERENTIAL LVECL/LVPECL PROGRAMMABLE CLOCK
SY100E222L MICREL-SY100E222L_06 Datasheet
28Kb / 7P
   3.3V, 1.5GHz 첨1/첨2 DIFFERENTIAL LVECL/LVPECL PROGRAMMABLE CLOCK GENERATOR AND 1:15 FANOUT BUFFER
logo
Renesas Technology Corp
87421 RENESAS-87421 Datasheet
408Kb / 16P
   ÷1/÷2 Differential-to-LVDS Clock Generator
June 24, 2016
logo
Micrel Semiconductor
SY100S838 MICREL-SY100S838 Datasheet
73Kb / 4P
   (첨1, 첨2/3) OR (첨2, 첨4/6) CLOCK GENERATION CHIP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com