Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS87421AMI Datasheet(PDF) 4 Page - Integrated Device Technology

Part # ICS87421AMI
Description  첨1/첨2 DIFFERENTIAL-TO-LVDS CLOCK GENERATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS87421AMI Datasheet(HTML) 4 Page - Integrated Device Technology

  ICS87421AMI Datasheet HTML 1Page - Integrated Device Technology ICS87421AMI Datasheet HTML 2Page - Integrated Device Technology ICS87421AMI Datasheet HTML 3Page - Integrated Device Technology ICS87421AMI Datasheet HTML 4Page - Integrated Device Technology ICS87421AMI Datasheet HTML 5Page - Integrated Device Technology ICS87421AMI Datasheet HTML 6Page - Integrated Device Technology ICS87421AMI Datasheet HTML 7Page - Integrated Device Technology ICS87421AMI Datasheet HTML 8Page - Integrated Device Technology ICS87421AMI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
IDT/ ICSLVDS CLOCK GENERATOR
4
ICS87421AMI REV. A OCTOBER 3, 2007
ICS87421I
÷1/÷2 DIFFERENTIAL-TO-LVDS CLOCK GENERATOR
TABLE 5. AC CHARACTERISTICS, V
DD = 3.3V±5%, T
A
= -40°C TO 85°C
TABLE 4D. LVDS DC CHARACTERISTICS, V
DD = 3.3V±5%, T
A
= -40°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
f
K
L
C
y
c
n
e
u
q
e
r
F
t
u
p
n
I
k
c
o
l
C
1z
H
G
t
D
P
;
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
1
E
T
O
N
)
f
i
D
(
Q
o
t
K
L
C0
.
17
.
1s
n
t
)
p
p
(
k
s3
,
2
E
T
O
N
;
w
e
k
S
t
r
a
P
-
o
t
-
t
r
a
P
0
0
5s
p
t
T
I
J
;
S
M
R
,
e
s
i
o
N
e
s
a
h
P
e
v
i
t
i
d
d
A
n
o
i
t
c
e
S
r
e
t
t
i
J
e
s
a
h
P
e
v
i
t
i
d
d
A
o
t
r
e
f
e
r
n
o
i
t
a
r
g
e
t
n
I
,
z
H
M
2
5
.
5
5
1
z
H
M
0
2
z
H
k
2
1
:
e
g
n
a
R
7
1
.
0s
p
t
R
t
/
F
e
m
i
T
ll
a
F
/
e
s
i
R
t
u
p
t
u
O%
0
8
o
t
%
0
20
5
10
0
5s
p
c
d
oe
l
c
y
C
y
t
u
D
t
u
p
t
u
Of
N
I
z
H
M
0
0
5
<3
47
5%
.
t
n
i
o
p
g
n
i
s
s
o
r
c
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
d
e
h
t
o
t
t
n
i
o
p
g
n
i
s
s
o
r
c
t
u
p
n
i
l
a
i
t
n
e
r
e
f
f
i
d
e
h
t
m
o
r
f
d
e
r
u
s
a
e
M
:
1
E
T
O
N
s
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
g
n
i
t
a
r
e
p
o
s
e
c
i
v
e
d
t
n
e
r
e
f
f
i
d
n
o
s
t
u
p
t
u
o
n
e
e
w
t
e
b
w
e
k
s
s
a
d
e
n
i
f
e
D
:
2
E
T
O
N
d
e
r
u
s
a
e
m
e
r
a
s
t
u
p
t
u
o
e
h
t
,
e
c
i
v
e
d
h
c
a
e
n
o
s
t
u
p
n
i
f
o
e
p
y
t
e
m
a
s
e
h
t
g
n
i
s
U
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
d
n
a
.
s
t
n
i
o
p
s
s
o
r
c
l
a
i
t
n
e
r
e
f
f
i
d
e
h
t
t
a
.
5
6
d
r
a
d
n
a
t
S
C
E
D
E
J
h
t
i
w
e
c
n
a
d
r
o
c
c
a
n
i
d
e
n
i
f
e
d
s
i
r
e
t
e
m
a
r
a
p
s
i
h
T
:
3
E
T
O
N
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
D
O
e
g
a
t
l
o
V
t
u
p
t
u
O
l
a
i
t
n
e
r
e
f
f
i
D
0
5
30
7
40
4
5V
m
Δ V
D
O
V
D
O
e
g
n
a
h
C
e
d
u
t
i
n
g
a
M
0
5V
m
V
S
O
e
g
a
t
l
o
V
t
e
s
f
f
O
1
.
15
2
.
14
.
1V
Δ V
S
O
V
S
O
e
g
n
a
h
C
e
d
u
t
i
n
g
a
M
0
5V
m


Similar Part No. - ICS87421AMI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS874208I RENESAS-ICS874208I Datasheet
494Kb / 20P
   2.5V Differential LVDS Clock Divider and Fanout Buffer
9/18/14
More results

Similar Description - ICS87421AMI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8737-11 ICST-ICS8737-11 Datasheet
127Kb / 13P
   LOW SKEW 첨1/첨2 DIFFERENTIAL-TO- 3.3V LVPECL CLOCK GENERATOR
ICS87949-01 ICST-ICS87949-01 Datasheet
130Kb / 13P
   LOW SKEW 첨1, 첨2 CLOCK GENERATOR
ICS8702 ICST-ICS8702 Datasheet
221Kb / 12P
   LOW SKEW 첨1, 첨2 CLOCK GENERATOR
ICS8701I ICST-ICS8701I Datasheet
123Kb / 13P
   LOW SKEW 첨1, 첨2 CLOCK GENERATOR
ICS8701 ICST-ICS8701 Datasheet
131Kb / 15P
   LOW SKEW 첨1, 첨2 CLOCK GENERATOR
ICS8701-01 ICST-ICS8701-01 Datasheet
211Kb / 10P
   LOW SKEW 첨1, 첨2 CLOCK GENERATOR W/POLARITY CONTROL
logo
Micrel Semiconductor
SY100E222L MICREL-SY100E222L_11 Datasheet
92Kb / 7P
   3.3V, 1.5GHz 첨1/첨2 DIFFERENTIAL LVECL/LVPECL PROGRAMMABLE CLOCK
SY100E222L MICREL-SY100E222L_06 Datasheet
28Kb / 7P
   3.3V, 1.5GHz 첨1/첨2 DIFFERENTIAL LVECL/LVPECL PROGRAMMABLE CLOCK GENERATOR AND 1:15 FANOUT BUFFER
logo
Renesas Technology Corp
87421 RENESAS-87421 Datasheet
408Kb / 16P
   ÷1/÷2 Differential-to-LVDS Clock Generator
June 24, 2016
logo
Micrel Semiconductor
SY100S838 MICREL-SY100S838 Datasheet
73Kb / 4P
   (첨1, 첨2/3) OR (첨2, 첨4/6) CLOCK GENERATION CHIP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com