Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-PSR-SSS-C20 Datasheet(PDF) 6 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-PSR-SSS-C20
Description  High brightness surface mount LED.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-PSR-SSS-C20 Datasheet(HTML) 6 Page - BRIGHT LED ELECTRONICS CORP

  BL-PSR-SSS-C20 Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-PSR-SSS-C20 Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-PSR-SSS-C20 Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BL-PSR-SSS-C20 Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BL-PSR-SSS-C20 Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP BL-PSR-SSS-C20 Datasheet HTML 6Page - BRIGHT LED ELECTRONICS CORP BL-PSR-SSS-C20 Datasheet HTML 7Page - BRIGHT LED ELECTRONICS CORP BL-PSR-SSS-C20 Datasheet HTML 8Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Relative luminous intensity vs. forward current.
Forward current vs. forward voltage.
Intensity vs. DC Forward Current
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
0
102030405060
FORWARD CURRENT (mA)
Forward Current (mA) vs. Forward Voltage
0
5
10
15
20
25
30
35
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
Forward Voltage (V)
AS AlInGaP
TS AlInGaP
Radiation pattern.
Maximum current vs. ambient temperature
0
5
10
15
20
25
0
1020 3040 506070 8090 100
Ambient Temperature
0.2
70°
90°
80°
0
60°
50°
40°
30°
20°
0.6
0.4
1.0
0.8
10°
Relative Intensity vs. Wavelength
Relative Spectra Emission
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
500
550
600
650
700
750
800
Wavelength (nm)
Green
Orange
Red
Super Red
Hyper Red


Similar Part No. - BL-PSR-SSS-C20

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-PSR-CSS-C10 BRIGHT-BL-PSR-CSS-C10 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PSR-TSS-C10 BRIGHT-BL-PSR-TSS-C10 Datasheet
823Kb / 8P
   High brightness surface mount LED.
More results

Similar Description - BL-PSR-SSS-C20

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-PSO-SSS-C10 BRIGHT-BL-PSO-SSS-C10 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PSY-CSS-C10 BRIGHT-BL-PSY-CSS-C10 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PSR-CSS-C10 BRIGHT-BL-PSR-CSS-C10 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PDT-SRS-C10 BRIGHT-BL-PDT-SRS-C10 Datasheet
253Kb / 8P
   High brightness surface mount LED.
BL-PDB-UJS-C10 BRIGHT-BL-PDB-UJS-C10 Datasheet
1Mb / 12P
   High brightness surface mount LED.
logo
DOMINANT Semiconductors
DDX-DJX DOMINANT-DDX-DJX Datasheet
1Mb / 15P
   High brightness surface mount LED
DDW-UJG DOMINANT-DDW-UJG Datasheet
1Mb / 17P
   High brightness surface mount LED
DWF-LJG DOMINANT-DWF-LJG Datasheet
1Mb / 16P
   High brightness surface mount LED
DWW-DZKG DOMINANT-DWW-DZKG Datasheet
1Mb / 16P
   High brightness surface mount LED
DDX-JJX-I1 DOMINANT-DDX-JJX-I1 Datasheet
781Kb / 12P
   High brightness surface mount LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com