Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-PWA-TJS-C10 Datasheet(PDF) 4 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-PWA-TJS-C10
Description  Power DOMILED AlInGaP High brightness surface mount LED.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-PWA-TJS-C10 Datasheet(HTML) 4 Page - BRIGHT LED ELECTRONICS CORP

  BL-PWA-TJS-C10 Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-PWA-TJS-C10 Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-PWA-TJS-C10 Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BL-PWA-TJS-C10 Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BL-PWA-TJS-C10 Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP BL-PWA-TJS-C10 Datasheet HTML 6Page - BRIGHT LED ELECTRONICS CORP BL-PWA-TJS-C10 Datasheet HTML 7Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AMERICAN BRIGHT OPTOELECTRONICS CORP.
Power DOMILED AlInGaP BL-PW Series
V.6 Page: 4 of 7
Wavelength Grouping:
Color
Group
Wavelength distribution (nm)
BL-PWS, Super-red
Full
625 – 640
BL-PWR-SJ, Red
BL-PWR-TJ; Red (TS)
Full
Full
620 – 630
620 - 635
BL-PWA, Amber
Full
W
X
610 – 621
610 - 615
615 - 621
BL-PWO, Orange
Full
W
X
Y
Z
600 - 612
600 - 603
603 - 606
606 - 609
609 - 612
BL-PWY, Yellow
Full
W
X
Y
Z
582 - 594
582 - 585
585 - 588
588 - 591
591 - 594
Wavelength is measured with an accuracy of
±1 nm.


Similar Part No. - BL-PWA-TJS-C10

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-PWA-SJS-C10 BRIGHT-BL-PWA-SJS-C10 Datasheet
253Kb / 7P
   Power DOMILED AlInGaP High brightness surface mount LED.
More results

Similar Description - BL-PWA-TJS-C10

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-PWR-TJS-C10 BRIGHT-BL-PWR-TJS-C10 Datasheet
253Kb / 7P
   Power DOMILED AlInGaP High brightness surface mount LED.
BL-PWR-SJS-C10 BRIGHT-BL-PWR-SJS-C10 Datasheet
253Kb / 7P
   Power DOMILED AlInGaP High brightness surface mount LED.
BL-PWS-SJS-C10 BRIGHT-BL-PWS-SJS-C10 Datasheet
253Kb / 7P
   Power DOMILED AlInGaP High brightness surface mount LED.
BL-PWA-SJS-C10 BRIGHT-BL-PWA-SJS-C10 Datasheet
253Kb / 7P
   Power DOMILED AlInGaP High brightness surface mount LED.
BL-PDR-CJS-C10 BRIGHT-BL-PDR-CJS-C10 Datasheet
270Kb / 8P
   AlInGaP DOMILED High brightness surface mount LED.
BL-PDR-SRS-C10 BRIGHT-BL-PDR-SRS-C10 Datasheet
279Kb / 8P
   AlInGap DOMILED High brightness surface mount LED.
BL-PDR-TRS-C10 BRIGHT-BL-PDR-TRS-C10 Datasheet
279Kb / 8P
   AlInGap DOMILED High brightness surface mount LED.
BL-PDY-TJS-C10 BRIGHT-BL-PDY-TJS-C10 Datasheet
270Kb / 8P
   AlInGaP DOMILED High brightness surface mount LED
BL-PWO-SJS-C10 BRIGHT-BL-PWO-SJS-C10 Datasheet
253Kb / 7P
   Power DOMILED AlInGaP High brightness surface mount LED.
BL-PDO-SJS-C10 BRIGHT-BL-PDO-SJS-C10 Datasheet
270Kb / 8P
   AlInGaP DOMILED High brightness surface mount LED.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com