Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-PWC-SJS-C10 Datasheet(PDF) 6 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-PWC-SJS-C10
Description  Power DOMILED InGan High brightness surface mount LED.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-PWC-SJS-C10 Datasheet(HTML) 6 Page - BRIGHT LED ELECTRONICS CORP

  BL-PWC-SJS-C10 Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-PWC-SJS-C10 Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-PWC-SJS-C10 Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BL-PWC-SJS-C10 Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BL-PWC-SJS-C10 Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP BL-PWC-SJS-C10 Datasheet HTML 6Page - BRIGHT LED ELECTRONICS CORP BL-PWC-SJS-C10 Datasheet HTML 7Page - BRIGHT LED ELECTRONICS CORP BL-PWC-SJS-C10 Datasheet HTML 8Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AMERICAN BRIGHT OPTOELECTRONICS CORP.
Power DOMILED InGan BL-PWx-xJS Series
V.5 Page: 6 of 8
Typical electro-optical characteristics curves:
Fig.1 Relative luminous intensity vs. forward current.
Fig.2 Forward current vs. forward voltage.
Fig.3 Radiation pattern.
Fig.4 Maximum forward current vs. temperature.
Fig.5 Relative Intensity vs Wavelength
Fig.6 Dominant Wavelength vs Forward Current
Relative Spectral Emission
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
400
450
500
550
600
650
700
750
800
Wavelength (nm)
White
Blue
True Green
0.2
70°
90°
80°
0
60°
50°
40°
30°
20°
0.6
0.4
1.0
0.8
10°
Intensity vs. DC Forward Current
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
0
1020
3040
5060
FORWARD CURRENT (mA)
Forward Current (mA) vs. Forward Voltage
0
10
20
30
40
50
60
1.5
2
2.5
3
3.5
4
4.5
5
Forward Voltage (V)
Dominant Wavelength vs. Forward Current
464
465
466
467
468
469
470
0
10
20
3040
5060
IF (mA)
515
520
525
530
535
540
True Green
Blue
0
5
10
15
20
25
30
35
40
0
102030
405060708090
100
Ambient Temperature
MTTF>5000h
MTTF>10000 h


Similar Part No. - BL-PWC-SJS-C10

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-PWC-SJS-C20 BRIGHT-BL-PWC-SJS-C20 Datasheet
235Kb / 8P
   Power DOMILED InGan High brightness surface mount LED.
More results

Similar Description - BL-PWC-SJS-C10

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-PWC-SJS-C20 BRIGHT-BL-PWC-SJS-C20 Datasheet
235Kb / 8P
   Power DOMILED InGan High brightness surface mount LED.
BL-PWT-CJS-C10 BRIGHT-BL-PWT-CJS-C10 Datasheet
235Kb / 8P
   Power DOMILED InGan High brightness surface mount LED.
BL-PWC-CJS-C10 BRIGHT-BL-PWC-CJS-C10 Datasheet
235Kb / 8P
   Power DOMILED InGan High brightness surface mount LED.
BL-PWC-UJS-C10 BRIGHT-BL-PWC-UJS-C10 Datasheet
235Kb / 8P
   Power DOMILED InGan High brightness surface mount LED.
BL-PWT-UJS-C10 BRIGHT-BL-PWT-UJS-C10 Datasheet
235Kb / 8P
   Power DOMILED InGan High brightness surface mount LED.
BL-PWB-SJS-C20 BRIGHT-BL-PWB-SJS-C20 Datasheet
235Kb / 8P
   Power DOMILED InGan High brightness surface mount LED.
BL-PWB-UJS-C10 BRIGHT-BL-PWB-UJS-C10 Datasheet
235Kb / 8P
   Power DOMILED InGan High brightness surface mount LED.
BL-PWT-SJS-C10 BRIGHT-BL-PWT-SJS-C10 Datasheet
235Kb / 8P
   Power DOMILED InGan High brightness surface mount LED.
BL-PDC-SJS-C10 BRIGHT-BL-PDC-SJS-C10 Datasheet
1Mb / 12P
   DomiLED InGaN High brightness surface mount LED.
BL-PDW-UJD-C10 BRIGHT-BL-PDW-UJD-C10 Datasheet
1Mb / 12P
   DomiLED InGaN High brightness surface mount LED.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com