Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS840002AGI-01 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # ICS840002AGI-01
Description  FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS840002AGI-01 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button ICS840002AGI-01 Datasheet HTML 5Page - Integrated Device Technology ICS840002AGI-01 Datasheet HTML 6Page - Integrated Device Technology ICS840002AGI-01 Datasheet HTML 7Page - Integrated Device Technology ICS840002AGI-01 Datasheet HTML 8Page - Integrated Device Technology ICS840002AGI-01 Datasheet HTML 9Page - Integrated Device Technology ICS840002AGI-01 Datasheet HTML 10Page - Integrated Device Technology ICS840002AGI-01 Datasheet HTML 11Page - Integrated Device Technology ICS840002AGI-01 Datasheet HTML 12Page - Integrated Device Technology ICS840002AGI-01 Datasheet HTML 13Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
840002AGI-01
www.icst.com/products/hiperclocks.html
REV. A OCTOBER 18, 2007
9
ICS840002I-01
FEMTOCLOCKS™ CRYSTAL-TO-
LVCMOS/LVTTL FREQUENCY SYNTHESIZER
www.IDT.com
LAYOUT GUIDELINE
Figure 3 shows a schematic example of the ICS840002I-01. An
example of LVCMOS termination is shown in this schematic.
Additional LVCMOS termination approaches are shown in the
LVCMOS Termination Application Note. In this example, an 18
pF parallel resonant 25MHz crystal is used. The C1=22pF and
FIGURE 3. ICS840002I-01 SCHEMATIC EXAMPLE
C2=22pF are recommended for frequency accuracy. For differ-
ent board layout, the C1 and C2 may be slightly adjusted for
optimizing frequency accuracy. 1K
Ω pullup or pulldown resis-
tors can be used for the logic control input pins.
RU2
Not Install
Logic Control Input Examples
C6
0.1u
Set Logic
Input to
'1'
RD2
1K
VDD
Zo = 50 Ohm
XTAL2
VDD
C3
10uF
X1
To Logic
Input
pins
VDD
R1
10
XTAL1
Unused output can be left floating. There should
no trace attached to unused output. Device
characterized with all outputs terminated.
VDD
VDD
R4
100
LVCMOS
Set Logic
Input to
'0'
C4
0.01u
R2
33
Zo = 50 Ohm
VDDA
RU1
1K
U1
ICS840002I-01
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
FSEL0
XTAL_SEL
TEST_CLK
OE
MR
nPLL_SEL
VDDA
VDD
XTAL_OUT
XTAL_IN
VDDO
Q1
Q0
GND
GND
FSEL1
LVCMOS
If not using the crystal input, it can be left floating.
For additional protection the XTAL_IN pin can be
tied to ground.
To Logic
Input
pins
RD1
Not Install
C5
0.1u
R3
100
C1
22pF
C2
22pF
Optional Termination


Similar Part No. - ICS840002AGI-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS840002AGI-01 ICST-ICS840002AGI-01 Datasheet
209Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840002AGI-01LF ICST-ICS840002AGI-01LF Datasheet
209Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840002AGI-01LFT ICST-ICS840002AGI-01LFT Datasheet
209Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840002AGI-01T ICST-ICS840002AGI-01T Datasheet
209Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
More results

Similar Description - ICS840002AGI-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS840001-34 ICST-ICS840001-34 Datasheet
167Kb / 9P
   FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840008-01 ICST-ICS840008-01 Datasheet
192Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-LVCMOS/LVTTL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
840001I-34 IDT-840001I-34 Datasheet
197Kb / 15P
   Femtoclocks Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
logo
Integrated Circuit Syst...
ICS840002 ICST-ICS840002 Datasheet
205Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840021I ICST-ICS840021I Datasheet
186Kb / 11P
   FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840051I ICST-ICS840051I Datasheet
210Kb / 10P
   FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840004 ICST-ICS840004 Datasheet
310Kb / 13P
   FEMTOCLOCKS CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840004-11 ICST-ICS840004-11 Datasheet
172Kb / 10P
   FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840004I ICST-ICS840004I Datasheet
168Kb / 11P
   FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840004-01 ICST-ICS840004-01 Datasheet
262Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840001I ICST-ICS840001I Datasheet
175Kb / 11P
   FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com