Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS843002I-40 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # ICS843002I-40
Description  175MHZ, FEMTOCLOCKTM VCXO BASED SONET/SDH JITTER ATTENUATOR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS843002I-40 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button ICS843002I-40 Datasheet HTML 3Page - Integrated Device Technology ICS843002I-40 Datasheet HTML 4Page - Integrated Device Technology ICS843002I-40 Datasheet HTML 5Page - Integrated Device Technology ICS843002I-40 Datasheet HTML 6Page - Integrated Device Technology ICS843002I-40 Datasheet HTML 7Page - Integrated Device Technology ICS843002I-40 Datasheet HTML 8Page - Integrated Device Technology ICS843002I-40 Datasheet HTML 9Page - Integrated Device Technology ICS843002I-40 Datasheet HTML 10Page - Integrated Device Technology ICS843002I-40 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
ICS843002I-40
175MHZ, FEMTOCLOCKS™ VCXO BASED SONET/SDH JITTER ATTENUATOR
IDT™ / ICS™ VCXO BASED SONET/SDH JITTER ATTENUATOR
7
ICS843002AKI-40 REV. A NOVEMBER 7, 2007
Table 4E. LVPECL DC Characteristics, VCC = 3.3V±5%, VCCO_LVPECL = 2.5V±5%, VEE = 0V, TA = -40°C to 85°C
NOTE 1: Outputs terminated with 50
Ω to V
CCO_LVPECL – 2V.
AC Electrical Characteristics
Table 5. AC Characteristics, VCC = 3.3V±5%, VCCO_LVCMOS = VCCO_LVPECL = 3.3V±5% or 2.5V±5%, VEE = 0V,
TA = -40°C to 85°C
See Parameter Measurement Information section.
NOTE 1: Defined as skew between outputs at the same supply voltage, same frequency, and with equal load conditions.
Measured at the output differential cross points.
NOTE 2: This parameter is defined in accordance with JEDEC Standard 65.
NOTE 3: Please refer to the Phase Noise plots.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VOH
Output High Voltage; NOTE 1
VCCO – 1.4
VCCO – 0.9
V
VOL
Output Low Voltage; NOTE 1
VCCO – 2.0
VCCO – 1.5
V
VSWING
Peak-to-Peak Output Voltage Swing
0.4
1.0
V
Parameter
Symbol
Test Conditions
Minimum
Typical
Maximum
Units
fOUT
Output Frequency
19.44
175
MHz
tsk(o)
Output Skew; NOTE 1, 2
50
ps
tjit(Ø)
RMS Phase Jitter (Random);
NOTE 3
155.52MHz,
Integration Range: 12kHz – 20MHz
0.81
ps
tR / tF
Output Rise/Fall Time
20% to 80%
100
800
ps
odc
Output Duty Cycle
45
55
%


Similar Part No. - ICS843002I-40

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843002I-40 ICST-ICS843002I-40 Datasheet
275Kb / 21P
   175MHZ, FEMTOCLOCKS-TM VCXO BASED SONET/SDH JITTER ATTENUATOR
More results

Similar Description - ICS843002I-40

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS843002I-41 IDT-ICS843002I-41 Datasheet
3Mb / 23P
   700MHZ, FEMTOCLOCKTM VCXO BASED SONET/SDH JITTER ATTENUATOR
logo
Integrated Circuit Syst...
ICS843002I-40 ICST-ICS843002I-40 Datasheet
275Kb / 21P
   175MHZ, FEMTOCLOCKS-TM VCXO BASED SONET/SDH JITTER ATTENUATOR
logo
Integrated Device Techn...
843002I-40 IDT-843002I-40 Datasheet
340Kb / 24P
   175MHz, FemtoClock VCXO Based Sonet/SDH Jitter Attenuators
logo
Renesas Technology Corp
843002I-40 RENESAS-843002I-40 Datasheet
549Kb / 25P
   175MHz, FemtoClock® VCXO Based Sonet/SDH Jitter Attenuators
9/4/14
logo
Integrated Circuit Syst...
ICS843002I-41 ICST-ICS843002I-41 Datasheet
277Kb / 21P
   700MHz, FEMTOCLOCKS-TM VCXO BASED SONET/SDH JITTER ATTENUATOR
logo
Integrated Device Techn...
843002I-41 IDT-843002I-41 Datasheet
341Kb / 24P
   700MHZ, FemtoClock VCXO Based Sonet/SDH Jitter Attenuators
logo
Renesas Technology Corp
843002I-41 RENESAS-843002I-41 Datasheet
550Kb / 25P
   700MHZ, FemtoClock® VCXO Based Sonet/SDH Jitter Attenuators
9/4/14
logo
Integrated Device Techn...
ICS843002I-72 IDT-ICS843002I-72 Datasheet
300Kb / 18P
   FEMTOCLOCKS??VCXO BASED WCDMA CLOCK GENERATOR/JITTER ATTENUATOR
logo
Zarlink Semiconductor I...
ZL30121 ZARLINK-ZL30121 Datasheet
343Kb / 30P
   SONET/SDH Low Jitter System Synchronizer
logo
Integrated Circuit Syst...
ICS843002-31 ICST-ICS843002-31 Datasheet
272Kb / 27P
   700MHZ FEMTOCLOCKS??VCXO BASED FREQUENCY TRANSLATOR AND JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com