Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

843002AKI-40 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 843002AKI-40
Description  175MHZ, FEMTOCLOCKTM VCXO BASED SONET/SDH JITTER ATTENUATOR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

843002AKI-40 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 843002AKI-40 Datasheet HTML 6Page - Integrated Device Technology 843002AKI-40 Datasheet HTML 7Page - Integrated Device Technology 843002AKI-40 Datasheet HTML 8Page - Integrated Device Technology 843002AKI-40 Datasheet HTML 9Page - Integrated Device Technology 843002AKI-40 Datasheet HTML 10Page - Integrated Device Technology 843002AKI-40 Datasheet HTML 11Page - Integrated Device Technology 843002AKI-40 Datasheet HTML 12Page - Integrated Device Technology 843002AKI-40 Datasheet HTML 13Page - Integrated Device Technology 843002AKI-40 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
ICS843002I-40
175MHZ, FEMTOCLOCKS™ VCXO BASED SONET/SDH JITTER ATTENUATOR
IDT™ / ICS™ VCXO BASED SONET/SDH JITTER ATTENUATOR
10
ICS843002AKI-40 REV. A NOVEMBER 7, 2007
Output Duty Cycle/Pulse Width/Period
Application Information
Recommendations for Unused Input and Output Pins
Inputs:
CLK/nCLK Inputs
For applications not requiring the use of the differential input, both
CLKx and nCLKx can be left floating. Though not required, but for
additional protection, a 1k
Ω resistor can be tied from CLKx to
ground.
LVCMOS Control Pins
All control pins have internal pull-ups or pull-downs; additional
resistance is not required but can be added for additional
protection. A 1k
Ω resistor can be used.
Outputs:
LVPECL Outputs
All unused LVPECL outputs can be left floating. We recommend
that there is no trace attached. Both sides of the differential output
pair should either be left floating or terminated.
LVCMOS Outputs
All unused LVCMOS output can be left floating. There should be no
trace attached.
t
PW
t
PERIOD
t
PW
t
PERIOD
odc =
x 100%
nQA, nQB
QA, QB


Similar Part No. - 843002AKI-40

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
843002AKI-40LF IDT-843002AKI-40LF Datasheet
340Kb / 24P
   175MHz, FemtoClock VCXO Based Sonet/SDH Jitter Attenuators
843002AKI-40LFT IDT-843002AKI-40LFT Datasheet
340Kb / 24P
   175MHz, FemtoClock VCXO Based Sonet/SDH Jitter Attenuators
More results

Similar Description - 843002AKI-40

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS843002I-41 IDT-ICS843002I-41 Datasheet
3Mb / 23P
   700MHZ, FEMTOCLOCKTM VCXO BASED SONET/SDH JITTER ATTENUATOR
logo
Integrated Circuit Syst...
ICS843002I-40 ICST-ICS843002I-40 Datasheet
275Kb / 21P
   175MHZ, FEMTOCLOCKS-TM VCXO BASED SONET/SDH JITTER ATTENUATOR
logo
Integrated Device Techn...
843002I-40 IDT-843002I-40 Datasheet
340Kb / 24P
   175MHz, FemtoClock VCXO Based Sonet/SDH Jitter Attenuators
logo
Renesas Technology Corp
843002I-40 RENESAS-843002I-40 Datasheet
549Kb / 25P
   175MHz, FemtoClock® VCXO Based Sonet/SDH Jitter Attenuators
9/4/14
logo
Integrated Circuit Syst...
ICS843002I-41 ICST-ICS843002I-41 Datasheet
277Kb / 21P
   700MHz, FEMTOCLOCKS-TM VCXO BASED SONET/SDH JITTER ATTENUATOR
logo
Integrated Device Techn...
843002I-41 IDT-843002I-41 Datasheet
341Kb / 24P
   700MHZ, FemtoClock VCXO Based Sonet/SDH Jitter Attenuators
logo
Renesas Technology Corp
843002I-41 RENESAS-843002I-41 Datasheet
550Kb / 25P
   700MHZ, FemtoClock® VCXO Based Sonet/SDH Jitter Attenuators
9/4/14
logo
Integrated Device Techn...
ICS843002I-72 IDT-ICS843002I-72 Datasheet
300Kb / 18P
   FEMTOCLOCKS??VCXO BASED WCDMA CLOCK GENERATOR/JITTER ATTENUATOR
logo
Zarlink Semiconductor I...
ZL30121 ZARLINK-ZL30121 Datasheet
343Kb / 30P
   SONET/SDH Low Jitter System Synchronizer
logo
Integrated Circuit Syst...
ICS843002-31 ICST-ICS843002-31 Datasheet
272Kb / 27P
   700MHZ FEMTOCLOCKS??VCXO BASED FREQUENCY TRANSLATOR AND JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com