Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS843021AGI-01LF Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ICS843021AGI-01LF
Description  FEMTOCLOCKS??CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK GENERATOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS843021AGI-01LF Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button ICS843021AGI-01LF Datasheet HTML 2Page - Integrated Device Technology ICS843021AGI-01LF Datasheet HTML 3Page - Integrated Device Technology ICS843021AGI-01LF Datasheet HTML 4Page - Integrated Device Technology ICS843021AGI-01LF Datasheet HTML 5Page - Integrated Device Technology ICS843021AGI-01LF Datasheet HTML 6Page - Integrated Device Technology ICS843021AGI-01LF Datasheet HTML 7Page - Integrated Device Technology ICS843021AGI-01LF Datasheet HTML 8Page - Integrated Device Technology ICS843021AGI-01LF Datasheet HTML 9Page - Integrated Device Technology ICS843021AGI-01LF Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
ICS843021I-01
FEMTOCLOCKS™CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK GENERATOR
IDT™ / ICS™ 3.3V , 2.5V LVPECL CLOCK GENERATOR
6
ICS843021AGI-01 REV. A DECEMBER 3, 2007
Parameter Measurement Information
3.3V LVPECL Output Load AC Test Circuit
RMS Phase Jitter
2.5V LVPECL Output Load AC Test Circuit
Output Rise/Fall Time
SCOPE
Qx
nQx
LVPECL
V
EE
VCC
2V
1.3V ± 0.165V
-
Phase Noise Mask
Offset Frequency
f
1
f
2
Phase Noise Plot
RMS Jitter = Area Under the Masked Phase Noise Plot
t
PW
t
PERIOD
t
PW
t
PERIOD
odc =
x 100%
nQ
Q
-
SCOPE
Qx
nQx
LVPECL
V
EE
VCC
2V
-0.5V ± 0.125V
Clock
Outputs
20%
80%
80%
20%
tR
t F
VSWING
Output Duty Cycle/Pulse Width/Period


Similar Part No. - ICS843021AGI-01LF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843021AGI-01 ICST-ICS843021AGI-01 Datasheet
219Kb / 14P
   FEMTOCLOCKS-TM CRYSTAL-TO-3.3V, 2.5V 125MHZ LVPECL CLOCK GENERATOR
ICS843021AGI-01T ICST-ICS843021AGI-01T Datasheet
219Kb / 14P
   FEMTOCLOCKS-TM CRYSTAL-TO-3.3V, 2.5V 125MHZ LVPECL CLOCK GENERATOR
More results

Similar Description - ICS843021AGI-01LF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843251I-12 ICST-ICS843251I-12 Datasheet
171Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK GENERATOR
logo
Integrated Device Techn...
ICS843031-01 IDT-ICS843031-01 Datasheet
304Kb / 16P
   FEMTOCLOCKS??CRYSTAL-TO- 3.3V, 2.5V LVPECL CLOCK GENERATOR
ICS843241I-04 IDT-ICS843241I-04 Datasheet
283Kb / 14P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK GENERATOR
843031-01 IDT-843031-01 Datasheet
343Kb / 16P
   FemtoClocks Crystal-to-3.3V, 2.5V LVPECL Clock Generator
logo
Renesas Technology Corp
843031-01 RENESAS-843031-01 Datasheet
546Kb / 17P
   FemtoClocks® Crystal-to-3.3V, 2.5V LVPECL Clock Generator
10/15/15
logo
Integrated Circuit Syst...
ICS843023I ICST-ICS843023I Datasheet
196Kb / 13P
   FEMTOCLOCKS-TM CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK GENERATOR
ICS843031 ICST-ICS843031 Datasheet
211Kb / 11P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
ICS843051 ICST-ICS843051 Datasheet
241Kb / 15P
   FEMTOCLOCKS CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
ICS843001BI ICST-ICS843001BI Datasheet
233Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
ICS843251-04 ICST-ICS843251-04 Datasheet
145Kb / 10P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com