Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3207C350L Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 3207C350L
Description  FEMTOCLOCKS??CRYSTAL-TO-LVPECL 350MHZ FREQUENCY MARGINING SYNTHESIZER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

3207C350L Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 3207C350L Datasheet HTML 3Page - Integrated Device Technology 3207C350L Datasheet HTML 4Page - Integrated Device Technology 3207C350L Datasheet HTML 5Page - Integrated Device Technology 3207C350L Datasheet HTML 6Page - Integrated Device Technology 3207C350L Datasheet HTML 7Page - Integrated Device Technology 3207C350L Datasheet HTML 8Page - Integrated Device Technology 3207C350L Datasheet HTML 9Page - Integrated Device Technology 3207C350L Datasheet HTML 10Page - Integrated Device Technology 3207C350L Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
IDT/ ICSLVPECL FREQUENCY MARGINING SYNTHESIZER
7
ICS843207CY-350 REV. A DECEMBER 3, 2007
ICS843207-350
FEMTOCLOCKS™ CRYSTAL-TO-LVPECL 350MHZ FREQUENCY MARGINING SYNTHESIZER
PRELIMINARY
PARAMETER MEASUREMENT INFORMATION
t
PW
t
PERIOD
t
PW
t
PERIOD
odc =
x 100%
Q0:Q6
OUTPUT DUTY CYCLE/PULSE WIDTH/PERIOD
RMS PHASE JITTER
3.3V CORE/3.3V OUTPUT LOAD AC TEST CIRCUIT
OUTPUT RISE/FALL TIME
Clock
Outputs
20%
80%
80%
20%
tR
t F
VSWING
nQ0:nQ6
Phase Noise Mask
Offset Frequency
f
1
f
2
Phase Noise Plot
RMS Jitter = Area Under the Masked Phase Noise Plot
SCOPE
Qx
nQx
LVPECL
V
EE
2V
-1.3V ± 0.165V
2V
V
CC,
V
CCO
V
CCA


Similar Part No. - 3207C350L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3207 ETC2-3207 Datasheet
246Kb / 2P
   Heyco-Tite Brass Liquid Tight Cordgrips PG Hubs
logo
KR Electronics, Inc.
3207 KR-3207 Datasheet
126Kb / 3P
   7 MHz Linear Phase Bandpass
logo
List of Unclassifed Man...
3207 ETC2-3207 Datasheet
68Kb / 1P
   WASHERS
logo
Heyco.
3207 HEYCO-3207 Datasheet
220Kb / 1P
   Heyco® Original Series-35 Liquid Tight Cordgrips
logo
KR Electronics, Inc.
3207-SMA KR-3207-SMA Datasheet
101Kb / 3P
   7 MHz Linear Phase Bandpass
More results

Similar Description - 3207C350L

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843101I-100 ICST-ICS843101I-100 Datasheet
244Kb / 17P
   FEMTOCLOCKS??CRYSTAL-TO-LVPECL 100MHZ FREQUENCY MARGINING SYNTHESIZER
ICS843101-312 ICST-ICS843101-312 Datasheet
183Kb / 14P
   FEMTOCLOCKS??CRYSTAL-TO-LVPECL 312.5MHZ FREQUENCY MARGINING SYNTHESIZER
ICS843101I-312 ICST-ICS843101I-312 Datasheet
228Kb / 17P
   FEMTOCLOCKS??CRYSTAL-TO-LVPECL 312.5MHZ FREQUENCY MARGINING SYNTHESIZER
ICS844101I-312 ICST-ICS844101I-312 Datasheet
172Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS 312.5MHZ FREQUENCY MARGINING SYNTHESIZER
ICS843003 ICST-ICS843003 Datasheet
295Kb / 17P
   FEMTOCLOCKS CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS843003I-09 IDT-ICS843003I-09 Datasheet
702Kb / 17P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Circuit Syst...
ICS843252 ICST-ICS843252 Datasheet
196Kb / 15P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
843256I IDT-843256I Datasheet
272Kb / 17P
   FemtoClocks Crystal-to-3.3V LVPECL Frequency Synthesizer
logo
Integrated Circuit Syst...
ICS843001-21 ICST-ICS843001-21 Datasheet
191Kb / 15P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
843003AGLF IDT-843003AGLF Datasheet
1Mb / 21P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com