Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CEI309A32C1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CEI309A32C1
Description  3.2mm x 10.5mm and 3.2 x 9.0mm Tubular
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CEI309A32C1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CEI309A32C1 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MECHANICAL DIMENSIONS
Marking Guide on page F3-F4
TEL 949-366-8700
FAX 949-366-8707
WEB http://www.caliberelectronics.com
Frequency Range
3.5.000MHz to 70.000MHz (3.5000MHz to 4.000MHz = 310 Series ONLY)
Frequency Tolerance/Stability
“A” Option
“B” Option
“C” Option
Other Combinations Available. Contact Factory for Custom Specifications.
±30/50ppm Max.
±50/50ppm Max.
±30/30ppm Max.
Operating Temperature Range
“C” Option
“E” Option
-10°C to 60°C
-20°C to 70°C
Storage Temperature Range
-55°C to 125°C
Load Capacitance
“S” Option
“XX” Option
Series
18pF (Contact factory for other load capacitances)
Mode of Operation
Fundamental “1” Option
Third Overtone “3” Option
4.001MHz to 32.000MHz
30.000MHz to 70.000MHz
Drive Level
2mWatts Maximum, 100uWatts Correlation
ELECTRICAL SPECIFICATIONS
Revision: 1996-D
L
10.0 MIN
3.2 MAX
1.1 TYP
All Dimensions in mm.
Package
L
CEI310 Series
10.3 Max
CEI309 Series
9.0 Max
CEI310, CEI309 Series
3.2mm x 10.5mm and 3.2 x 9.0mm Tubular
PART NUMBERING GUIDE
Environmental/Mechanical Specifications on page F5
CEI309 B 32 C 3 - 48.000MHz
Package
CEI310 = 3.2mm X 10.5mm Maximum / Cylindrical Crystal
Mode of Operation
CEI309 = 3.2X9.0mm Maximum / Cylindrical Crystal
1=Fundamental
3=Third Overtone
Tolerance/Stability
A=±30/50
Operating Temperature Range
B=±50/50
C=-10°C to 60°C
C=±30/30
E=-20°C to 70°C
Load Capacitance
S=Series, XX=XXpF (Pico Farads)
EQUIVALENT SERIES RESISTANCE (ESR)
Frequency Range (MHz)
ESR (ohms)
Mode / Cut
3.500 to 4.000
200
Fundamental / AT
4.000 to 6.000
150
Fundamental / AT
6.000 to 10.000
100
Fundamental / AT
10.000 to 32.000
50
Fundamental / AT
30.000 to 36.000
100
3rd OT / AT
36.000 to 70.000
80
3rd OT / AT
CAL I BER
Electr on ics In c.


Similar Part No. - CEI309A32C1

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
CEI309A32C1 CALIBER-CEI309A32C1 Datasheet
40Kb / 1P
   3.2mm x 10.5mm and 3.2 x 9.0mm Tubular
More results

Similar Description - CEI309A32C1

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
CEI310 CALIBER-CEI310 Datasheet
40Kb / 1P
   3.2mm x 10.5mm and 3.2 x 9.0mm Tubular
logo
EUROQUARTZ limited
MJ EUROQUARTZ-MJ Datasheet
156Kb / 1P
   5 x 3.2 x 0.9mm SMD
X32 EUROQUARTZ-X32 Datasheet
106Kb / 1P
   3.2 x 2.5 x 0.7mm SMD
MT EUROQUARTZ-MT Datasheet
106Kb / 1P
   3.2 x 2.5 x 0.7mm SMD
X32-W EUROQUARTZ-X32-W Datasheet
135Kb / 1P
   3.2 x 2.5 x 0.7mm SMD
logo
Huber+Suhner, Inc.
08-___VJSNH-__ HUBERSUHNER-08-___VJSNH-___20 Datasheet
277Kb / 3P
   Breakout 8 x 2.0mm LSFH Ø 9.0mm
04-___VJSN_ZNG_H-__ HUBERSUHNER-04-___VJSN_ZNG_H-___22 Datasheet
197Kb / 2P
   QUADFIX 4 x 2.2mm LSFH Ø 9.0mm
logo
Transko Electronics, In...
THS32 TRANSKO-THS32 Datasheet
418Kb / 1P
   OSCILLATOR (3.2 x 2.5 x 1.1mm)
Rev. 4: Jul. 2015
logo
EUROQUARTZ limited
MJ20 EUROQUARTZ-MJ20 Datasheet
235Kb / 1P
   5 x 3.2 x 1.0mm SMD
MJ2 EUROQUARTZ-MJ2 Datasheet
148Kb / 1P
   5.0 x 3.2 x 0.9mm SMD
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com