Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8741004AGT Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 8741004AGT
Description  DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8741004AGT Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 8741004AGT Datasheet HTML 2Page - Integrated Device Technology 8741004AGT Datasheet HTML 3Page - Integrated Device Technology 8741004AGT Datasheet HTML 4Page - Integrated Device Technology 8741004AGT Datasheet HTML 5Page - Integrated Device Technology 8741004AGT Datasheet HTML 6Page - Integrated Device Technology 8741004AGT Datasheet HTML 7Page - Integrated Device Technology 8741004AGT Datasheet HTML 8Page - Integrated Device Technology 8741004AGT Datasheet HTML 9Page - Integrated Device Technology 8741004AGT Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
ICS8741004
DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS™ JITTER ATTENUATOR
IDT™ / ICS™ PCI EXPRESS™ JITTER ATTENUATOR
6
ICS8741004AG REV. ANOVEMBER 1, 2007
AC Electrical Characteristics
Table 5. 0.7V Differential AC Characteristics, VDD = VDDO = 3.3V ± 5%, TA = 0°C to 70°C
NOTE 1: This parameter is defined in accordance with JEDEC Standard 65.
NOTE 2: Defined as skew within a bank of outputs at the same voltage and with equal load conditions.
Parameter
Symbol
Test Conditions
Minimum
Typical
Maximum
Units
fMAX
Output Frequency
98
160
MHz
tjit(cc)
Cycle-to-Cycle Jitter; NOTE 1
35
ps
tsk(b)
Bank Skew, NOTE 2
30
ps
VHIGH
Output Voltage High
QBx/QBx
530
870
mV
VLOW
Output Voltage Low
QBx/QBx
-150
mV
VOVS
Max. Voltage, Overshoot
QBx/QBx
VHIGH + 0.35
V
VUDS
Min. Voltage, Undershoot
QBx/QBx
-0.3
V
Vrb
Ringback Voltage
QBx/QBx
0.2
V
VCROSS
Absolute Crossing Voltage
QBx/QBx
@ 0.7V Swing
250
550
mV
∆V
CROSS
Total Variation of VCROSS
over all edges
QBx/QBx
@ 0.7V Swing
140
mV
tR / tF
Output Rise/Fall Time
QBx/QBx
measured between
0.175V to 0.525V
175
700
ps
QAx/QAx
20% to 80%
250
600
ps
∆t
R / ∆tF
Rise/Fall Time Variation
QBx/QBx
125
ps
tRFM
Rise/Fall Matching
QBx/QBx
20
%
odc
Output Duty Cycle
48
52
%


Similar Part No. - 8741004AGT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8741004 RENESAS-8741004 Datasheet
606Kb / 20P
   Differential-to-LVDS/0.7V Differential PCI Express™ Jitter Attenuator
7/20/15
logo
Integrated Device Techn...
8741004BGI IDT-8741004BGI Datasheet
1Mb / 20P
   DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
8741004BGILF IDT-8741004BGILF Datasheet
1Mb / 20P
   DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
logo
Renesas Technology Corp
8741004BGILF RENESAS-8741004BGILF Datasheet
633Kb / 23P
   Differential-to-LVDS/0.7V Differential PCI Express™ Jitter Attenuator
January 27, 2016
logo
Integrated Device Techn...
8741004BGILFT IDT-8741004BGILFT Datasheet
1Mb / 20P
   DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
More results

Similar Description - 8741004AGT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8741004I IDT-ICS8741004I Datasheet
1Mb / 20P
   DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
ICS8741004 IDT-ICS8741004 Datasheet
793Kb / 17P
   DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
logo
Renesas Technology Corp
8741004I RENESAS-8741004I Datasheet
633Kb / 23P
   Differential-to-LVDS/0.7V Differential PCI Express™ Jitter Attenuator
January 27, 2016
8741004 RENESAS-8741004 Datasheet
606Kb / 20P
   Differential-to-LVDS/0.7V Differential PCI Express™ Jitter Attenuator
7/20/15
logo
Integrated Device Techn...
ICS871004I-04 IDT-ICS871004I-04 Datasheet
649Kb / 15P
   DIFFERENTIAL-TO-0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
871002AGI-02LF IDT-871002AGI-02LF Datasheet
795Kb / 16P
   Differential-to-0.7V HCSL Differential PCI EXPRESS??Jitter Attenuator
logo
Renesas Technology Corp
ICS871S1022 RENESAS-ICS871S1022 Datasheet
970Kb / 23P
   Differential-to-0.7V Differential PCI Express™ Jitter Attenuator
2019
871002I-02 RENESAS-871002I-02 Datasheet
353Kb / 17P
   Differential-to-0.7V HCSL Differential PCI EXPRESS™ Jitter Attenuator
7/13/15
ICS871004I-04 RENESAS-ICS871004I-04 Datasheet
1Mb / 20P
   Differential-to-HCSL Differential PCI EXPRESS™ Jitter Attenuator
SEPTEMBER 5, 2012
logo
Integrated Device Techn...
ICS874003-05 IDT-ICS874003-05 Datasheet
807Kb / 18P
   PCI EXPRESS??JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com