Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8741004BGIT Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 8741004BGIT
Description  DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8741004BGIT Datasheet(HTML) 5 Page - Integrated Device Technology

  8741004BGIT Datasheet HTML 1Page - Integrated Device Technology 8741004BGIT Datasheet HTML 2Page - Integrated Device Technology 8741004BGIT Datasheet HTML 3Page - Integrated Device Technology 8741004BGIT Datasheet HTML 4Page - Integrated Device Technology 8741004BGIT Datasheet HTML 5Page - Integrated Device Technology 8741004BGIT Datasheet HTML 6Page - Integrated Device Technology 8741004BGIT Datasheet HTML 7Page - Integrated Device Technology 8741004BGIT Datasheet HTML 8Page - Integrated Device Technology 8741004BGIT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ICS8741004I
DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS™ JITTER ATTENUATOR
PRELIMINARY
IDT™ / ICS™ PCI EXPRESS™ JITTER ATTENUATOR
5
ICS8741004BGI REV. B SEPTEMBER 27, 2007
Table 4B. LVCMOS/LVTTL DC Characteristics, VDD = VDDO = 3.3V ± 5%, TA = -40°C to 85°C
Table 4C. Differential DC Characteristics, VDD = VDDO = 3.3V ± 5%, TA = -40°C to 85°C
NOTE 1: Common mode input voltage is defined as VIH.
Table 4D. LVDS DC Characteristics, VDD = VDDO = 3.3V ± 5%, TA = -40°C to 85°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input High Voltage
OEA, OEB, MR,
F_SELA, F_SELB
2VDD + 0.3
V
BW_SEL
VDD – 0.3
VDD + 0.3
V
VIL
Input Low Voltage
OEA, OEB, MR,
F_SELA, F_SELB
-0.3
0.8
V
BW_SEL
-0.3
+0.3
V
VIM
Input Mid Voltage
BW_SEL
VDD/2 – 0.1
VDD/2 + 0.1
V
IIH
Input High Current
F_SELA, F_SELB,
MR, BW_SEL
VDD = VIN = 3.465V
150
µA
OEA, OEB
VDD = VIN = 3.465V
5
µA
IIL
Input Low Current
MR,
F_SELA, F_SELB,
VDD = 3.465V, VIN = 0V
-5
µA
OEA, OEB, BW_SEL
VDD = 3.465V, VIN = 0V
-150
µA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
IIH
Input High Current
CLK
VDD = VIN = 3.465V
150
µA
nCLK
VDD = VIN = 3.465V
5
µA
IIL
Input Low Current
CLK
VDD = 3.465V,
VIN = 0V
-5
µA
nCLK
VDD = 3.465V,
VIN = 0V
-150
µA
VPP
Peak-to-Peak Voltage
0.15
1.3
V
VCMR
Common Mode Input Voltage; NOTE 1
GND + 0.5
VDD – 0.85
V
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VOD
Differential Output Voltage
290
390
490
mV
∆V
OD
VOD Magnitude Change
50
mV
VOS
Offset Voltage
1.2
1.35
1.5
V
∆V
OS
VOS Magnitude Change
50
mV


Similar Part No. - 8741004BGIT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8741004BGILF RENESAS-8741004BGILF Datasheet
633Kb / 23P
   Differential-to-LVDS/0.7V Differential PCI Express™ Jitter Attenuator
January 27, 2016
8741004BGILFT RENESAS-8741004BGILFT Datasheet
633Kb / 23P
   Differential-to-LVDS/0.7V Differential PCI Express™ Jitter Attenuator
January 27, 2016
More results

Similar Description - 8741004BGIT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8741004 IDT-ICS8741004_1 Datasheet
1Mb / 19P
   DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
ICS8741004 IDT-ICS8741004 Datasheet
793Kb / 17P
   DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
logo
Renesas Technology Corp
8741004I RENESAS-8741004I Datasheet
633Kb / 23P
   Differential-to-LVDS/0.7V Differential PCI Express™ Jitter Attenuator
January 27, 2016
8741004 RENESAS-8741004 Datasheet
606Kb / 20P
   Differential-to-LVDS/0.7V Differential PCI Express™ Jitter Attenuator
7/20/15
logo
Integrated Device Techn...
ICS871004I-04 IDT-ICS871004I-04 Datasheet
649Kb / 15P
   DIFFERENTIAL-TO-0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
871002AGI-02LF IDT-871002AGI-02LF Datasheet
795Kb / 16P
   Differential-to-0.7V HCSL Differential PCI EXPRESS??Jitter Attenuator
logo
Renesas Technology Corp
ICS871S1022 RENESAS-ICS871S1022 Datasheet
970Kb / 23P
   Differential-to-0.7V Differential PCI Express™ Jitter Attenuator
2019
871002I-02 RENESAS-871002I-02 Datasheet
353Kb / 17P
   Differential-to-0.7V HCSL Differential PCI EXPRESS™ Jitter Attenuator
7/13/15
ICS871004I-04 RENESAS-ICS871004I-04 Datasheet
1Mb / 20P
   Differential-to-HCSL Differential PCI EXPRESS™ Jitter Attenuator
SEPTEMBER 5, 2012
logo
Integrated Device Techn...
ICS874003-05 IDT-ICS874003-05 Datasheet
807Kb / 18P
   PCI EXPRESS??JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com