Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS950910YFLF-T Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS950910YFLF-T
Description  Programmable Timing Control Hub??for P4?
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS950910YFLF-T Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS950910YFLF-T Datasheet HTML 1Page - Integrated Device Technology ICS950910YFLF-T Datasheet HTML 2Page - Integrated Device Technology ICS950910YFLF-T Datasheet HTML 3Page - Integrated Device Technology ICS950910YFLF-T Datasheet HTML 4Page - Integrated Device Technology ICS950910YFLF-T Datasheet HTML 5Page - Integrated Device Technology ICS950910YFLF-T Datasheet HTML 6Page - Integrated Device Technology ICS950910YFLF-T Datasheet HTML 7Page - Integrated Device Technology ICS950910YFLF-T Datasheet HTML 8Page - Integrated Device Technology ICS950910YFLF-T Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Integrated
Circuit
Systems, Inc.
ICS950910
0735B—09/21/07
Pin Configuration
Recommended Application:
VIA P4X/P4M/KT/KN266/333 style chipsets.
Output Features:
1 - Pair of differential CPU clocks @ 3.3V (CK408)/
1 - Pair of differential open drain CPU clocks (K7)
1 - Pair of differential push pull CPU_CS clocks @ 2.5V
3 - AGP @ 3.3V
7 - PCI @ 3.3V
1 - 48MHz @ 3.3V fixed
1 - 24_48MHz @ 3.3V
2 - REF @ 3.3V, 14.318MHz
Key Specifications:
CPU_CS - CPUT/C: <±250ps
CPU_CS - AGP: <±250ps
CPU - DDR: <±250ps
PCI - PCI: <500ps
CPU - PCI: Min = 1.0ns, Typ = 2.0ns, Max = 4.0ns
Programmable Timing Control Hub™ for P4™
Frequency Table
0
L
E
S
I
T
L
U
M
t
e
g
r
a
T
d
r
a
o
B
Z
m
r
e
T
/
e
c
a
r
T
,
R
e
c
n
e
r
e
f
e
R
=
f
e
r
I
V
D
D
)
r
R
*
3
(
/
t
u
p
t
u
O
t
n
e
r
r
u
C
Z
@
h
o
V
0s
m
h
o
0
5
,
%
1
1
2
2
=
r
R
A
m
0
0
.
5
=
f
e
r
I
F
E
R
I
*
4
=
h
o
I0
5
@
V
0
.
1
1s
m
h
o
0
5
,
%
1
5
7
4
=
r
R
A
m
2
3
.
2
=
f
e
r
I
F
E
R
I
*
6
=
h
o
I0
5
@
V
7
.
0
Bit7
Bit6
Bit5
Bit4
CPU
AGP
PCI
Spread %
Bit2
FS3
FS2
FS1
FS0
MHz
MHz
MHz
1
0
0
0
0
105.00
70.00
35.00
0.3 % Center Spread
1
0
0
0
1
140.00
70.00
35.00
0.3 % Center Spread
1
0
0
1
0
210.00
70.00
35.00
0.3 % Center Spread
1
0
0
1
1
174.99
70.00
35.00
0.3 % Center Spread
1
0
1
0
0
80.00
53.34
26.66
0.3 % Center Spread
1
0
1
0
1
106.66
53.34
26.66
0.3 % Center Spread
1
0
1
1
0
160.00
53.34
26.66
0.3 % Center Spread
1
0
1
1
1
133.33
53.34
26.66
0.3 % Center Spread
1
1
1
0
0
100.00
66.67
33.33
0.3 % Center Spread
1
1
1
0
1
133.33
66.67
33.33
0.3 % Center Spread
1
1
1
1
0
200.00
66.67
33.33
0.3 % Center Spread
1
1
1
1
1
166.66
66.67
33.33
0.3 % Center Spread
1
1
0
0
0
100.00
66.67
33.33
0 - 0.6% Down Spread
1
1
0
0
1
133.33
66.67
33.33
0 - 0.6% Down Spread
1
1
0
1
0
200.00
66.67
33.33
0 - 0.6% Down Spread
1
1
0
1
1
166.66
66.67
33.33
0 - 0.6% Down Spread
*FS0/REF0 1
56 Vtt_PWRGD#**/REF1
GND 2
55 VDDREF
X1 3
54 GND
X2 4
53 CPUCLKT/CPUCLKODT
VDDAGP 5
52 CPUCLKC/CPUCLKODC
*MODE/AGPCLK0 6
51 VDDCPU3.3
*SEL_408/K7/AGPCLK1 7
50 VDDCPU2.5
*(PCI_STOP#)AGPCLK2 8
49 CPUC_CS
GNDAGP 9
48 CPUT_CS
**FS1/PCICLK_F 10
47 GND
***PCICLK1 11
46 FBOUT
*MULTSEL/PCICLK2 12
45 BUF_IN
GNDPCI 13
44 DDRT0
PCICLK314
43DDRC0
PCICLK415
42DDRT1
VDDPCI 16
41 DDRC1
PCICLK517
40VDD2.5
*(CLK_STOP#)PCICLK6 18
39 GND
GND48 19
38 DDRT2
*FS3/48MHz 20
37 DDRC2
*FS2/24_48MHz 21
36 DDRT3
AVDD48 22
35 DDRC3
VDD 23
34 VDD2.5
GND 24
33 GND
IREF 25
32 DDRT4
*(PD#)RESET# 26
31 DDRC4
SCLK 27
30 DDRT5
SDATA 28
29 DDRC5
56-SSOP
* Internal Pull-Up Resistor
** Internal Pull-Down Resistor
*** A 120k pull-down resistor to GND is needed on this pin.
Features/Benefits:
Programmable output frequency.
Programmable output divider ratios.
Programmable output rise/fall time.
Programmable output skew.
Programmable spread percentage for EMI control.
DDR output buffer supports up to 200MHz.
Watchdog timer technology to reset system
if system malfunctions.
Programmable watch dog safe frequency.
Support I
2C Index read/write and block read/write
operations.
Uses external 14.318MHz crystal.


Similar Part No. - ICS950910YFLF-T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950910YFLF-T ICST-ICS950910YFLF-T Datasheet
183Kb / 20P
   Programmable Timing Control Hub for P4
More results

Similar Description - ICS950910YFLF-T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950201 ICST-ICS950201 Datasheet
206Kb / 16P
   Programmable Timing Control Hub??for P4?
ICS950910 ICST-ICS950910 Datasheet
183Kb / 20P
   Programmable Timing Control Hub for P4
ICS950703 ICST-ICS950703 Datasheet
158Kb / 24P
   PROGRAMMABLE TIMING CONTROL HUB FOR P4
logo
Integrated Circuit Solu...
ICS950220AFLFT ICSI-ICS950220AFLFT Datasheet
238Kb / 20P
   Programmable Timing Control Hub??for P4?
logo
Integrated Circuit Syst...
ICS950908 ICST-ICS950908 Datasheet
279Kb / 22P
   Programmable Timing Control Hub??for P4?
ICS950905 ICST-ICS950905 Datasheet
206Kb / 18P
   Programmable Timing Control Hub??for P4?
ICS950902 ICST-ICS950902 Datasheet
184Kb / 20P
   Programmable Timing Control Hub??for P4?
ICS950901 ICST-ICS950901 Datasheet
208Kb / 20P
   Programmable Timing Control Hub for P4
ICS950223 ICST-ICS950223 Datasheet
209Kb / 24P
   Programmable Timing Control Hub for P4
ICS950227 ICST-ICS950227 Datasheet
128Kb / 17P
   Programmable Timing Control Hub for P4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com