Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFB-2 Datasheet(PDF) 2 Page - Sumida Corporation

Part # TFB-2
Description  Filter Coils < Pin Type: TFB Series>
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

TFB-2 Datasheet(HTML) 2 Page - Sumida Corporation

  TFB-2 Datasheet HTML 1Page - Sumida Corporation TFB-2 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type: TFB-2
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
Filter Coils < Pin Type: TFB Series>
Specification
(Part No: 0570-T006)
Item
Specification
Input impedance
(R in)
10kΩ
Output impedance
(Rout)
10kΩ
Center frequency
F0
201kHz
Band width
(-3dB)
10kHz(TYP.)
182.8kHz
15dB Min.
Attenuation
221kHz
15dB Min.
Insertion loss
201kHz
3.4dB(TYP.)
Frequency Response (Attenuation 0dB at 201KHz)


Similar Part No. - TFB-2

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
TFB-2D SUMIDA-TFB-2D Datasheet
77Kb / 2P
   Filter Coils < Pin Type: TFB Series>
TFB-2DG SUMIDA-TFB-2DG Datasheet
70Kb / 2P
   Filter Coils
TFB-2LDG SUMIDA-TFB-2LDG Datasheet
85Kb / 2P
   Filter Coils
TFB-2LG SUMIDA-TFB-2LG Datasheet
156Kb / 2P
   Filter Coils
More results

Similar Description - TFB-2

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
TFB-2D SUMIDA-TFB-2D Datasheet
77Kb / 2P
   Filter Coils < Pin Type: TFB Series>
FB-7LG SUMIDA-FB-7LG Datasheet
82Kb / 2P
   Filter Coils < Pin Type: FB Series>
YS-4 SUMIDA-YS-4 Datasheet
107Kb / 2P
   Filter Coils < Pin Type: YS Series>
YS-3 SUMIDA-YS-3 Datasheet
98Kb / 2P
   Filter Coils < Pin Type: YS Series>
FB-7LDG SUMIDA-FB-7LDG Datasheet
84Kb / 2P
   Filter Coils < Pin Type: FB Series>
MG56 SUMIDA-MG56 Datasheet
32Kb / 1P
   IFT COILS < Pin Type: MG Series>
PG78 SUMIDA-PG78_1 Datasheet
186Kb / 2P
   IFT Coils < Pin Type: PG Series>
PG78 SUMIDA-PG78 Datasheet
67Kb / 2P
   IFT Coils < Pin Type: PG Series>
PG57 SUMIDA-PG57 Datasheet
62Kb / 2P
   IFT COILS < Pin Type: PG Series>
CY-4 SUMIDA-CY-4 Datasheet
88Kb / 2P
   Filter Coils < SMD Type: CY Series>
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com