Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMB7D0N40QA Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KMB7D0N40QA
Description  N-Ch Trench MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KMB7D0N40QA Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KMB7D0N40QA Datasheet HTML 1Page - KEC(Korea Electronics) KMB7D0N40QA Datasheet HTML 2Page - KEC(Korea Electronics) KMB7D0N40QA Datasheet HTML 3Page - KEC(Korea Electronics) KMB7D0N40QA Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2008. 1. 25
2/4
KMB7D0N40QA
Revision No : 0
ELECTRICAL CHARACTERISTICS (Ta=25
) UNLESS OTHERWISE NOTED
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
BVDSS
ID=250 A, VGS=0V
40
-
-
V
Drain Cut-off Current
IDSS
VDS=32V, VGS=0V
-
-
1
A
Gate Leakage Current
IGSS
VGS= 25V, VDS=0V
-
-
100
A
Gate Threshold Voltage
Vth
VDS=VGS, ID=250 A
1
1.8
2.5
V
Drain-Source ON Resistance
RDS(ON)*
VGS=10.0V, ID=6A
-
20
25
m
VGS=4.5V, ID=5A
-
35
45
On-State Drain Current
ID(ON)*
VDS=5V, VGS=10V
15
-
-
A
Forward Transconductance
gfs*
VDS=5V, ID=6A
-
8
-
S
Dynamic
Input Capaclitance
Ciss
VDS=25V, f=1MHz, VGS=OV
-
947
1231
pF
Ouput Capacitance
Coss
-
117
152
Reverse Transfer Capacitance
Crss
-
77
100
Total Gate Charge
Qg*
VDS=20V, VGS=10V, ID=6A
-
18.2
24
nC
VDS=20V, VGS=4.5V, ID=6A
-
8.7
12
Gate-Source Charge
Qgs*
VDS=20V, VGS=4.5V, ID=6A
-
2.8
4
Gate-Drain Charge
Qgd*
-
3.3
5
Turn-On Delat Time
td(on)*
VDD=20V, VGS=10V
ID=1A, RG=3.3
-
16.7
19
ns
Turn-On Rise Time
tr*
-
3.6
5
Turn-On Deley Time
td(off)*
-
28.7
38
Turn-On Fall Time
tf*
-
10.1
14
Source-Drain Diode Ratings
Source-Drain Forward Voltage
VSDF*
IDR=1.7A, VGS=0V
-
0.78
1.2
V
Note) *Pulse Test : Pulse width
10
, Duty cycle
1%


Similar Part No. - KMB7D0N40QA

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KMB7D0NP30QA KEC-KMB7D0NP30QA Datasheet
497Kb / 9P
   N and P-Ch Trench MOSFET
KMB7D0NP30QA KEC-KMB7D0NP30QA Datasheet
1Mb / 9P
   N and P-Ch Trench MOSFET
logo
VBsemi Electronics Co.,...
KMB7D0NP30QA VBSEMI-KMB7D0NP30QA Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
logo
KEC(Korea Electronics)
KMB7D0NP30QA KEC-KMB7D0NP30QA_11 Datasheet
1Mb / 9P
   N and P-Ch Trench MOSFET
KMB7D0NP30QA KEC-KMB7D0NP30QA_15 Datasheet
400Kb / 9P
   N and P-Ch Trench MOSFET
More results

Similar Description - KMB7D0N40QA

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KU2307K KEC-KU2307K Datasheet
80Kb / 4P
   N-Ch Trench MOSFET
KU2307Q KEC-KU2307Q Datasheet
59Kb / 4P
   N-Ch Trench MOSFET
KMB012N30QA KEC-KMB012N30QA_15 Datasheet
809Kb / 4P
   N-Ch Trench MOSFET
KMB3D5N40SA KEC-KMB3D5N40SA Datasheet
824Kb / 5P
   N-Ch Trench MOSFET
KMB054N45DA KEC-KMB054N45DA Datasheet
247Kb / 5P
   N-Ch Trench MOSFET
logo
KODENSHI_AUK CORP.
SNN4510D KODENSHI-SNN4510D Datasheet
416Kb / 8P
   N-Ch Trench MOSFET
logo
KEC(Korea Electronics)
KMB2D0N60SA KEC-KMB2D0N60SA Datasheet
471Kb / 5P
   N-Ch Trench MOSFET
KU048N03D KEC-KU048N03D Datasheet
70Kb / 4P
   N-Ch Trench MOSFET
KMB2D0N60SA KEC-KMB2D0N60SA_08 Datasheet
86Kb / 5P
   N-Ch Trench MOSFET
KMB012N30QA KEC-KMB012N30QA Datasheet
78Kb / 4P
   N-Ch Trench MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com