Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

38-01-R3C-ARTC Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # 38-01-R3C-ARTC
Description  3mm POWER LED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

38-01-R3C-ARTC Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  38-01-R3C-ARTC Datasheet HTML 1Page - Everlight Electronics Co., Ltd 38-01-R3C-ARTC Datasheet HTML 2Page - Everlight Electronics Co., Ltd 38-01-R3C-ARTC Datasheet HTML 3Page - Everlight Electronics Co., Ltd 38-01-R3C-ARTC Datasheet HTML 4Page - Everlight Electronics Co., Ltd 38-01-R3C-ARTC Datasheet HTML 5Page - Everlight Electronics Co., Ltd 38-01-R3C-ARTC Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Technical Data Sheet
3mm POWER LED
38-01/R3C-ARTC
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev.1
Page: 3 of 6
Device number: DLE-308-016
Established date: 5-15-2007
Established by: Jim Lin
Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
Min.
Typ.
Max.
Condition
Unit
Total Flux
Φ
v
4500
6000
9000
IF=70mA
mlm
Viewing Angle
2θ1/2
----
35
----
IF=70mA
deg
Peak Wavelength
λ
p
----
632
----
IF=70mA
nm
Dominant Wavelength
λ
d
620
628
632
IF=70mA
nm
Spectrum Radiation
Bandwidth
△λ
----
20
----
IF=70mA
nm
Forward Voltage
VF
2.5
2.9
3.3
IF=70mA
V
Reverse Current
IR
----
----
10
VR=5V
µA
Rank
38-01/R3C-ARTC
(1)
(2)
(3)
(1) VF(V)
(2) λd(nm)
(3)Φv(mlm)
Bin
Min
Max
Bin
Min
Max
Bin
Min
Max
5
2.5
2.7
2
620
624
R
4500
5650
6
2.7
2.9
3
624
628
S
5650
7150
7
2.9
3.1
4
628
632
T
7150
9000
8
3.1
3.3
*Measurement Uncertainty of Forward Voltage:±0.1V
*Measurement Uncertainty of Luminous Intensity: ±15%
*Measurement Uncertainty of Dominant Wavelength ±1.0nm


Similar Part No. - 38-01-R3C-ARTC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
38-01-A3C-ARTC EVERLIGHT-38-01-A3C-ARTC Datasheet
211Kb / 6P
   3mm POWER LED
38-01-A74-YSC-A2T1U1DH-AM EVERLIGHT-38-01-A74-YSC-A2T1U1DH-AM Datasheet
393Kb / 12P
   3mm Power LED
38-01-A84-RAC-D4T1U1DH EVERLIGHT-38-01-A84-RAC-D4T1U1DH Datasheet
515Kb / 16P
   3mm Advanced Super Flux LEDs
38-01-A84-RAC-D4T1U1DH-AM EVERLIGHT-38-01-A84-RAC-D4T1U1DH-AM Datasheet
610Kb / 12P
   3? Piranha
38-01-A84-S3NC-C1S2T2CH EVERLIGHT-38-01-A84-S3NC-C1S2T2CH Datasheet
392Kb / 16P
   3mm Advanced Super Flux LEDs
More results

Similar Description - 38-01-R3C-ARTC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
36-01-T4C-4PRB EVERLIGHT-36-01-T4C-4PRB Datasheet
178Kb / 8P
   3mm POWER LED
B4C-AKNB EVERLIGHT-B4C-AKNB Datasheet
140Kb / 7P
   3mm POWER LED
R5C-ARTC EVERLIGHT-R5C-ARTC Datasheet
118Kb / 6P
   3mm POWER LED
36-01-Y3C-ARTC EVERLIGHT-36-01-Y3C-ARTC Datasheet
563Kb / 6P
   3mm POWER LED
30-01-T4C-4PRB EVERLIGHT-30-01-T4C-4PRB Datasheet
150Kb / 8P
   3mm POWER LED
36-01-R3C-ARTC EVERLIGHT-36-01-R3C-ARTC Datasheet
211Kb / 6P
   3mm POWER LED
36-01-B4C-AKNB EVERLIGHT-36-01-B4C-AKNB Datasheet
172Kb / 7P
   3mm POWER LED
36-01-G4C-ARTB EVERLIGHT-36-01-G4C-ARTB Datasheet
169Kb / 7P
   3mm POWER LED
36-01-R3C-ARTC EVERLIGHT-36-01-R3C-ARTC Datasheet
211Kb / 6P
   3mm POWER LED
T4C-4PRB EVERLIGHT-T4C-4PRB Datasheet
150Kb / 8P
   3mm POWER LED
31-01-Y3C-ARTC EVERLIGHT-31-01-Y3C-ARTC Datasheet
170Kb / 6P
   3mm POWER LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com